Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3254BV-24U6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # UPSD3254BV-24U6
Description  8032 MCU with USB and Programmable Logic
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3254BV-24U6 Datasheet(HTML) 1 Page - STMicroelectronics

  UPSD3254BV-24U6 Datasheet HTML 1Page - STMicroelectronics UPSD3254BV-24U6 Datasheet HTML 2Page - STMicroelectronics UPSD3254BV-24U6 Datasheet HTML 3Page - STMicroelectronics UPSD3254BV-24U6 Datasheet HTML 4Page - STMicroelectronics UPSD3254BV-24U6 Datasheet HTML 5Page - STMicroelectronics UPSD3254BV-24U6 Datasheet HTML 6Page - STMicroelectronics UPSD3254BV-24U6 Datasheet HTML 7Page - STMicroelectronics UPSD3254BV-24U6 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
DATA BRIEFING
November 2004
For further information contact your local ST sales office.
uPSD32xx
8032 MCU with USB and Programmable Logic
FEATURES SUMMARY
FAST 8-BIT 8032 MCU
40MHz at 5.0V, 24MHz at 3.3V
Core, 12-clocks per instruction
DUAL FLASH MEMORIES WITH MEMORY
MANAGEMENT
Place either memory into 8032 program
address space or data address space
READ-while-WRITE operation for In-
Application Programming and EEPROM
emulation
Single voltage program and erase
100K minimum erase cycles, 15-year
retention
CLOCK, RESET, AND SUPPLY
MANAGEMENT
SRAM is Battery Backup capable
Normal, Idle, and Power Down Modes
Power-on and Low Voltage reset
supervisor
Programmable Watchdog Timer
PROGRAMMABLE LOGIC, GENERAL
PURPOSE
16 macrocells
Implements state machines, glue-logic,
and so forth
COMMUNICATION INTERFACES
USB v1.1, low-speed 1.5Mbps, 3
endpoints
–I2C Master/Slave bus controller
Two UARTs with independent baud rate
Six I/O ports with up to 46 I/O pins
8032 Address/Data bus available on
TQFP80 package
5 PWM outputs, 8-bit resolution
JTAG IN-SYSTEM PROGRAMMING
Program the entire device in as little as
10 seconds
Figure 1. Packages
A/D CONVERTER
Four channels, 8-bit resolution, 10µs
TIMERS AND INTERRUPTS
Three 8032 standard 16-bit timers
10 Interrupt sources with two external
interrupt pins
Single Supply Voltage
4.5 to 5.5V
3.0 to 3.6V
TQFP52 (T)
52-lead, Thin,
Quad, Flat
TQFP80 (U)
80-lead, Thin,
Quad, Flat
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - UPSD3254BV-24U6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UPSD3254BV-24U6 STMICROELECTRONICS-UPSD3254BV-24U6 Datasheet
1Mb / 176P
   Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
November 2002
UPSD3254BV-24U6 STMICROELECTRONICS-UPSD3254BV-24U6 Datasheet
79Kb / 8P
   Flash Programmable System Device with 8032 Microcontroller Core
UPSD3254BV-24U6T STMICROELECTRONICS-UPSD3254BV-24U6T Datasheet
1Mb / 175P
   Flash Programmable System Devices with 8032 Microcontroller Core
UPSD3254BV-24U6T STMICROELECTRONICS-UPSD3254BV-24U6T Datasheet
1Mb / 176P
   Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
November 2002
UPSD3254BV-24U6T STMICROELECTRONICS-UPSD3254BV-24U6T Datasheet
79Kb / 8P
   Flash Programmable System Device with 8032 Microcontroller Core
More results

Similar Description - UPSD3254BV-24U6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UPSD34XX STMICROELECTRONICS-UPSD34XX Datasheet
267Kb / 9P
   Fast Turbo 8032 MCU with USB and Programmable Logic
UPSD3212A STMICROELECTRONICS-UPSD3212A Datasheet
2Mb / 163P
   Flash Programmable System Devices with 8032 MCU with USB and Programmable Logic
UPSD33XX STMICROELECTRONICS-UPSD33XX Datasheet
3Mb / 231P
   Fast 8032 MCU with Programmable Logic
UPSD3354DV-40U6 STMICROELECTRONICS-UPSD3354DV-40U6 Datasheet
3Mb / 272P
   fast 8032 MCU with programmable logic
UPSD3422 STMICROELECTRONICS-UPSD3422_V01 Datasheet
3Mb / 300P
   Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
Rev 5 January 2009
UPSD3422 STMICROELECTRONICS-UPSD3422 Datasheet
4Mb / 264P
   Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
UPSD3422 STMICROELECTRONICS-UPSD3422_06 Datasheet
4Mb / 293P
   Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
UPSD325X STMICROELECTRONICS-UPSD325X Datasheet
1Mb / 176P
   Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
UPSD3200 STMICROELECTRONICS-UPSD3200 Datasheet
79Kb / 8P
   Flash Programmable System Device with 8032 Microcontroller Core
UPSD3234A STMICROELECTRONICS-UPSD3234A Datasheet
1Mb / 170P
   Flash Programmable System Devices with 8032 Microcontroller Core
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com