Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFBR030U3LP Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DFBR030U3LP
Description  3.0A SBR FULL BRIDGE RECTIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DFBR030U3LP Datasheet(HTML) 6 Page - Diodes Incorporated

  DFBR030U3LP Datasheet HTML 1Page - Diodes Incorporated DFBR030U3LP Datasheet HTML 2Page - Diodes Incorporated DFBR030U3LP Datasheet HTML 3Page - Diodes Incorporated DFBR030U3LP Datasheet HTML 4Page - Diodes Incorporated DFBR030U3LP Datasheet HTML 5Page - Diodes Incorporated DFBR030U3LP Datasheet HTML 6Page - Diodes Incorporated DFBR030U3LP Datasheet HTML 7Page - Diodes Incorporated DFBR030U3LP Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SBR is a registered trademark of Diodes Incorporated.
DFBR030U3LP
Document number: DS35994 Rev. 8 - 2
6 of 8
www.diodes.com
June 2015
© Diodes Incorporated
DFBR030U3LP
0.01
25
35
45
55
65
75
85
95 105 115 125
T , JUNCTION TEMPERATURE (°C)
Figure 11 Output Leakage at 5V Bias vs.
Junction Temperature
J
0.1
1
10
0.01
25
35
45
55
65
75
85
95 105 115 125
T ,
TEMPERATURE (°C)
Figure 12 Input Leakage at 16V Bias vs.
Junction Temperature
J JUNCTION
0.1
1
10
0
10
20
30
40
50
60
70
80
3
4
5
6
7
8
9
10
V
(V)
Figure 13 FET Typical On-Resistance vs.
Gate-to-Source Voltage (from 3V to 10V)
GS
I = 2A
D
V
OUT
L1_1
GND1
GND2
L1_2
D1
Q1
D2
Q2
Figure 14 Typical Application Circuit
GND1 and GND2 are not internally connected.
The user should make the connection in the PCB design.


Similar Part No. - DFBR030U3LP

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
DFB-1310-10LR-LC FINISAR-DFB-1310-10LR-LC Datasheet
231Kb / 7P
   DFB LASER DIODE LC TOSA
DFB-1310-10LR-LCA FINISAR-DFB-1310-10LR-LCA Datasheet
249Kb / 5P
   1310nm DFB Laser Diode LC TOSA
DFB-1310-4I-50SMF-FCAPC FINISAR-DFB-1310-4I-50SMF-FCAPC Datasheet
185Kb / 5P
   DFB LASER DIODE PIGTAILED PACKAGE
DFB-1310-4I-50SMF-FCUPC FINISAR-DFB-1310-4I-50SMF-FCUPC Datasheet
185Kb / 5P
   DFB LASER DIODE PIGTAILED PACKAGE
DFB-1310-4I-50SMF-SCAPC FINISAR-DFB-1310-4I-50SMF-SCAPC Datasheet
185Kb / 5P
   DFB LASER DIODE PIGTAILED PACKAGE
More results

Similar Description - DFBR030U3LP

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
KBP3005 ZSELEC-KBP3005 Datasheet
338Kb / 2P
   3.0A BRIDGE RECTIFIER
D3KB05 ZSELEC-D3KB05 Datasheet
117Kb / 2P
   3.0A BRIDGE RECTIFIER
GBP301 ZSELEC-GBP301_V01 Datasheet
85Kb / 2P
   3.0A BRIDGE RECTIFIER
logo
Diodes Incorporated
PBPC301 DIODES-PBPC301 Datasheet
51Kb / 2P
   3.0A BRIDGE RECTIFIER
DS21345 Rev. C-2
logo
Zibo Seno Electronic En...
KBP301G ZSELEC-KBP301G Datasheet
338Kb / 2P
   3.0A BRIDGE RECTIFIER
3RS101M ZSELEC-3RS101M Datasheet
95Kb / 2P
   3.0A BRIDGE RECTIFIER
logo
Diodes Incorporated
SBR3M30P1 DIODES-SBR3M30P1 Datasheet
343Kb / 4P
   3.0A SBR Surface Mount Super Barrier Rectifier
SBR3M30P1 Rev. 4 - 2
logo
Won-Top Electronics
KBPC300 WTE-KBPC300 Datasheet
32Kb / 3P
   3.0A BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
KBP301 ZSELEC-KBP301 Datasheet
338Kb / 2P
   3.0A BRIDGE RECTIFIER
UR3KB05 ZSELEC-UR3KB05 Datasheet
118Kb / 2P
   3.0A BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com