Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMC2450UV Datasheet(PDF) 8 Page - Diodes Incorporated

Part # DMC2450UV
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC2450UV Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button DMC2450UV Datasheet HTML 2Page - Diodes Incorporated DMC2450UV Datasheet HTML 3Page - Diodes Incorporated DMC2450UV Datasheet HTML 4Page - Diodes Incorporated DMC2450UV Datasheet HTML 5Page - Diodes Incorporated DMC2450UV Datasheet HTML 6Page - Diodes Incorporated DMC2450UV Datasheet HTML 7Page - Diodes Incorporated DMC2450UV Datasheet HTML 8Page - Diodes Incorporated DMC2450UV Datasheet HTML 9Page - Diodes Incorporated DMC2450UV Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
DMC2450UV
Document number: DS38197 Rev. 1 - 2
8 of 10
www.diodes.com
September 2015
© Diodes Incorporated
DMC2450UV
0
20
40
60
80
0
5
10
15
20
-V
, DRAIN-SOURCE VOLTAGE (V)
DS
Fig. 21 Typical Junction Capacitance
f = 1MHz
Ciss
C
oss
Crss
0.1
10
100
1,000
1
-V
, DRAIN-SOURCE VOLTAGE(V)
Fig. 22 Typical Drain-Source Leakage Current vs. Voltage
DS
0
4
8
12
16
20
T = 1
A
25 C
T = 8
A
5C
T = 2
A
5C
T = 1
A
50 C
0
1
2
3
4
5
6
7
8
0
0.1 0.2 0.3 0.4 0.5
0.6 0.7 0.8 0.9 1.0
Fig. 23 Gate-Charge Characteristics
Q , TOTAL GATE CHARGE (nC)
g
V
= -10V
I = -250mA
DS
D
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
-V
, DRAIN-SOURCE VOLTAGE (V)
Fig. 24 SOA, Safe Operation Area
DS
R
Limited
DS(on)
DC
P
= 10s
W
P
= 1s
W
P
= 100ms
W
P
= 10ms
W
P
= 1ms
W
P
= 100µs
W
P
= 10 s
W
µ
0.000001
0.0001
0.001
0.01
0.1
1
10
100
1,000
Fig. 25 Transient Thermal Response
t , PULSE DURATION TIME (s)
1
0.00001
0.001
0.01
0.1
1
T - T = P * R
(t)
Duty Cycle, D = t /t
J
A
JA
12
R
(t) = r(t) *
JA
R
R
= 275°C/W
JA
JA
P(pk)
t1
t2
D = 0.7
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
D = Single Pulse
D = 0.9
D = 0.5


Similar Part No. - DMC2450UV

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMC2400UV DIODES-DMC2400UV Datasheet
287Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC2400UV-13 DIODES-DMC2400UV-13 Datasheet
287Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC2400UV-13 DIODES-DMC2400UV-13 Datasheet
363Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC2400UV-7 DIODES-DMC2400UV-7 Datasheet
287Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC2400UV-7 DIODES-DMC2400UV-7 Datasheet
363Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
More results

Similar Description - DMC2450UV

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG1016UDW DIODES-DMG1016UDW_15 Datasheet
270Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4015SSD DIODES-DMC4015SSD_15 Datasheet
556Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1030UFDB DIODES-DMC1030UFDB_15 Datasheet
357Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4029SSD DIODES-DMC4029SSD_15 Datasheet
412Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMG1029SV DIODES-DMG1029SV_15 Datasheet
286Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1018UPD DIODES-DMC1018UPD Datasheet
508Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3028LSDXQ DIODES-DMC3028LSDXQ Datasheet
490Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3032LSD DIODES-DMC3032LSD_14 Datasheet
246Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
BCD Semiconductor Manuf...
DMC1028UFDB BCDSEMI-DMC1028UFDB Datasheet
666Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMC10H172SSD DIODES-DMC10H172SSD Datasheet
598Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
March 2022
DMC3730UVT DIODES-DMC3730UVT Datasheet
494Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
July 2018 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com