Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMHC4035LSD Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMHC4035LSD
Description  40V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMHC4035LSD Datasheet(HTML) 5 Page - Diodes Incorporated

  DMHC4035LSD Datasheet HTML 1Page - Diodes Incorporated DMHC4035LSD Datasheet HTML 2Page - Diodes Incorporated DMHC4035LSD Datasheet HTML 3Page - Diodes Incorporated DMHC4035LSD Datasheet HTML 4Page - Diodes Incorporated DMHC4035LSD Datasheet HTML 5Page - Diodes Incorporated DMHC4035LSD Datasheet HTML 6Page - Diodes Incorporated DMHC4035LSD Datasheet HTML 7Page - Diodes Incorporated DMHC4035LSD Datasheet HTML 8Page - Diodes Incorporated DMHC4035LSD Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DMHC4035LSD
Document number: DS36287 Rev. 1 - 2
5 of 9
www.diodes.com
January 2014
© Diodes Incorporated
DMHC4035LSD
-50 -25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
Figure 7 On-Resistance Variation with Temperature
J
°
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
V= 5V
I= 5A
GS
D
V=
V
I= 10A
GS
D
10
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
Figure 8 Gate Threshold Variation vs. Ambient Temperature
J
°
0.5
1
1.5
2
2.5
I= 1mA
D
I = 250µA
D
V , SOURCE-DRAIN VOLTAGE (V)
SD
Figure 9 Diode Forward Voltage vs. Current
T= 85°C
A
0
2
4
6
8
10
12
14
16
18
20
0
0.3
0.6
0.9
1.2
1.5
T = 125°C
A
T = 150°C
A
T= 25°C
A
T = -55°C
A
V , DRAIN-SOURCE VOLTAGE (V)
DS
Figure 10 Typical Junction Capacitance
10
100
1000
0
5
10
15
20
25
30
35
40
Ciss
Coss
Crss
Q(nC)
g, TOTAL GATE CHARGE
Figure 11 Gate Charge
0
2
4
6
8
10
02
46
8
10
12
14
V
= 20V
I=
A
DS
D
3.9
0.1
1
10
100
V , DRAIN-SOURCE VOLTAGE (V)
Figure 12 SOA, Safe Operation Area
DS
0.01
0.1
1
10
100
DC
P = 10s
W
P = 1s
W
P = 100ms
W
P = 10ms
W
P = 1ms
W
P = 100µs
W
T
= 150°C
T = 25°C
J(max)
A
V
= 4.5V
Single Pulse
GS
DUT on 1 * MRP Board


Similar Part No. - DMHC4035LSD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMHC4035LSDQ DIODES-DMHC4035LSDQ Datasheet
628Kb / 9P
   40V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
March 2018
DMHC4035LSDQ-13 DIODES-DMHC4035LSDQ-13 Datasheet
628Kb / 9P
   40V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
March 2018
More results

Similar Description - DMHC4035LSD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMHC4035LSDQ DIODES-DMHC4035LSDQ Datasheet
628Kb / 9P
   40V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
March 2018
ZXMHC3A01T8 DIODES-ZXMHC3A01T8 Datasheet
273Kb / 10P
   COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Zetex Semiconductors
ZXMHC3A01T8 ZETEX-ZXMHC3A01T8 Datasheet
285Kb / 10P
   COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET H-BRIDGE
ZXMHC6A07T8 ZETEX-ZXMHC6A07T8 Datasheet
286Kb / 10P
   COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET H-BRIDGE
ZXMHC6A07T8 ZETEX-ZXMHC6A07T8_05 Datasheet
276Kb / 10P
   COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Diodes Incorporated
DMHC6070LSD DIODES-DMHC6070LSD Datasheet
589Kb / 10P
   60V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
April 2016
ZXMHC6A07T8 DIODES-ZXMHC6A07T8 Datasheet
283Kb / 10P
   COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Zetex Semiconductors
ZXMHC10A07T8 ZETEX-ZXMHC10A07T8 Datasheet
283Kb / 10P
   COMPLEMENTARY 100V ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Diodes Incorporated
ZXMHC10A07T8 DIODES-ZXMHC10A07T8 Datasheet
293Kb / 10P
   COMPLEMENTARY 100V ENHANCEMENT MODE MOSFET H-BRIDGE
DMHC3025LSD DIODES-DMHC3025LSD Datasheet
373Kb / 9P
   30V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com