Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMHC4035LSD Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMHC4035LSD
Description  40V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMHC4035LSD Datasheet(HTML) 3 Page - Diodes Incorporated

  DMHC4035LSD Datasheet HTML 1Page - Diodes Incorporated DMHC4035LSD Datasheet HTML 2Page - Diodes Incorporated DMHC4035LSD Datasheet HTML 3Page - Diodes Incorporated DMHC4035LSD Datasheet HTML 4Page - Diodes Incorporated DMHC4035LSD Datasheet HTML 5Page - Diodes Incorporated DMHC4035LSD Datasheet HTML 6Page - Diodes Incorporated DMHC4035LSD Datasheet HTML 7Page - Diodes Incorporated DMHC4035LSD Datasheet HTML 8Page - Diodes Incorporated DMHC4035LSD Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DMHC4035LSD
Document number: DS36287 Rev. 1 - 2
3 of 9
www.diodes.com
January 2014
© Diodes Incorporated
DMHC4035LSD
Electrical Characteristics N-CHANNEL (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 6)
Drain-Source Breakdown Voltage
BVDSS
40
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current
IDSS
1
μA
VDS = 40V, VGS = 0V
Gate-Source Leakage
IGSS
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 6)
Gate Threshold Voltage
VGS(th)
1
3
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS (ON)
26
45
mΩ
VGS = 10V, ID = 3.9A
35
58
VGS = 4.5V, ID = 3.5A
Diode Forward Voltage
VSD
0.7
1
V
VGS = 0V, IS = 1.25A
DYNAMIC CHARACTERISTICS (Note 7)
Input Capacitance
Ciss
574
pF
VDS = 20V, VGS = 0V,
f = 1MHz
Output Capacitance
Coss
87.8
Reverse Transfer Capacitance
Crss
38.7
Gate resistance
Rg
1.6
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = 4.5V)
Qg
5.9
nC
VDS = 20V, ID = 3.9A
Total Gate Charge (VGS = 10V)
Qg
12.5
Gate-Source Charge
Qgs
1.7
Gate-Drain Charge
Qgd
2.2
Turn-On Delay Time
tD(on)
3.1
ns
VDD = 20V, VGS = 10V,
RL = 20Ω, RG = 6Ω,
Turn-On Rise Time
tr
2.6
Turn-Off Delay Time
tD(off)
15
Turn-Off Fall Time
tf
5.5
Reverse Recovery Time
trr
6.5
ns
IF = 3.9A, di/dt = 500A/μs
Reverse Recovery Charge
Qrr
1.2
nC
Electrical Characteristics P-CHANNEL (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 6)
Drain-Source Breakdown Voltage
BVDSS
-40
V
VGS = 0V, ID = -250μA
Zero Gate Voltage Drain Current
IDSS
-1
μA
VDS = -40V, VGS = 0V
Gate-Source Leakage
IGSS
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 6)
Gate Threshold Voltage
VGS(th)
-1
-3
V
VDS = VGS, ID = -250μA
Static Drain-Source On-Resistance
RDS (ON)
49
65
mΩ
VGS = -10V, ID = -4.2A
73
100
VGS = -4.5V, ID = -3.3A
Diode Forward Voltage
VSD
-0.7
-1.2
V
VGS = 0V, IS = -1A
DYNAMIC CHARACTERISTICS (Note 7)
Input Capacitance
Ciss
587
pF
VDS = -20V, VGS = 0V,
f = 1MHz
Output Capacitance
Coss
88.1
pF
Reverse Transfer Capacitance
Crss
40.2
pF
Gate resistance
Rg
12.3
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = -4.5V)
Qg
5.4
nC
VDS = -20V, ID = -4.2A
Total Gate Charge (VGS = -10V)
Qg
11.1
nC
Gate-Source Charge
Qgs
1.5
nC
Gate-Drain Charge
Qgd
2
nC
Turn-On Delay Time
tD(on)
3.6
ns
VDD = -15V, VGS = -10V,
RG = 6Ω, ID = -1A
Turn-On Rise Time
tr
2.9
ns
Turn-Off Delay Time
tD(off)
36.3
ns
Turn-Off Fall Time
tf
15.3
ns
Reverse Recovery Time
trr
15.5
ns
IF = -4.2A, di/dt = 500A/μs
Reverse Recovery Charge
Qrr
16.9
nC
Notes:
6. Short duration pulse test used to minimize self-heating effect.
7. Guaranteed by design. Not subject to product testing.


Similar Part No. - DMHC4035LSD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMHC4035LSDQ DIODES-DMHC4035LSDQ Datasheet
628Kb / 9P
   40V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
March 2018
DMHC4035LSDQ-13 DIODES-DMHC4035LSDQ-13 Datasheet
628Kb / 9P
   40V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
March 2018
More results

Similar Description - DMHC4035LSD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMHC4035LSDQ DIODES-DMHC4035LSDQ Datasheet
628Kb / 9P
   40V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
March 2018
ZXMHC3A01T8 DIODES-ZXMHC3A01T8 Datasheet
273Kb / 10P
   COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Zetex Semiconductors
ZXMHC3A01T8 ZETEX-ZXMHC3A01T8 Datasheet
285Kb / 10P
   COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET H-BRIDGE
ZXMHC6A07T8 ZETEX-ZXMHC6A07T8 Datasheet
286Kb / 10P
   COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET H-BRIDGE
ZXMHC6A07T8 ZETEX-ZXMHC6A07T8_05 Datasheet
276Kb / 10P
   COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Diodes Incorporated
DMHC6070LSD DIODES-DMHC6070LSD Datasheet
589Kb / 10P
   60V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
April 2016
ZXMHC6A07T8 DIODES-ZXMHC6A07T8 Datasheet
283Kb / 10P
   COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Zetex Semiconductors
ZXMHC10A07T8 ZETEX-ZXMHC10A07T8 Datasheet
283Kb / 10P
   COMPLEMENTARY 100V ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Diodes Incorporated
ZXMHC10A07T8 DIODES-ZXMHC10A07T8 Datasheet
293Kb / 10P
   COMPLEMENTARY 100V ENHANCEMENT MODE MOSFET H-BRIDGE
DMHC3025LSD DIODES-DMHC3025LSD Datasheet
373Kb / 9P
   30V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com