Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN2028UFDF Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN2028UFDF
Description  20V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2028UFDF Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN2028UFDF Datasheet HTML 1Page - Diodes Incorporated DMN2028UFDF Datasheet HTML 2Page - Diodes Incorporated DMN2028UFDF Datasheet HTML 3Page - Diodes Incorporated DMN2028UFDF Datasheet HTML 4Page - Diodes Incorporated DMN2028UFDF Datasheet HTML 5Page - Diodes Incorporated DMN2028UFDF Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DMN2028UFDF
Datasheet number: DS37937 Rev. 2 - 2
4 of 6
www.diodes.com
December 2015
© Diodes Incorporated
DMN2028UFDF
0.01
0.1
1
10
100
0.1
1
10
100
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 12. SOA, Safe Operation Area
T
J(MAX)=150℃
T
A=25℃
Single Pulse
DUT on 1*MRP board
V
GS=4.5V
R
DS(ON) Limited
DC
P
W=10s
P
W=1s
P
W=100ms
P
W=10ms
P
W=1ms
P
W=100μs
0
0.005
0.01
0.015
0.02
0.025
0.03
0.035
0.04
0.045
0.05
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 7. On-Resistance Variation with Temperature
V
GS=4.5V, ID=6.5A
V
GS=2.5V, ID=5.5A
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 8. Gate Threshold Variation vs. Temperature
I
D=1mA
I
D=250μA
10
100
1000
10000
0
2
4
6
8
10
12
14
16
18
20
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 10. Typical Junction Capacitance
f=1MHz
Ciss
Coss
Crss
0
5
10
15
20
25
30
0
0.3
0.6
0.9
1.2
1.5
V
SD, SOURCE-DRAIN VOLTAGE (V)
Figure 9. Diode Forward Voltage vs. Current
V
GS=0V, TA=-55℃
V
GS=0V, TA=25℃
V
GS=0V, TA=150℃
V
GS=0V, TA=125℃
V
GS=0V, TA=85℃
0
2
4
6
8
0
2
4
6
8
10
12
14
16
18
20
Q
g (nC)
Figure 11. Gate Charge
V
DS=10V, ID=6.5A


Similar Part No. - DMN2028UFDF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN2028UFDH DIODES-DMN2028UFDH Datasheet
281Kb / 6P
   Low On-Resistance
DMN2028UFDH-7 DIODES-DMN2028UFDH-7 Datasheet
281Kb / 6P
   Low On-Resistance
DMN2028UFDH DIODES-DMN2028UFDH_15 Datasheet
281Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
More results

Similar Description - DMN2028UFDF

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A01E6 ZETEX-ZXMN2A01E6_06 Datasheet
198Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A01F ZETEX-ZXMN2A01F Datasheet
85Kb / 4P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTA090N02KC3 CYSTEKEC-MTA090N02KC3 Datasheet
395Kb / 8P
   20V N-Channel Enhancement Mode MOSFET
logo
First Components Intern...
FMS06N20D FCI-FMS06N20D Datasheet
232Kb / 2P
   20V N-Channel Enhancement-Mode MOSFET
logo
Cystech Electonics Corp...
MTA340N02S3 CYSTEKEC-MTA340N02S3 Datasheet
431Kb / 9P
   20V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN2A01F DIODES-ZXMN2A01F Datasheet
223Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A03E6 DIODES-ZXMN2A03E6 Datasheet
203Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2320 TSC-TSM2320 Datasheet
263Kb / 5P
   20V N-Channel Enhancement Mode MOSFET
TSM2832 TSC-TSM2832 Datasheet
170Kb / 5P
   20V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTN2302N3 CYSTEKEC-MTN2302N3 Datasheet
212Kb / 5P
   20V N-CHANNEL Enhancement Mode MOSFET
MTN2300N3 CYSTEKEC-MTN2300N3 Datasheet
476Kb / 5P
   20V N-CHANNEL Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com