Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMP3015LSSQ-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMP3015LSSQ-13
Description  SINGLE P-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP3015LSSQ-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP3015LSSQ-13 Datasheet HTML 1Page - Diodes Incorporated DMP3015LSSQ-13 Datasheet HTML 2Page - Diodes Incorporated DMP3015LSSQ-13 Datasheet HTML 3Page - Diodes Incorporated DMP3015LSSQ-13 Datasheet HTML 4Page - Diodes Incorporated DMP3015LSSQ-13 Datasheet HTML 5Page - Diodes Incorporated DMP3015LSSQ-13 Datasheet HTML 6Page - Diodes Incorporated DMP3015LSSQ-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMP3015LSSQ
Document number: DS38013 Rev. 2 - 2
2 of 7
www.diodes.com
September 2015
© Diodes Incorporated
DMP3015LSSQ
Marking Information
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
-30
V
Gate-Source Voltage
VGSS
20
V
Drain Current (Note 6)
Steady
State
TA = +25°C
TA = +70°C
ID
-13
-9.75
A
Pulsed Drain Current (Note 7)
IDM
-45
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 6)
PD
2.5
W
Thermal Resistance, Junction to Ambient
RθJA
50
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
6. Device mounted on 2 oz. Copper pads on FR-4 PCB with RθJA = +50°C/W.
7. Pulse width
10μS, Duty Cycle 1%.
1
4
8
5
P3015LS
WW
YY
= Manufacturer’s Marking
P3015LS = Product Type Marking Code
YYWW = Date Code Marking
YY = Year (ex: 13 = 2013)
WW = Week (01 - 53)


Similar Part No. - DMP3015LSSQ-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP3015LSS DIODES-DMP3015LSS Datasheet
246Kb / 5P
   SINGLE P-CHANNEL ENHANCEMENT MODE MOSFET
DMP3015LSS-13 DIODES-DMP3015LSS-13 Datasheet
246Kb / 5P
   SINGLE P-CHANNEL ENHANCEMENT MODE MOSFET
DMP3015LSS DIODES-DMP3015LSS_15 Datasheet
264Kb / 5P
   SINGLE P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP3015LSSQ-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP3015LSS DIODES-DMP3015LSS_15 Datasheet
264Kb / 5P
   SINGLE P-CHANNEL ENHANCEMENT MODE MOSFET
DMP3020LSS DIODES-DMP3020LSS_15 Datasheet
251Kb / 6P
   SINGLE P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2022LSS DIODES-DMP2022LSS Datasheet
126Kb / 5P
   SINGLE P-CHANNEL ENHANCEMENT MODE MOSFET
DMP3035LSS DIODES-DMP3035LSS Datasheet
175Kb / 5P
   SINGLE P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2066LSS DIODES-DMP2066LSS Datasheet
161Kb / 4P
   SINGLE P-CHANNEL ENHANCEMENT MODE MOSFET
logo
HUAYI MICROELECTRONICS ...
HYG110P04LQ1C2 HUAYI-HYG110P04LQ1C2 Datasheet
837Kb / 10P
   Single P-Channel Enhancement Mode MOSFET
HY15P03C2 HUAYI-HY15P03C2 Datasheet
2Mb / 9P
   Single P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP3035LSS DIODES-DMP3035LSS_17 Datasheet
647Kb / 6P
   SINGLE P-CHANNEL ENHANCEMENT MODE MOSFET
logo
HUAYI MICROELECTRONICS ...
HYG065P03LQ1C2 HUAYI-HYG065P03LQ1C2 Datasheet
1Mb / 9P
   Single P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP2022LSS DIODES-DMP2022LSS_17 Datasheet
474Kb / 6P
   SINGLE P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com