Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54AC174 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54AC174
Description  Hex D Flip-Flop with Master Reset
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC174 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  54AC174 Datasheet HTML 1Page - National Semiconductor (TI) 54AC174 Datasheet HTML 2Page - National Semiconductor (TI) 54AC174 Datasheet HTML 3Page - National Semiconductor (TI) 54AC174 Datasheet HTML 4Page - National Semiconductor (TI) 54AC174 Datasheet HTML 5Page - National Semiconductor (TI) 54AC174 Datasheet HTML 6Page - National Semiconductor (TI) 54AC174 Datasheet HTML 7Page - National Semiconductor (TI) 54AC174 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AC Electrical Characteristics
Symbol
Parameter
V
CC
54AC
Units
(V)
T
A = −55˚C to +125˚C
Fig.
(Note 8)
C
L = 50 pF
No.
Min
Max
f
max
Maximum Clock
3.3
65
MHz
Frequency
5.0
90
t
PLH
Propagation Delay
3.3
1.0
14.0
ns
CP to Q
n
5.0
1.5
10.5
t
PHL
Propagation Delay
3.3
1.0
13.0
ns
CP to Q
n
5.0
1.5
10.0
t
PHL
Propagation Delay
3.3
1.0
13.5
ns
MR to Q
n
5.0
1.5
11.0
Note 8: Voltage Range 3.3 is 3.3V ±0.3V
Voltage Range 5.0 is 5.0V ±0.5V
AC Operating Requirements
54AC
V
CC
T
A = −55˚C
Fig.
Symbol
Parameter
(V)
to +125˚C
Units
No.
(Note 9)
C
L = 50 pF
Guaranteed Minimum
t
s
Setup Time, HIGH or LOW
3.3
7.5
ns
D
n to CP
5.0
5.5
t
h
Hold Time, HIGH or LOW
3.3
3.0
ns
D
n to CP
5.0
3.0
t
w
MR Pulse Width, LOW
3.3
7.0
ns
5.0
5.0
t
w
CP Pulse Width
3.3
7.0
ns
5.0
5.0
t
rec
Recovery Time
3.3
3.0
ns
MR to CP
5.0
2.0
Note 9: Voltage Range 3.3 is 3.3V ±0.3V
Voltage Range 5.0 is 5.0V ±0.5V
AC Electrical Characteristics
Symbol
Parameter
V
CC
(V)
(Note 10)
54ACT
Units
Fig.
No.
T
A = −55˚C to +125˚C
C
L = 50 pF
Min
Max
f
max
Maximum Clock
5.0
95
MHz
Frequency
t
PLH
Propagation Delay
5.0
1.5
12.5
ns
CP to Q
n
t
PHL
Propagation Delay
5.0
1.5
13.0
ns
CP to Q
n
t
PHL
Propagation Delay
5.0
1.5
12.0
ns
MR to Q
n
Note 10: Voltage Range 5.0 is 5.0V ±0.5V
5
www.national.com


Similar Part No. - 54AC174

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC175 NSC-54AC175 Datasheet
141Kb / 8P
   Quad D Flip-Flop
logo
Texas Instruments
54AC175 TI1-54AC175 Datasheet
141Kb / 8P
[Old version datasheet]   Quad D Flip-Flop
logo
National Semiconductor ...
54AC175D NSC-54AC175D Datasheet
141Kb / 8P
   Quad D Flip-Flop
54AC175F NSC-54AC175F Datasheet
141Kb / 8P
   Quad D Flip-Flop
54AC175L NSC-54AC175L Datasheet
141Kb / 8P
   Quad D Flip-Flop
More results

Similar Description - 54AC174

ManufacturerPart #DatasheetDescription
logo
AVG Semiconductors(HITE...
DV74ACT174 AVG-DV74ACT174 Datasheet
310Kb / 4P
   Hex D Flip-flop with Master Reset
logo
National Semiconductor ...
54F174DM NSC-54F174DM Datasheet
166Kb / 8P
   Hex D Flip-Flop with Master Reset
logo
Fairchild Semiconductor
74F174 FAIRCHILD-74F174 Datasheet
57Kb / 6P
   Hex D-Type Flip-Flop with Master Reset
logo
ON Semiconductor
MC10186 ONSEMI-MC10186 Datasheet
108Kb / 5P
   Hex D Master-Slave Flip-Flop With Reset
1996 REV 5
MC10186 ONSEMI-MC10186_02 Datasheet
110Kb / 8P
   Hex D Master-Slave Flip-Flop with Reset
January, 2002 ??Rev. 7
logo
Renesas Technology Corp
HD74AC174 RENESAS-HD74AC174 Datasheet
210Kb / 8P
   Hex D-Type Flip-Flop with Master Reset
logo
Hitachi Semiconductor
HD74AC174 HITACHI-HD74AC174 Datasheet
56Kb / 9P
   Hex D-Type Flip-Flop with Master Reset
logo
Fairchild Semiconductor
74F174 FAIRCHILD-74F174_00 Datasheet
79Kb / 7P
   Hex D-Type Flip-Flop with Master Reset
logo
ON Semiconductor
MC10H186 ONSEMI-MC10H186 Datasheet
100Kb / 4P
   Hex D Master-Slave Flip-Flop with Reset
1996 REV 5
logo
Fairchild Semiconductor
74AC174 FAIRCHILD-74AC174 Datasheet
99Kb / 9P
   Hex D-Type Flip-Flop with Master Reset
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com