Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDM2A20CSP Datasheet(PDF) 4 Page - Diodes Incorporated

Part # SDM2A20CSP
Description  2.0A SCHOTTKY BARRIER RECTIFIER CHIP SCALE PACKAGE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SDM2A20CSP Datasheet(HTML) 4 Page - Diodes Incorporated

  SDM2A20CSP Datasheet HTML 1Page - Diodes Incorporated SDM2A20CSP Datasheet HTML 2Page - Diodes Incorporated SDM2A20CSP Datasheet HTML 3Page - Diodes Incorporated SDM2A20CSP Datasheet HTML 4Page - Diodes Incorporated SDM2A20CSP Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SDM2A20CSP
Document number: DS37986 Rev. 3 - 2
4 of 5
www.diodes.com
January 2016
© Diodes Incorporated
SDM2A20CSP
P
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
X3-WLB1406-2
Dim
Min
Max
Typ
A
0.250 0.300 0.275
A1
0.000 0.015
-
b
0.45
0.55
-
b1
0.45
0.55
-
D
1.37
1.43
1.40
E
0.57
0.63
0.60
k
-
-
0.30
L1
0.20
0.26
-
L2
0.70
0.80
-
All Dimensions in mm
Dimensions
Value
(in mm)
X
0.304
X1
0.840
X2
1.352
Y
0.580
L2
Seating Plane
A1
A
b1
D
b
L1
k
R = 100
E
X2
Y
X
X1


Similar Part No. - SDM2A20CSP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SDM2A20CSP DIODES-SDM2A20CSP Datasheet
653Kb / 2P
   Industry’s Smallest 4A and 5A Schottky Rectifiers Set New Benchmarks in Current Density
More results

Similar Description - SDM2A20CSP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SDM2U20CSP DIODES-SDM2U20CSP Datasheet
418Kb / 6P
   2.0A SCHOTTKY BARRIER RECTIFER CHIP SCALE PACKAGE
December 2015
logo
Vishay Siliconix
FCSP1H40LTR VISHAY-FCSP1H40LTR Datasheet
123Kb / 5P
   Chip Scale Package Schottky Barrier Rectifier
Revision: 27-Mar-08
FCSP130LTR VISHAY-FCSP130LTR Datasheet
120Kb / 5P
   Chip Scale Package Schottky Barrier Rectifier
Revision: 02-Jul-08
FCSP240LTR VISHAY-FCSP240LTR Datasheet
126Kb / 5P
   Chip Scale Package Schottky Barrier Rectifier
Revision: 27-Mar-08
FCSP230LTR VISHAY-FCSP230LTR Datasheet
123Kb / 5P
   Chip Scale Package Schottky Barrier Rectifier
Revision: 02-Jul-08
FCSP140LTR VISHAY-FCSP140LTR Datasheet
121Kb / 5P
   Chip Scale Package Schottky Barrier Rectifier
Revision: 27-Mar-08
FCSP2H40LTR VISHAY-FCSP2H40LTR Datasheet
127Kb / 5P
   Chip Scale Package Schottky Barrier Rectifier
Revision: 27-Mar-08
logo
Diodes Incorporated
SDM2U30CSP DIODES-SDM2U30CSP Datasheet
441Kb / 4P
   2A SCHOTTKY BARRIER RECTIFIER CHIP SCALE PACKAGE
SDM05U40CSP DIODES-SDM05U40CSP_15 Datasheet
458Kb / 5P
   0.5A SCHOTTKY BARRIER RECTIFIER CHIP SCALE PACKAGE
SDM1U40CSP DIODES-SDM1U40CSP_15 Datasheet
402Kb / 4P
   1.0A SCHOTTKY BARRIER RECTIFIER CHIP SCALE PACKAGE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com