Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS3132 Datasheet(PDF) 5 Page - Advanced Monolithic Systems Ltd

Part # AMS3132
Description  3A Fast Transient Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS3132 Datasheet(HTML) 5 Page - Advanced Monolithic Systems Ltd

  AMS3132 Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS3132 Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS3132 Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS3132 Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS3132 Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS3132 Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS3132 Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS3132 Datasheet HTML 8Page - Advanced Monolithic Systems Ltd AMS3132 Datasheet HTML 9Page - Advanced Monolithic Systems Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AMS3132
3A Fast Transient Linear Regulator
02/11/2010
www.advanced-monolithic.com
Phone (925) 443-0722
5
Fax (925) 443-0723
Typical Performance Characteristics (TA = 25°C unless otherwise specified)
0.0
0.5
1.0
1.5
2.0
012
345
67
Input Voltage (V)
Shutdown Current vs. Input Voltage
125°C
‐50°C
25°C
0
10
20
30
40
50
60
70
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Output Current (A)
IGND vs. Output Current VO=2.5V, VIN=3.3V
100 µsec/div
Enable Start-Up
2.5A, VOUT=2.5V,VIN=3.3V, CIN=COUT=22µF
Enable
1V/div
V OUT
1V /div
10 µsec/div
Load Transient
200mA to 2.8A, VOUT=2.5V,VIN=3.6V, CIN=COUT=22µF
ISW OUT
1A
/div
V OUT
50mVac
/div


Similar Part No. - AMS3132

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS3132 ADMOS-AMS3132 Datasheet
439Kb / 10P
   Current Limit protection
AMS3132M ADMOS-AMS3132M Datasheet
439Kb / 10P
   Current Limit protection
AMS3132M-PG ADMOS-AMS3132M-PG Datasheet
439Kb / 10P
   Current Limit protection
AMS3132M-XX-PG ADMOS-AMS3132M-XX-PG Datasheet
439Kb / 10P
   Current Limit protection
More results

Similar Description - AMS3132

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS3131 AMS-AMS3131 Datasheet
319Kb / 9P
   3A Fast Transient Linear Regulator
logo
National Semiconductor ...
LP38513-ADJ NSC-LP38513-ADJ Datasheet
382Kb / 12P
   3A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
Texas Instruments
LP38513-ADJ TI1-LP38513-ADJ Datasheet
1Mb / 18P
[Old version datasheet]   3A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3120 AMS-AMS3120 Datasheet
409Kb / 9P
   2A Fast Transient Linear Regulator
logo
List of Unclassifed Man...
PS22924 ETC2-PS22924 Datasheet
585Kb / 9P
   Fast Transient Response Linear Regulator
logo
Advanced Monolithic Sys...
AMS3121 AMS-AMS3121 Datasheet
327Kb / 9P
   2A Fast Transient Linear Regulator
logo
List of Unclassifed Man...
PS22922 ETC2-PS22922 Datasheet
426Kb / 8P
   Fast Transient Response Linear Regulator
logo
Monolithic Power System...
MP2040 MPS-MP2040 Datasheet
383Kb / 12P
   Fast Transient Response, 3A Dual Supply Very Low Dropout Linear Regulator
logo
ON Semiconductor
NCV8177 ONSEMI-NCV8177_18 Datasheet
352Kb / 13P
   Linear Voltage Regulator Fast Transient Response
March, 2018 ??Rev. 5
logo
National Semiconductor ...
LP3876-ADJ NSC-LP3876-ADJ Datasheet
303Kb / 14P
   3A Fast Ultra Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com