Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS3132M-PG Datasheet(PDF) 2 Page - Advanced Monolithic Systems Ltd

Part # AMS3132M-PG
Description  3A Fast Transient Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS3132M-PG Datasheet(HTML) 2 Page - Advanced Monolithic Systems Ltd

  AMS3132M-PG Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS3132M-PG Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS3132M-PG Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS3132M-PG Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS3132M-PG Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS3132M-PG Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS3132M-PG Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS3132M-PG Datasheet HTML 8Page - Advanced Monolithic Systems Ltd AMS3132M-PG Datasheet HTML 9Page - Advanced Monolithic Systems Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AMS3132
3A Fast Transient Linear Regulator
02/11/2010
www.advanced-monolithic.com
Phone (925) 443-0722
2
Fax (925) 443-0723
Pin Description (TO-263 5-Pin Package)
Pin #
Symbol
Description
1
EN
Enable pin. It controls the electrical on/off of the device. When connected to logic
low, the device shuts off and consumes less than 1µA of current. Logic high will
resume normal operation.
PG
Power Good pin. It is an open collector, active high output that indicates the
status of the output voltage. When output voltage (VOUT) exceeds the PG trip
threshold, the PG pin goes in to a high impedance state. When the device is out
of regulation or shutdown, the PG pin is pulled low. A 10KΩ to 1MΩ resistor
should be connected from PG to VOUT.
2
VIN
Input supply Voltage. It powers the internal control circuitry and the internal power
switch. Bypass VIN with at ceramic capacitor from this pin to ground.
3
GND
Ground connection.
4
VOUT
Output Voltage
5
ADJ
Provides feedback to error amplifier from the resistive divider that sets the output
voltage.
PG
Power Good pin. It is an open collector, active high output that indicates the
status of the output voltage. When output voltage (VOUT) exceeds the PG trip
threshold, the PG pin goes in to a high impedance state. When the device is out
of regulation or shutdown, the PG pin is pulled low. A 10KΩ to 1MΩ resistor
should be connected from PG to VOUT.
Pin Configuration


Similar Part No. - AMS3132M-PG

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS3132M-PG ADMOS-AMS3132M-PG Datasheet
439Kb / 10P
   Current Limit protection
More results

Similar Description - AMS3132M-PG

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS3131 AMS-AMS3131 Datasheet
319Kb / 9P
   3A Fast Transient Linear Regulator
logo
National Semiconductor ...
LP38513-ADJ NSC-LP38513-ADJ Datasheet
382Kb / 12P
   3A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
Texas Instruments
LP38513-ADJ TI1-LP38513-ADJ Datasheet
1Mb / 18P
[Old version datasheet]   3A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3120 AMS-AMS3120 Datasheet
409Kb / 9P
   2A Fast Transient Linear Regulator
logo
List of Unclassifed Man...
PS22924 ETC2-PS22924 Datasheet
585Kb / 9P
   Fast Transient Response Linear Regulator
logo
Advanced Monolithic Sys...
AMS3121 AMS-AMS3121 Datasheet
327Kb / 9P
   2A Fast Transient Linear Regulator
logo
List of Unclassifed Man...
PS22922 ETC2-PS22922 Datasheet
426Kb / 8P
   Fast Transient Response Linear Regulator
logo
Monolithic Power System...
MP2040 MPS-MP2040 Datasheet
383Kb / 12P
   Fast Transient Response, 3A Dual Supply Very Low Dropout Linear Regulator
logo
ON Semiconductor
NCV8177 ONSEMI-NCV8177_18 Datasheet
352Kb / 13P
   Linear Voltage Regulator Fast Transient Response
March, 2018 ??Rev. 5
logo
National Semiconductor ...
LP3876-ADJ NSC-LP3876-ADJ Datasheet
303Kb / 14P
   3A Fast Ultra Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com