Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DO3316P Datasheet(PDF) 7 Page - Advanced Monolithic Systems Ltd

Part # DO3316P
Description  3A 20V Step-Down Converter plus 1A LDO
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

DO3316P Datasheet(HTML) 7 Page - Advanced Monolithic Systems Ltd

Back Button DO3316P Datasheet HTML 3Page - Advanced Monolithic Systems Ltd DO3316P Datasheet HTML 4Page - Advanced Monolithic Systems Ltd DO3316P Datasheet HTML 5Page - Advanced Monolithic Systems Ltd DO3316P Datasheet HTML 6Page - Advanced Monolithic Systems Ltd DO3316P Datasheet HTML 7Page - Advanced Monolithic Systems Ltd DO3316P Datasheet HTML 8Page - Advanced Monolithic Systems Ltd DO3316P Datasheet HTML 9Page - Advanced Monolithic Systems Ltd DO3316P Datasheet HTML 10Page - Advanced Monolithic Systems Ltd DO3316P Datasheet HTML 11Page - Advanced Monolithic Systems Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
AMS4123
3A 20V Step-Down Converter + 1A LDO
3/5/2010
www.advanced-monolithic.com
Phone (925) 443-0722
7
Fax (925) 443-0723
Typical Characteristics
20 µsec/div
Step-Down Converter Load Transient
200mA to 1.2A, Vsw out = 2.5V,Vin=12V
ISW out
500mA
/div
VSW out
100mVac
/div
40 µsec/div
Step-Down Converter Load Transient
200mA to 2A, Vsw out = 2.5V, Vin=12V
ISW out
500mA
/div
VSW out
100mVac
/div
2 µsec/div
LDO 200mA to 800mA Transient Response,
VLDO in=3.3V, Co=2.2µF, VLDO out = 1.8V, Vin=12V
ILDO out
500mA
/div
VLDO out
100mVac
/div
20 µsec/div
LDO Transient Response
No Load to 1A, VLDO in=Vsw out =2.5V,
ILDO out
1A/div
VLDO out
100mVac
/div
VSW out
200mVac/
div
ISW out
1A/div
VSW out
100mVac
/div
2 msec/div
Step-Down Converter Load Transient
No Load to 2A,VSW out=2.5V, Vin=12V
1 µsec/div
VSW out
20mVac
/div
IL
1A/div
VSW
5V/div
Step-Down Converter Output Ripple
VSW out =2.5V, ISW out=1.8A, Vin=12V


Similar Part No. - DO3316P

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DO3316P-102 COILCRAFT-DO3316P-102 Datasheet
210Kb / 2P
   SMT Power Inductors ??DO3316P Series
DO3316P-102 COILCRAFT-DO3316P-102 Datasheet
210Kb / 2P
   SMT Power Inductors ??DO3316P Series
DO3316P-102ML COILCRAFT-DO3316P-102ML Datasheet
226Kb / 2P
   SMT Power Inductors
DO3316P-102ML COILCRAFT-DO3316P-102ML Datasheet
208Kb / 2P
   SMT Power Inductors ??DO3316P Series
DO3316P-102ML COILCRAFT-DO3316P-102ML Datasheet
210Kb / 2P
   SMT Power Inductors ??DO3316P Series
More results

Similar Description - DO3316P

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL9384B BELLING-BL9384B Datasheet
2Mb / 6P
   3A, 20V High Efflxlency Synchronous Step-Down Converter
logo
Monolithic Power System...
EV2101DQ-00A MPS-EV2101DQ-00A Datasheet
226Kb / 5P
   1.6MHz, 800mA Synchronous Step-Down Converter plus 200mA LDO
logo
Microsemi Corporation
LX7169 MICROSEMI-LX7169 Datasheet
511Kb / 9P
   3A Step-Down Converter
Rev. 1.1
logo
Renesas Technology Corp
RAA23021X RENESAS-RAA23021X Datasheet
1Mb / 36P
   5.5V Input, 3A, Step-Down DC/DC Converter LDO
Jul 23, 2014
RAA23021X RENESAS-RAA23021X_15 Datasheet
1Mb / 36P
   5.5V Input, 3A, Step-Down DC/DC Converter LDO
logo
Richtek Technology Corp...
RT8048 RICHTEK-RT8048 Datasheet
162Kb / 11P
   3MHz 1A Step-Down Converter
logo
Lowpower Semiconductor ...
LP3201 POWER-LP3201 Datasheet
425Kb / 10P
   1.5MHz, 1A Step-Down Converter
logo
Analog Intergrations Co...
AIC2511 AIC-AIC2511 Datasheet
592Kb / 13P
   3A STEP-DOWN PWM CONVERTER
AIC2510 AIC-AIC2510 Datasheet
344Kb / 11P
   3A STEP-DOWN PWM CONVERTER
logo
Diodes Incorporated
AP8802 DIODES-AP8802 Datasheet
217Kb / 13P
   1A LED Step-Down Converter
AP8802 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com