Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T491X107M016AS Datasheet(PDF) 11 Page - Advanced Monolithic Systems Ltd

Part # T491X107M016AS
Description  3A 20V Step-Down Converter plus 1A LDO
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

T491X107M016AS Datasheet(HTML) 11 Page - Advanced Monolithic Systems Ltd

Back Button T491X107M016AS Datasheet HTML 7Page - Advanced Monolithic Systems Ltd T491X107M016AS Datasheet HTML 8Page - Advanced Monolithic Systems Ltd T491X107M016AS Datasheet HTML 9Page - Advanced Monolithic Systems Ltd T491X107M016AS Datasheet HTML 10Page - Advanced Monolithic Systems Ltd T491X107M016AS Datasheet HTML 11Page - Advanced Monolithic Systems Ltd T491X107M016AS Datasheet HTML 12Page - Advanced Monolithic Systems Ltd T491X107M016AS Datasheet HTML 13Page - Advanced Monolithic Systems Ltd T491X107M016AS Datasheet HTML 14Page - Advanced Monolithic Systems Ltd T491X107M016AS Datasheet HTML 15Page - Advanced Monolithic Systems Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
AMS4123
3A 20V Step-Down Converter + 1A LDO
3/5/2010
www.advanced-monolithic.com
Phone (925) 443-0722
11
Fax (925) 443-0723
Device Summary
The AMS4123 is combines a high voltage 3 Amp fixed
frequency step-down converter combined with a 1
Amp low drop out (LDO) linear regulator on a single
die.
The peak current mode step-down converter has
internal compensation and is stable with a wide range
of
ceramic,
tantalum,
and
electrolytic
output
capacitors. The step-down converter output voltage is
sensed through an external resistive divider that feeds
the negative input to an internal transconductance
error amplifier. The output of the error amplifier is
connected to the input to a peak current mode
comparator. The inductor current is sensed as it
passes through the power switch, amplified and is
also fed to the current mode comparator. The error
amplifier regulates the output voltage by controlling
the peak inductor current passing through the power
switch so that, in steady state, the average inductor
current equals the load current. The step-down
converter has an input voltage range of 4.5V to 20V
with an output voltage as low as 0.6V.
The LDO operates from an input voltage ranging from
1V to 20V and a typical dropout voltage of 350mV at
1A. The input to the LDO can be supplied by the
output of the Step-Down converter or some other
available power source that must be 2V less than the
input voltage (Vin). The LDO is also stable for a wide
range of ceramic output capacitors ranging from as
low as 1µF.
Enable
The enable input has two levels so that the step-down
converter can be enabled independently of the LDO.
The enable threshold for the step-down converter is
2.0V while the enable threshold for the linear regulator
output is 2.5V typical.
Under Voltage Lockout
The under-voltage lockout (UVLO) feature guarantees
sufficient input voltage (Vin) bias for proper operation
of all internal circuitry prior to activation. The input
voltage (Vin) is internally monitored and the converter
and LDO are enabled when the rising level of Vin
reaches 4.2V. To prevent UVLO chatter 400mV of
hysteresis is built in to the UVLO comparator so that
the step-down converter and LDO are disabled when
VIN drops to 3.8V.
Fault Protection
Short circuit and over-temperature shutdown disable
the converter and LDO in the event of an overload
condition.
Application
Inductor
The step-down converter inductor is typically selected
to limit the ripple current to 40% of the full load output
current. Solve for this value at the maximum input
voltage where the inductor ripple current is greatest.
L= Vin-Vo ·
Vo
Vin·Io·0.4·Fs
L= 15V-2.5V ·
2.5V
15V·2A·0.4·300kHz
=9.4µH
For most applications the duty cycle of the AMS4123
step down converter is less than 50% duty and does
not require slope compensation for stability. This
provides some flexibility in the selected inductor
value. Given the above selected value, others values
slightly greater or less may be examined to determine
the effect on efficiency without a detrimental effect on
stability.
With and inductor value selected, the ripple current
can be calculated:
Ipp=
(Vo+Vfwd)·(1-D)
L·Fs
Using the maximum input voltage values the ripple is:
Ipp=
(2.5V+0.2V)· 1-0.23
10μH·300kHz
=0.7A
Once the appropriate value is determined, the
component is selected based on the DC current and
the peak (saturation) current. Select an inductor that
has a DC current rating greater than the full load
current of the application. The DC current rating is
also
reflected
in
the
DC
resistance
(DCR)
specification of the inductor. The inductor DCR should
limit the inductor loss to less than 2% of the step-
down converter output power.
The peak current at full load is equal to the full load
DC current plus one half of the ripple current. As
mentioned before, the ripple current varies with input


Similar Part No. - T491X107M016AS

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491X107M016AT KEMET-T491X107M016AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 100 uF, 20%, 16 V, 7343, SMD, MnO2, Molded, 700 mOhms, Height Max = 4.3mm
More results

Similar Description - T491X107M016AS

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL9384B BELLING-BL9384B Datasheet
2Mb / 6P
   3A, 20V High Efflxlency Synchronous Step-Down Converter
logo
Monolithic Power System...
EV2101DQ-00A MPS-EV2101DQ-00A Datasheet
226Kb / 5P
   1.6MHz, 800mA Synchronous Step-Down Converter plus 200mA LDO
logo
Microsemi Corporation
LX7169 MICROSEMI-LX7169 Datasheet
511Kb / 9P
   3A Step-Down Converter
Rev. 1.1
logo
Renesas Technology Corp
RAA23021X RENESAS-RAA23021X Datasheet
1Mb / 36P
   5.5V Input, 3A, Step-Down DC/DC Converter LDO
Jul 23, 2014
RAA23021X RENESAS-RAA23021X_15 Datasheet
1Mb / 36P
   5.5V Input, 3A, Step-Down DC/DC Converter LDO
logo
Richtek Technology Corp...
RT8048 RICHTEK-RT8048 Datasheet
162Kb / 11P
   3MHz 1A Step-Down Converter
logo
Lowpower Semiconductor ...
LP3201 POWER-LP3201 Datasheet
425Kb / 10P
   1.5MHz, 1A Step-Down Converter
logo
Analog Intergrations Co...
AIC2511 AIC-AIC2511 Datasheet
592Kb / 13P
   3A STEP-DOWN PWM CONVERTER
AIC2510 AIC-AIC2510 Datasheet
344Kb / 11P
   3A STEP-DOWN PWM CONVERTER
logo
Diodes Incorporated
AP8802 DIODES-AP8802 Datasheet
217Kb / 13P
   1A LED Step-Down Converter
AP8802 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com