Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37640M8-126FP Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # M37640M8-126FP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37640M8-126FP Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

Back Button M37640M8-126FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M37640M8-126FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37640M8-126FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37640M8-126FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37640M8-126FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37640M8-126FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M37640M8-126FP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M37640M8-126FP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M37640M8-126FP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 96 page
background image
8
Ver 1.4
MITSUBISHI MICROCOMPUTERS
7640 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
1.11 MEMORY MAP
The first 112 bytes of memory from 000016 to 006F16
is the special function register (SFR) area and con-
tains the CPU mode registers, interrupt registers, and
other registers to control peripheral functions (see
Figure 1.7).
The general purpose RAM resides from 007016 to
046F16. When the MCU is in memory expansion or
microprocessor mode and external memory is over-
laid on the internal RAM, the CPU reads data from
the internal RAM. However, the CPU writes data in
both the internal and external memory. The area from
047016 to 7FFF16 is not used in single-chip mode, but
can be mapped for an external memory device when
the MCU is in memory expansion or microprocessor
mode.
The area from 800016 to 807F16 and from FFFC16 to
FFFF16 are factory reserved areas. Mitsubishi uses it
for test and evaluation purposes. The user can not
use this area in single-chip or memory expansion
modes.
The user 32K byte ROM resides from 808016 to
FFFB16. When the MCU is in microprocessor mode,
the CPU accesses an external area rather than ac-
cessing the internal ROM.
1.11.1 Special page
The 256 bytes from address FF0016 to FFFF16 are
called the special page area. In this area special page
addressing can be used to specify memory ad-
dresses. This dedicated special page addressing
mode enables access to this area with fewer instruc-
tion cycles. Frequently used subroutines are normally
stored in this area.
Fig. 1.7. Memory Map
SFR Area
Reserved Area
Zero Page
Special page for
subroutine calls
Not Used
Reserved Area
000016
006F16
007016
00FF16
010016
046F16
047016
7FFF16
800016
807F16
808016
FEFF16
FF0016
FFC916
FFCA16
FFFB16
FFFC16
FFFF16
RAM
1K bytes
ROM
Interrupt
Vector
bytes
32K


Similar Part No. - M37640M8-126FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37640E8 MITSUBISHI-M37640E8 Datasheet
1Mb / 172P
   SINGLE-CHIP 8-BIT CMOS MICROCONTROLLER
M37640E8FP MITSUBISHI-M37640E8FP Datasheet
1Mb / 172P
   SINGLE-CHIP 8-BIT CMOS MICROCONTROLLER
More results

Similar Description - M37640M8-126FP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com