Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KPC844 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # KPC844
Description  Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KPC844 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  KPC844 Datasheet HTML 1Page - KODENSHI_AUK CORP. KPC844 Datasheet HTML 2Page - KODENSHI_AUK CORP. KPC844 Datasheet HTML 3Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Photocoupler
The KPC814 has one channel in a 4-pin DIP package.
The KPC824 has two channels in a 8-pin DIP package.
The KPC844 has four channels in a 16-pin DIP package.
FEATURES
• Small Package Size
• Collector-Emitter Voltage : Min.35V
• UL Recognized File No. E107486
• VDE Approval No. 0884
APPLICATIONS
• AC Signal Input
• Interface between two circuits of difference
• Vending Machine
• Cordless Phone, Key Phone
• Programmable Logic Control
and a Silicon NPN Phototransistor per a channel.
KPC814 • KPC824 • KPC844
These Photocouplers consist of two Gallium Arsenide Infrared Emitting
Diodes connected in a reverse-paralled configuration for AC-input
• Electrical Isolation Voltage : AC5000Vrms
• Current Transfer Ratio : 50% Min.(at IF=±5mA)
1/3
DIMENSION
(Unit : mm)
KPC814
KPC824
KPC844
0.25
0 ~15
Orientation Mark
0.5
1.2
2.54 0.25
6.5
7.62 0.25
4.6 0.25
1
2
3
0 ~15
0.25
2.54 0.25
1.2
0.5
6.5
7.62 0.25
9.7 0.25
Orientation Mark
8
6
5
7
2
3
4
1
7.62 0.25
19.8 0.25
0.5
1.2
2.54 0.25
0 ~15
0.25
6.5
Orientation Mark
1
15
13
11
9
14
16
12
10
4
3
2
6
5
7
8


Similar Part No. - KPC844

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KPC844A KODENSHI-KPC844A Datasheet
164Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
KPC844L KODENSHI-KPC844L Datasheet
144Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
More results

Similar Description - KPC844

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KPC814A KODENSHI-KPC814A Datasheet
164Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
KPC814L KODENSHI-KPC814L Datasheet
144Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
K201 KODENSHI-K201 Datasheet
140Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
KPC714 KODENSHI-KPC714 Datasheet
153Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
KPC714A KODENSHI-KPC714A Datasheet
172Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
K401 KODENSHI-K401 Datasheet
206Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
K3630 KODENSHI-K3630 Datasheet
151Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
K5630 KODENSHI-K5630 Datasheet
192Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
PC-17K1 KODENSHI-PC-17K1 Datasheet
533Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K4N26 KODENSHI-K4N26 Datasheet
699Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com