Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCSA119 Datasheet(PDF) 11 Page - NICHIA CORPORATION

Part # NCSA119
Description  Built-in ESD Protection Device
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NCSA119 Datasheet(HTML) 11 Page - NICHIA CORPORATION

Back Button NCSA119 Datasheet HTML 7Page - NICHIA CORPORATION NCSA119 Datasheet HTML 8Page - NICHIA CORPORATION NCSA119 Datasheet HTML 9Page - NICHIA CORPORATION NCSA119 Datasheet HTML 10Page - NICHIA CORPORATION NCSA119 Datasheet HTML 11Page - NICHIA CORPORATION NCSA119 Datasheet HTML 12Page - NICHIA CORPORATION NCSA119 Datasheet HTML 13Page - NICHIA CORPORATION NCSA119 Datasheet HTML 14Page - NICHIA CORPORATION NCSA119 Datasheet HTML 15Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
NICHIA STS-DA1-1378B <Cat.No.131101>
10
DERATING CHARACTERISTICS
NCSx119x
STS-DA7-0126B
管理番号
No.
Derating1
0
200
400
600
800
1000
0
20
406080
100
120
(100, 700)
(75, 700)
(50, 700)
(100, 469)
(100, 352)
Derating2
0
200
400
600
800
1000
0
20
40
60
80
100
120
(100, 700)
Duty
100
1000
10000
1
10
100
700
カソード側はんだ接合部温度-許容順電流特性
Solder Temperature(Cathode Side) vs
Allowable Forward Current
周囲温度-許容順電流特性
Ambient Temperature vs
Allowable Forward Current
カソード側はんだ接合部温度
Solder Temperature(Cathode Side)(°C)
周囲温度
Ambient Temperature(°C)
デューティー比
Duty Ratio(%)
デューティー比-許容順電流特性
Duty Ratio vs
Allowable Forward Current
T
A=25°C
20°C/W
30°C/W
40°C/W
θJA
R
=
θJA
R
=
θJA
R
=


Similar Part No. - NCSA119

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NCSA119B-V1 NICHIA-NCSA119B-V1 Datasheet
440Kb / 18P
   Built-in ESD Protection Device
NCSA119BT-V1 NICHIA-NCSA119BT-V1 Datasheet
275Kb / 18P
    AMBER LED
NCSA119T NICHIA-NCSA119T Datasheet
300Kb / 17P
   SPECIFICATIONS FOR AMBER LED
More results

Similar Description - NCSA119

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NFCLL036B-M3 NICHIA-NFCLL036B-M3 Datasheet
414Kb / 17P
   Built-in ESD Protection Device
NC2W170B NICHIA-NC2W170B Datasheet
346Kb / 18P
   Built-in ESD Protection Device
NTCWS024B-M2 NICHIA-NTCWS024B-M2 Datasheet
493Kb / 17P
   Built-in ESD Protection Device
NVCWL024Z NICHIA-NVCWL024Z Datasheet
495Kb / 26P
   Built-in ESD Protection Device
NVELJ048Z-M2 NICHIA-NVELJ048Z-M2 Datasheet
403Kb / 17P
   Built-in ESD Protection Device
NF2W385AR NICHIA-NF2W385AR Datasheet
518Kb / 24P
   Built-in ESD Protection Device
NFCLJ108B-V1M2 NICHIA-NFCLJ108B-V1M2 Datasheet
468Kb / 18P
   Built-in ESD Protection Device
NFCWL036B-V1 NICHIA-NFCWL036B-V1 Datasheet
659Kb / 27P
   Built-in ESD Protection Device
NCSE219B-V1 NICHIA-NCSE219B-V1 Datasheet
459Kb / 18P
   Built-in ESD Protection Device
NCSG219B-V1 NICHIA-NCSG219B-V1 Datasheet
450Kb / 18P
   Built-in ESD Protection Device
NFCWJ108B-V1M3 NICHIA-NFCWJ108B-V1M3 Datasheet
468Kb / 18P
   Built-in ESD Protection Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com