Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCSB119B-V1 Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NCSB119B-V1
Description  Built-in ESD Protection Device
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NCSB119B-V1 Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NCSB119B-V1 Datasheet HTML 1Page - NICHIA CORPORATION NCSB119B-V1 Datasheet HTML 2Page - NICHIA CORPORATION NCSB119B-V1 Datasheet HTML 3Page - NICHIA CORPORATION NCSB119B-V1 Datasheet HTML 4Page - NICHIA CORPORATION NCSB119B-V1 Datasheet HTML 5Page - NICHIA CORPORATION NCSB119B-V1 Datasheet HTML 6Page - NICHIA CORPORATION NCSB119B-V1 Datasheet HTML 7Page - NICHIA CORPORATION NCSB119B-V1 Datasheet HTML 8Page - NICHIA CORPORATION NCSB119B-V1 Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
NICHIA STS-DA1-3833 <Cat.No.150804>
2
RANKS
Item
Rank
Min
Max
Unit
Forward Voltage
M1
3.1
3.3
V
L2
2.9
3.1
L1
2.7
2.9
Luminous Flux
B04
40
50
lm
B03
30
40
Color Rank
Rank W
x
0.137
0.124
0.110
0.132
0.142
0.151
y
0.037
0.058
0.087
0.112
0.081
0.058
* Ranking at TS=25°C.
* Forward Voltage Tolerance: ±0.05V
* Luminous Flux Tolerance: ±7%
* Chromaticity Coordinate Tolerance: ±0.01
* LEDs from the above ranks will be shipped.
The rank combination ratio per shipment will be decided by Nichia.


Similar Part No. - NCSB119B-V1

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NCSB119BT-V1 NICHIA-NCSB119BT-V1 Datasheet
275Kb / 19P
   BLUE LED
More results

Similar Description - NCSB119B-V1

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NFCLL036B-M3 NICHIA-NFCLL036B-M3 Datasheet
414Kb / 17P
   Built-in ESD Protection Device
NC2W170B NICHIA-NC2W170B Datasheet
346Kb / 18P
   Built-in ESD Protection Device
NTCWS024B-M2 NICHIA-NTCWS024B-M2 Datasheet
493Kb / 17P
   Built-in ESD Protection Device
NVCWL024Z NICHIA-NVCWL024Z Datasheet
495Kb / 26P
   Built-in ESD Protection Device
NVELJ048Z-M2 NICHIA-NVELJ048Z-M2 Datasheet
403Kb / 17P
   Built-in ESD Protection Device
NF2W385AR NICHIA-NF2W385AR Datasheet
518Kb / 24P
   Built-in ESD Protection Device
NFCLJ108B-V1M2 NICHIA-NFCLJ108B-V1M2 Datasheet
468Kb / 18P
   Built-in ESD Protection Device
NFCWL036B-V1 NICHIA-NFCWL036B-V1 Datasheet
659Kb / 27P
   Built-in ESD Protection Device
NCSE219B-V1 NICHIA-NCSE219B-V1 Datasheet
459Kb / 18P
   Built-in ESD Protection Device
NCSG219B-V1 NICHIA-NCSG219B-V1 Datasheet
450Kb / 18P
   Built-in ESD Protection Device
NFCWJ108B-V1M3 NICHIA-NFCWJ108B-V1M3 Datasheet
468Kb / 18P
   Built-in ESD Protection Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com