Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCSR219B-V1 Datasheet(PDF) 6 Page - NICHIA CORPORATION

Part # NCSR219B-V1
Description  Pb-free Reflow Soldering Application
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NCSR219B-V1 Datasheet(HTML) 6 Page - NICHIA CORPORATION

Back Button NCSR219B-V1 Datasheet HTML 2Page - NICHIA CORPORATION NCSR219B-V1 Datasheet HTML 3Page - NICHIA CORPORATION NCSR219B-V1 Datasheet HTML 4Page - NICHIA CORPORATION NCSR219B-V1 Datasheet HTML 5Page - NICHIA CORPORATION NCSR219B-V1 Datasheet HTML 6Page - NICHIA CORPORATION NCSR219B-V1 Datasheet HTML 7Page - NICHIA CORPORATION NCSR219B-V1 Datasheet HTML 8Page - NICHIA CORPORATION NCSR219B-V1 Datasheet HTML 9Page - NICHIA CORPORATION NCSR219B-V1 Datasheet HTML 10Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
NICHIA STS-DA1-3760 <Cat.No.150629>
5
SOLDERING
• Recommended Reflow Soldering Condition(Lead-free Solder)
120sec Max
Pre-heat
180 to 200°C
260°CMax
10sec Max
60sec Max
Above 220°C
1 to 5°C per sec
● Recommended Soldering Pad Pattern
(単位 Unit: mm)
0.5
0.4
0.5
4.1
1.3
* This LED is designed to be reflow soldered on to a PCB. If dip soldered or hand soldered,
Nichia cannot guarantee its reliability.
* Reflow soldering must not be performed more than twice.
* Avoid rapid cooling. Ramp down the temperature gradually from the peak temperature.
* Nitrogen reflow soldering is recommended. Air flow soldering conditions can cause optical degradation,
caused by heat and/or atmosphere.
* Since the silicone used in the encapsulating resin is soft, do not press on the encapsulant resin.
Pressure can cause nicks, chip-outs, encapsulant delamination and deformation, and wire breaks, decreasing reliability.
When using automatic pick and place machine, use a pick up nozzle which does not directly apply stress
to the encapsulation of the LEDs.
Recommended conditions:
Using a nozzle designed for the LEDs is recommended. (See Figure below)
* The nozzle must not have any direct contact with the encapsulating resin.
Direct contact with the encapsulating resin may result in internal disconnections causing the LED not to illuminate.
(単位 Unit: mm)
A部拡大
Expansion of A
0.15
4.5
A
Φ
3.5


Similar Part No. - NCSR219B-V1

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NCSR219BT-V1 NICHIA-NCSR219BT-V1 Datasheet
272Kb / 18P
   RED LED
More results

Similar Description - NCSR219B-V1

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NTSL757G NICHIA-NTSL757G Datasheet
658Kb / 25P
   Pb-free Reflow Soldering Application
NVSA219B-V1 NICHIA-NVSA219B-V1 Datasheet
444Kb / 18P
   Pb-free Reflow Soldering Application
NSSMV01A NICHIA-NSSMV01A Datasheet
545Kb / 17P
   Pb-free Reflow Soldering Application
NCSR119B-V1 NICHIA-NCSR119B-V1 Datasheet
434Kb / 18P
   Pb-free Reflow Soldering Application
NFSL172A NICHIA-NFSL172A Datasheet
450Kb / 17P
   Pb-free Reflow Soldering Application
logo
Seoul Semiconductor
STW8Q2PA SEOUL-STW8Q2PA Datasheet
576Kb / 21P
   Pb-Free Reflow soldering application
logo
Ningbo Foryard Optoelec...
FYLS-0605URUGC FORYARD-FYLS-0605URUGC Datasheet
493Kb / 8P
   Pb-free Reflow soldering application
logo
NICHIA CORPORATION
NSSM032A NICHIA-NSSM032A_15 Datasheet
535Kb / 17P
   Pb-free Reflow Soldering Application
NTSW757G NICHIA-NTSW757G Datasheet
591Kb / 23P
   Pb-free Reflow Soldering Application
NCSR119 NICHIA-NCSR119 Datasheet
324Kb / 18P
   Pb-free Reflow Soldering Application
NVSA119B-V1 NICHIA-NVSA119B-V1 Datasheet
443Kb / 18P
   Pb-free Reflow Soldering Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com