Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8255 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 8255
Description  93 Ohm
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8255 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  8255 Datasheet HTML 1Page - List of Unclassifed Manufacturers 8255 Datasheet HTML 2Page - List of Unclassifed Manufacturers 8255 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EU RoHS Compliance Date (mm/dd/yyyy):
10/01/2005
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
RG Type:
62B/U
Plenum/Non-Plenum
Plenum (Y/N):
No
Electrical Characteristics (Overall)
Nom. Characteristic Impedance:
Impedance (Ohm)
93
Nom. Inductance:
Inductance (µH/m)
0.380596
Nom. Capacitance Conductor to Shield:
Capacitance (pF/m)
44.2935
Nominal Velocity of Propagation:
VP (%)
84
Nominal Delay:
Delay (ns/m)
3.97001
Nom. Conductor DC Resistance:
DCR @ 20°C (Ohm/km)
193.579
Nominal Outer Shield DC Resistance:
DCR @ 20°C (Ohm/km)
9.5149
Nom. Attenuation:
Freq. (MHz) Attenuation (dB/100m)
1
0.9843
10
2.9529
50
6.562
100
9.5149
200
13.7802
400
20.0141
700
28.2166
900
33.1381
1000
36.4191
Max. Operating Voltage - UL:
Voltage
Description
30 V RMS
UL AWM Style 1354
300 V RMS CMX
Max. Operating Voltage - Non-UL:
Voltage
750 V RMS
Put Ups and Colors:
Page 2 of 3
10-30-2013
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
8255 Coax - 93 Ohm


Similar Part No. - 8255

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
82550040 WURTH-82550040 Datasheet
165Kb / 5P
   0805 SMD VARISTOR
82550060 WURTH-82550060 Datasheet
164Kb / 5P
   0805 SMD VARISTOR
82550080 WURTH-82550080 Datasheet
165Kb / 5P
   0805 SMD VARISTOR
82550110 WURTH-82550110 Datasheet
165Kb / 5P
   0805 SMD VARISTOR
82550140 WURTH-82550140 Datasheet
165Kb / 5P
   0805 SMD VARISTOR
More results

Similar Description - 8255

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
RG62A-U PASTERNACK-RG62A-U Datasheet
100Kb / 1P
   93 OHM COAXIAL CABLE
logo
MicroPower Direct, LLC
LSR7810 MPD-LSR7810 Datasheet
529Kb / 2P
   Effi ciency to 93%
logo
Pasternack Enterprises,...
RG71B-U PASTERNACK-RG71B-U Datasheet
314Kb / 3P
   93 Ohm Flexible RG71 COAX Cable Double Shielded with Black PE Jacket
logo
Rosenberger Hochfrequen...
71S102-110N5 ROSENBERGER-71S102-110N5 Datasheet
81Kb / 2P
   STRAIGHT PLUG FOR 93 CABLE
logo
EPCOS
B67345 EPCOS-B67345 Datasheet
96Kb / 4P
   Ferrites and accessories UU 93/152/16, UI 93/104/16 Core set
logo
Arch Electronics Corp.
AQF120U_SERIES ARCH-AQF120U_SERIES Datasheet
355Kb / 5P
   High Efficiency up to 93%
logo
ATMEL Corporation
AT73C213B ATMEL-AT73C213B_14 Datasheet
1Mb / 37P
   93 dB SNR Playback Stereo Channels
logo
Arch Electronics Corp.
AQF100O_SERIES ARCH-AQF100O_SERIES Datasheet
338Kb / 5P
   High Efficiency up to 93% Typical
logo
Fairchild Semiconductor
KSP92TA FAIRCHILD-KSP92TA Datasheet
69Kb / 4P
   KSP92/93 PNP Epitaxial Silicon Transistor
logo
Arch Electronics Corp.
AQC100_SERIES ARCH-AQC100_SERIES Datasheet
291Kb / 4P
   High Efficiency up to 93% Typical
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com