Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8690 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 8690
Description  Audio, Control and Instrumentation Cable
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8690 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  8690 Datasheet HTML 1Page - List of Unclassifed Manufacturers 8690 Datasheet HTML 2Page - List of Unclassifed Manufacturers 8690 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For more Information
please call
1-800-Belden1
General Description:
18 AWG stranded (16x30) tinned copper conductors, PVC insulation, twisted pairs, PVC jacket.
Physical Characteristics (Overall)
Conductor
AWG:
# Pairs AWG Stranding Conductor Material
3
18
16x30
TC - Tinned Copper
Total Number of Conductors:
6
Insulation
Insulation Material:
Insulation Material
Wall Thickness (mm)
PVC - Polyvinyl Chloride 0.330
Inner Shield
Inner Shield Material:
Inner Shield Material
Unshielded
Outer Shield
Outer Shield Material:
Outer Shield Material
Unshielded
Outer Jacket
Outer Jacket Material:
Outer Jacket Material
Nom. Wall Thickness (mm)
PVC - Polyvinyl Chloride 0.8128
Overall Cable
Overall Nominal Diameter:
8.814 mm
Pair
Pair Color Code Chart:
Number Color
1
Black & Red
2
Black & White
3
Black & Green
Pair Lay Length & Direction:
Lay Length (mm) Twists (twist/m) Direction
50.800
19.686
Left Hand
Mechanical Characteristics (Overall)
Operating Temperature Range:
-20°C To +80°C
Non-UL Temperature Rating:
80°C (UL AWM Style 2464)
Bulk Cable Weight:
90.780 Kg/Km
Max. Recommended Pulling Tension:
596.059 N
Min. Bend Radius/Minor Axis:
88.900 mm
Page 1 of 3
08-21-2013
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
8690 Multi-Conductor - Audio, Control and Instrumentation Cable


Similar Part No. - 8690

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8690 BELDEN-8690 Datasheet
189Kb / 2P
   Electronic, 3 Pr #18 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
logo
Christian Bürkert GmbH ...
8690 BURKERT-8690 Datasheet
968Kb / 13P
   Pneumatic control unit for decentralised automation of process valves ELEMENT
07.03.2024
8690 BURKERT-8690 Datasheet
1Mb / 16P
   T-diaphragm valve with pneumatic plastic actuator (Type CLASSIC)
13.09.2023
8690 BURKERT-8690 Datasheet
1Mb / 14P
   Tank bottom diaphragm valve with pneumatic plastic actuator (Type CLASSIC)
13.09.2023
8690 BURKERT-8690 Datasheet
2Mb / 17P
   Multifunction Block Solution
21.10.2021
More results

Similar Description - 8690

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9498 BELDEN-9498 Datasheet
178Kb / 2P
   Audio, Control and Instrumentation, 3 Conductor 16 AWG, Unjacketed
12-20-2022
8725 BELDEN-8725 Datasheet
208Kb / 2P
   Audio, Control and Instrumentation Cable, 4 Pr #20 Str TC, Ind. Shielded,PVC Jkt, CM
01-20-2023
logo
List of Unclassifed Man...
PP001161 ETC2-PP001161 Datasheet
151Kb / 1P
   LSZH 300V Screened Single Pair Instrumentation, Data and Audio Cable
logo
Belden Inc.
8441 BELDEN-8441 Datasheet
169Kb / 2P
   Audio, Control and Instrumentation Cable, 1 Pr #22 Str TC, 85% TC Braid,PVC Jkt, CMG
01-20-2023
logo
Weidmuller
0459460000 WEIDMULLER-0459460000 Datasheet
63Kb / 3P
   Surge protection for instrumentation and control
1064250000 WEIDMULLER-1064250000 Datasheet
743Kb / 7P
   Surge protection for instrumentation and control
September 18, 2021
logo
List of Unclassifed Man...
PP001166 ETC2-PP001166 Datasheet
153Kb / 1P
   LSZH 300V Unscreened Single Pair Instrumentation, Security, Data and Audio Cable
logo
General Cable Technolog...
325770 GENERAL-325770 Datasheet
33Kb / 1P
   INSTRUMENTATION CABLE
325880 GENERAL-325880 Datasheet
22Kb / 1P
   INSTRUMENTATION CABLE
339880 GENERAL-339880 Datasheet
22Kb / 1P
   INSTRUMENTATION CABLE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com