Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AE95-08 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AE95-08
Description  Acoustic Signals Industrial Buzzers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AE95-08 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AE95-08 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
The AE95 are electrical/mechanical
buzzers suitable for a wide range
of signalling applications where a
low frequency and penetrating
sound is required.
Typical applications would be for
industrial (stop/start & time signalling
etc) & automotive applications
(reversing alarm/forklift truck etc)
Powder Coated Mild Steel
Code No:
Voltage:
Frequency:
Current:
AE95-07
24/48v Ac/Dc ~
420 Hz
0.8 A
AE95-08
115/230v Ac/Dc ~
420 Hz
0.4/0.2 A
o
C
ON 15 MINS
OFF 1 MINS
dB
INDUSTRIAL
---
---
Hz
50/60
L
N
E
85.0mm
When tted with
AE95-BB
52.0mm
18.0mm
26.0mm
112.0mm
Acoustic Signals - Industrial
ELECTRICAL/MECHANICAL BUZZERS
AE95 Series > Ordering Information
Features
0.68
Kg
IP 65
Material
APPROVALS and
CONFORMITIES
Acoustic Signals Industrial Buzzers >
AE95 Series
Product overview
The units offer a single stage alarm,
once energised an electromagnet
causes the diaphragm to vibrate
creating a unique acoustic tone.
They can also be pulsed via a remote
source (ie control panel/plc etc) to
give an intermittent signal if required.
This version of the AE95 comes
complete with a weatherproof back box
that allows for termination inside the
enclosure. A weatherproof cable gland
is supplied as standard.
-30+60
111
MARINE
Rugged construction
Wide voltage range
These units are rated
15 mins On max / 1 min Off minimum
Suitable for 2 point
automotivefixandWeatherproof
whenfittedwithAE95-BBbackbox
Dustproof
L
N
E
85.0mm
When tted with
AE95-BB
52.0mm
18.0mm
26.0mm
112.0mm


Similar Part No. - AE95-08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AE90 ETC2-AE90 Datasheet
85Kb / 1P
   CPRIIRNCTEUDI TCI RICMUPITR BIMOA횋RD
logo
Allied Components Inter...
AE90 ALLIED-AE90 Datasheet
561Kb / 1P
   Axial Epoxy Inductors
AE90-100K-RC ALLIED-AE90-100K-RC Datasheet
561Kb / 1P
   Axial Epoxy Inductors
AE90-101K-RC ALLIED-AE90-101K-RC Datasheet
561Kb / 1P
   Axial Epoxy Inductors
AE90-101K-RC ALLIED-AE90-101K-RC Datasheet
816Kb / 1P
   Axial Epoxy Inductors
More results

Similar Description - AE95-08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AB6-24DC ETC2-AB6-24DC Datasheet
3Mb / 1P
   Acoustic Signals
logo
TDK Electronics
PS1240P02BT TDK-PS1240P02BT Datasheet
128Kb / 7P
   Piezoelectronic Buzzers
PS1420P02AT TDK-PS1420P02AT Datasheet
163Kb / 8P
   Piezoelectronic Buzzers
SDR08540M3-01 TDK-SDR08540M3-01 Datasheet
59Kb / 4P
   Electromagnetic Buzzers
logo
Murata Manufacturing Co...
PKLCS1212E2000-R1 MURATA-PKLCS1212E2000-R1_17 Datasheet
213Kb / 3P
   Piezoelectric Sounders / Buzzers
PKM22EPH2002 MURATA-PKM22EPH2002_17 Datasheet
220Kb / 3P
   Piezoelectric Sounders / Buzzers
PKM22EPPH2002-B0 MURATA-PKM22EPPH2002-B0_17 Datasheet
217Kb / 3P
   Piezoelectric Sounders / Buzzers
logo
TDK Electronics
SD1209T3-A1 TDK-SD1209T3-A1 Datasheet
73Kb / 5P
   Electromagnetic Buzzers
logo
Dubilier
HJ50-110V-P DUBILIER-HJ50-110V-P Datasheet
60Kb / 1P
   SOUNDERS MECHANICAL BUZZERS
logo
Murata Manufacturing Co...
PKLCS1212E2400-R1 MURATA-PKLCS1212E2400-R1 Datasheet
213Kb / 3P
   Piezoelectric Sounders / Buzzers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com