Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATV32H037M2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ATV32H037M2
Description  variable speed drive ATV32
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATV32H037M2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ATV32H037M2 Datasheet HTML 1Page - List of Unclassifed Manufacturers ATV32H037M2 Datasheet HTML 2Page - List of Unclassifed Manufacturers ATV32H037M2 Datasheet HTML 3Page - List of Unclassifed Manufacturers ATV32H037M2 Datasheet HTML 4Page - List of Unclassifed Manufacturers ATV32H037M2 Datasheet HTML 5Page - List of Unclassifed Manufacturers ATV32H037M2 Datasheet HTML 6Page - List of Unclassifed Manufacturers ATV32H037M2 Datasheet HTML 7Page - List of Unclassifed Manufacturers ATV32H037M2 Datasheet HTML 8Page - List of Unclassifed Manufacturers ATV32H037M2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Noise level
43 dB 86/188/EEC
Insulation
Electrical between power and control
Electrical connection
Screw terminal 1.5...4 mm² AWG 14...AWG 10 power supply
Removable screw terminals 1.5...2.5 mm² AWG 14...AWG 12 motor/braking re-
sistor
Screw terminal 0.5...1.5 mm² AWG 18...AWG 14 control
Tightening torque
0.6 N.m 5.3 lb/ft power supply
0.7 N.m 7.1 lb/ft motor/braking resistor
0.5 N.m 4.4 lb/ft control
Supply
Internal supply for reference potentiometer (1 to 10 kOhm) 10.5 V DC +/- 5 % <=
10 mA overload and short-circuit protection
Analogue input number
3
Analogue input type
Current AI3 0...20 mA (or 4-20 mA, x-20 mA, 20-x mA or other patterns by config-
uration) 250 Ohm 10 bits
Bipolar differential voltage AI2 +/- 10 V DC 30000 Ohm 10 bits
Voltage AI1 0...10 V DC 30000 Ohm 10 bits
Sampling duration
2 ms AO1 analog
2 ms AI1, AI2, AI3 analog
Response time
2 ms R2A, R2C relay
2 ms R1A, R1B, R1C relay
8 ms +/- 0.7 ms LI1...LI6 logic
Accuracy
+/- 2 % AO1 for a temperature of -10...60 °C
+/- 1 % AO1 for a temperature of 25 °C
+/- 0.5 % AI1, AI2, AI3 for a temperature of 25 °C
+/- 0.2 % AI1, AI2, AI3 for a temperature of -10...60 °C
Linearity error
+/- 0.3 % AO1
+/- 0.2...0.5 % of maximum value AI1, AI2, AI3
Analogue output number
1
Analogue output type
Software-configurable voltage AO1 0...10 V 470 Ohm 10 bits
Software-configurable current AO1 0...20 mA 800 Ohm 10 bits
Discrete output number
3
Discrete output type
Logic LO
Configurable relay logic R2A, R2B NO 100000 cycles
Configurable relay logic R1A, R1B, R1C NO/NC 100000 cycles
Minimum switching current
5 mA 24 V DC configurable relay logic
Maximum switching current
5 A 30 V DC resistive cos phi = 1 R2
5 A 250 V AC resistive cos phi = 1 R2
2 A 30 V DC inductive cos phi = 0.4 R1, R2
2 A 250 V AC inductive cos phi = 0.4 R1, R2
4 A 30 V DC resistive cos phi = 1 R1
3 A 250 V AC resistive cos phi = 1 R1
Discrete input number
7
Discrete input type
Safe torque off STO 24...30 V DC 1500 Ohm
Switch-configurable PTC probe LI6 24...30 V DC
Programmable as pulse input 20 kpps LI5 24...30 V DC level 1 PLC
Programmable (sink/source) LI1...LI4 24...30 V DC level 1 PLC
Discrete input logic
Positive logic (source) LI1...LI6 < 5 V > 11 V
Negative logic (sink) LI1...LI6 > 19 V < 13 V
Acceleration and deceleration ramps
S
U
CUS
Deceleration ramp automatic stop DC injection
Deceleration ramp adaptation
Linear
Ramp switching
Braking to standstill
By DC injection
Protection type
Thermal protection drive
Short-circuit between motor phases drive
Overheating protection drive
Overcurrent between output phases and earth drive
Input phase breaks drive
Communication port protocol
CANopen
Modbus
Type of connector
1 RJ45 Modbus/CANopen on front face
Physical interface
2-wire RS 485 Modbus
Transmission frame
RTU Modbus
Type of polarization
No impedance Modbus


Similar Part No. - ATV32H037M2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATV32H037N4 ETC2-ATV32H037N4 Datasheet
230Kb / 10P
   variable speed drive ATV32
More results

Similar Description - ATV32H037M2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATV32H075N4 ETC2-ATV32H075N4 Datasheet
230Kb / 10P
   variable speed drive ATV32
ATV32HU15N4 ETC2-ATV32HU15N4 Datasheet
230Kb / 10P
   variable speed drive ATV32
ATV32H055N4 ETC2-ATV32H055N4 Datasheet
230Kb / 10P
   variable speed drive ATV32
ATV32H075M2 ETC2-ATV32H075M2 Datasheet
229Kb / 10P
   variable speed drive ATV32
ATV32HU15M2 ETC2-ATV32HU15M2 Datasheet
215Kb / 10P
   variable speed drive ATV32
ATV32H018M2 ETC2-ATV32H018M2 Datasheet
229Kb / 10P
   variable speed drive ATV32
ATV32H037N4 ETC2-ATV32H037N4 Datasheet
230Kb / 10P
   variable speed drive ATV32
ATV32HU22M2 ETC2-ATV32HU22M2 Datasheet
215Kb / 10P
   variable speed drive ATV32
ATV32HU40N4 ETC2-ATV32HU40N4 Datasheet
215Kb / 10P
   variable speed drive ATV32
ATV32H055M2 ETC2-ATV32H055M2 Datasheet
229Kb / 10P
   variable speed drive ATV32
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com