Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KPPB1-LG125 Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # KPPB1-LG125
Description  InGaAs PIN Photodiode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KPPB1-LG125 Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  KPPB1-LG125 Datasheet HTML 1Page - KODENSHI_AUK CORP. KPPB1-LG125 Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
InGaAs PIN Photodiode
ELECTRO-OPTICAL CHARACTERISTICS
Symbol
Min
Typ
Max
Unit
-
-
Φ 50
-
λ
0.9
-
1.7
λp
1.55
λ=1.3㎛
0.8
0.9
-
λ=1.55㎛
0.85
0.95
-
IDARK
-
0.1
1
f-3dB
2.0
GHz
Ct
-
1.0
1.3
pF
-2 -
- 2 -
Terminal capacitance
VR=5V, f=1MHz
Dark current
VR=5V
3 dB cut-off frequency
VR=5V, RL=50Ω
Photo sensitivity
S
A/W
VR=5V
Peak sensitivity wavelength
Test Conditions
Spectral response range
Active area
Parameter
KPPB1-LG125


Similar Part No. - KPPB1-LG125

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KPPB1-LM622 KODENSHI-KPPB1-LM622 Datasheet
192Kb / 2P
   InGaAs PIN Photodiode
More results

Similar Description - KPPB1-LG125

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G8376 HAMAMATSU-G8376_06 Datasheet
182Kb / 2P
   InGaAs PIN photodiode
G8195 HAMAMATSU-G8195 Datasheet
130Kb / 2P
   InGaAs PIN photodiode
G6742 HAMAMATSU-G6742 Datasheet
336Kb / 2P
   InGaAs PIN photodiode
G8370 HAMAMATSU-G8370 Datasheet
220Kb / 4P
   InGaAs PIN photodiode
G8421 HAMAMATSU-G8421 Datasheet
169Kb / 4P
   InGaAs PIN photodiode
G8941 HAMAMATSU-G8941_04 Datasheet
147Kb / 3P
   InGaAs PIN photodiode
G9906-01 HAMAMATSU-G9906-01 Datasheet
61Kb / 2P
   InGaAs PIN photodiode
G8370-10 HAMAMATSU-G8370-10 Datasheet
122Kb / 2P
   InGaAs PIN photodiode
G8605 HAMAMATSU-G8605 Datasheet
247Kb / 4P
   InGaAs PIN photodiode
G8422 HAMAMATSU-G8422 Datasheet
255Kb / 4P
   InGaAs PIN photodiode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com