Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATV32HU40N4 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ATV32HU40N4
Description  variable speed drive ATV32
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATV32HU40N4 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ATV32HU40N4 Datasheet HTML 1Page - List of Unclassifed Manufacturers ATV32HU40N4 Datasheet HTML 2Page - List of Unclassifed Manufacturers ATV32HU40N4 Datasheet HTML 3Page - List of Unclassifed Manufacturers ATV32HU40N4 Datasheet HTML 4Page - List of Unclassifed Manufacturers ATV32HU40N4 Datasheet HTML 5Page - List of Unclassifed Manufacturers ATV32HU40N4 Datasheet HTML 6Page - List of Unclassifed Manufacturers ATV32HU40N4 Datasheet HTML 7Page - List of Unclassifed Manufacturers ATV32HU40N4 Datasheet HTML 8Page - List of Unclassifed Manufacturers ATV32HU40N4 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Jun 15, 2015
1
Product data sheet
Characteristics
ATV32HU40N4
variable speed drive ATV32 - 4 kw - 400 V - 3
phase - with heat sink
Main
Range of product
Altivar 32
Product or component
type
Variable speed drive
Product destination
Asynchronous motors
Synchronous motors
Product specific appli-
cation
Complex machines
Function available
-
Assembly style
With heat sink
Component name
ATV32
EMC filter
Class C2 EMC filter integrated
Network number of
phases
3 phases
[Us] rated supply volt-
age
380...500 V - 15...10 %
Supply voltage limits
323...550 V
Supply frequency
50...60 Hz - 5...5 %
Network frequency lim-
its
47.5...63 Hz
Motor power kW
4 kW 380...500 V
Motor power hp
5 hp 380...500 V
Complementary
Line current
13.7 A 380 V 3 phases 4 kW 5 hp
10.5 A 500 V 3 phases 4 kW 5 hp
Apparent power
9.1 kVA 500 V 3 phases 4 kW 5 hp
Prospective line Isc
<= 5 kA 3 phases
Nominal output current
9.5 A 4 kHz 500 V 4 kW 5 hp
Maximum transient current
14.3 A 60 s 4 kW 5 hp
Speed drive output frequency
0.5...599 Hz
Nominal switching frequency
4 kHz
Switching frequency
2...16 kHz adjustable
Speed range
1...100 asynchronous motor in open-loop mode
Speed accuracy
+/- 10 % of nominal slip 0.2 Tn to Tn
Torque accuracy
+/- 15 %
Transient overtorque
170...200 %
Braking torque
< 170 % with braking resistor
Asynchronous motor control profile
Voltage/Frequency ratio, 2 points
Voltage/Frequency ratio, 5 points
Flux vector control without sensor - Energy Saving, NoLoad law
Flux vector control without sensor, standard
Voltage/Frequency ratio - Energy Saving, quadratic U/f
Synchronous motor control profile
Vector control without sensor
Regulation loop
Adjustable PID regulator
Motor slip compensation
Automatic whatever the load
Not available in voltage/frequency ratio (2 or 5 points)
Adjustable 0...300 %
Local signalling
1 LED red drive fault
1 LED red CANopen error
1 LED green CANopen run
1 LED red drive voltage
Output voltage
<= power supply voltage


Similar Part No. - ATV32HU40N4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATV32HU11M2 ETC2-ATV32HU11M2 Datasheet
215Kb / 10P
   variable speed drive ATV32
ATV32HU11N4 ETC2-ATV32HU11N4 Datasheet
230Kb / 10P
   variable speed drive ATV32
ATV32HU15M2 ETC2-ATV32HU15M2 Datasheet
215Kb / 10P
   variable speed drive ATV32
ATV32HU15N4 ETC2-ATV32HU15N4 Datasheet
230Kb / 10P
   variable speed drive ATV32
ATV32HU22M2 ETC2-ATV32HU22M2 Datasheet
215Kb / 10P
   variable speed drive ATV32
More results

Similar Description - ATV32HU40N4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATV32H075N4 ETC2-ATV32H075N4 Datasheet
230Kb / 10P
   variable speed drive ATV32
ATV32HU15N4 ETC2-ATV32HU15N4 Datasheet
230Kb / 10P
   variable speed drive ATV32
ATV32H055N4 ETC2-ATV32H055N4 Datasheet
230Kb / 10P
   variable speed drive ATV32
ATV32H075M2 ETC2-ATV32H075M2 Datasheet
229Kb / 10P
   variable speed drive ATV32
ATV32HU15M2 ETC2-ATV32HU15M2 Datasheet
215Kb / 10P
   variable speed drive ATV32
ATV32H037M2 ETC2-ATV32H037M2 Datasheet
229Kb / 10P
   variable speed drive ATV32
ATV32H018M2 ETC2-ATV32H018M2 Datasheet
229Kb / 10P
   variable speed drive ATV32
ATV32H037N4 ETC2-ATV32H037N4 Datasheet
230Kb / 10P
   variable speed drive ATV32
ATV32HU22M2 ETC2-ATV32HU22M2 Datasheet
215Kb / 10P
   variable speed drive ATV32
ATV32H055M2 ETC2-ATV32H055M2 Datasheet
229Kb / 10P
   variable speed drive ATV32
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com