Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA138 Datasheet(PDF) 8 Page - Texas Instruments

Part # INA138
Description  High-Side Measurement Current Shunt Monitor
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA138 Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA138_14 Datasheet HTML 4Page - Texas Instruments INA138_14 Datasheet HTML 5Page - Texas Instruments INA138_14 Datasheet HTML 6Page - Texas Instruments INA138_14 Datasheet HTML 7Page - Texas Instruments INA138_14 Datasheet HTML 8Page - Texas Instruments INA138_14 Datasheet HTML 9Page - Texas Instruments INA138_14 Datasheet HTML 10Page - Texas Instruments INA138_14 Datasheet HTML 11Page - Texas Instruments INA138_14 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
VIN+
VIN-
V+
OUT
GND
INA138, INA168
SBOS122D – DECEMBER 1999 – REVISED DECEMBER 2014
www.ti.com
7 Detailed Description
7.1 Overview
The INA138 and INA168 devices are comprised of a high voltage, precision operational amplifier, precision thin
film resistors trimmed in production to an absolute tolerance and a low noise output transistor. The INA138 and
INA168 devices can be powered from a single power supply and their input voltages can exceed the power
supply voltage. The INA138 and INA168 devices are ideal for measuring small differential voltages, such as
those generated across a shunt resistor, in the presence of large common-mode voltages. Refer to Functional
Block Diagram which illustrates the functional components within both INA138 and INA168 devices.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Output Voltage Range
The output of the INA138 device is a current, which is converted to a voltage by the load resistor, RL. The output
current remains accurate within the compliance voltage range of the output circuitry. The shunt voltage and the
input common-mode and power-supply voltages limit the maximum possible output swing. The maximum output
voltage compliance is limited by the lower of the following two equations:
Vout max = (V+) – 0.7 V – (VIN+ – VIN–)
(1)
or
Vout max = VIN– – 0.5 V
(2)
(whichever is lower)
8
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: INA138 INA168


Similar Part No. - INA138_14

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138_11 Datasheet
466Kb / 15P
   High-Side Measurement CURRENT SHUNT MONITOR
logo
Texas Instruments
INA138 TI-INA138_15 Datasheet
1Mb / 27P
[Old version datasheet]   INA1x8 High-Side Measurement Current Shunt Monitor
More results

Similar Description - INA138_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA139 TI-INA139 Datasheet
200Kb / 11P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA138NA250G4 TI1-INA138NA250G4 Datasheet
422Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA138-Q1 TI1-INA138-Q1 Datasheet
1Mb / 19P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139 TI1-INA139_17 Datasheet
950Kb / 25P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138 Datasheet
69Kb / 7P
   High-Side Measurement CURRENT SHUNT MONITOR
logo
Texas Instruments
INA169-Q1 TI-INA169-Q1 Datasheet
157Kb / 12P
[Old version datasheet]   HIGH SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA138-Q1 TI-INA138-Q1_15 Datasheet
1Mb / 22P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138_11 Datasheet
466Kb / 15P
   High-Side Measurement CURRENT SHUNT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com