Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ500100DCKT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ500100DCKT
Description  High-Side Current Sensor for Wireless Charging
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ500100DCKT Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ500100DCKT Datasheet HTML 2Page - Texas Instruments BQ500100DCKT Datasheet HTML 3Page - Texas Instruments BQ500100DCKT Datasheet HTML 4Page - Texas Instruments BQ500100DCKT Datasheet HTML 5Page - Texas Instruments BQ500100DCKT Datasheet HTML 6Page - Texas Instruments BQ500100DCKT Datasheet HTML 7Page - Texas Instruments BQ500100DCKT Datasheet HTML 8Page - Texas Instruments BQ500100DCKT Datasheet HTML 9Page - Texas Instruments BQ500100DCKT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Temperature( C)
°
70
68
66
64
62
60
-50
-25
125
0
25
50
75
100
Common-Mode Voltage (V)
30
25
20
15
10
5
0
-5
0
5
30
10
15
20
25
I , I
B+
B-
Temperature( C)
°
30
29
28
27
26
25
-50
-25
125
0
25
50
75
100
V+
(V+)
0.5
-
(V+)
1
-
(V+)
1.5
-
(V+)
2
-
(V+)
2.5
-
(V+)
3
-
GND + 3
GND + 2.5
GND + 2
GND + 1.5
GND + 1
GND + 0.5
GND
0
5
10
15
20
Output Current (mA)
25
30
35
40
V+ = 2.7 V
to 6 V
V+ = 2.7 V to 6 V
V+ = 5 V to 6 V
V+ = 2.7V
T = 40 C
-
°
A
T = 25 C
°
A
T = 105 C
°
A
Common-Mode Voltage (V)
50
40
30
20
10
0
-10
0
5
30
10
15
20
25
I , I
B+
B-
bq500100
SBOS765 – JANUARY 2016
www.ti.com
6.6 Typical Characteristics
performance measured at TA = 25°C, V+ = 5 V, and VIN+ = 12 V (unless otherwise noted)
V+ = 5 V
Figure 2. Input Bias Current vs Common-Mode Voltage
Figure 1. Output Voltage Swing vs Output Current
V+ = 0 V
Figure 4. Input Bias Current vs Temperature
Figure 3. Input Bias Current vs Common-Mode Voltage
(Shutdown)
Figure 5. Quiescent Current vs Temperature
6
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Product Folder Links: bq500100


Similar Part No. - BQ500100DCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ500101 TI1-BQ500101 Datasheet
376Kb / 20P
[Old version datasheet]   NexFET Power Stage
BQ500101DPCR TI1-BQ500101DPCR Datasheet
376Kb / 20P
[Old version datasheet]   NexFET Power Stage
BQ500101DPCT TI1-BQ500101DPCT Datasheet
376Kb / 20P
[Old version datasheet]   NexFET Power Stage
More results

Similar Description - BQ500100DCKT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
WR301025-19M8-G TDK-WR301025-19M8-G Datasheet
76Kb / 4P
   Wireless Charging
WRM483245 TDK-WRM483245 Datasheet
100Kb / 5P
   Wireless Charging
logo
Infineon Technologies A...
IRL60HS118 INFINEON-IRL60HS118 Datasheet
1Mb / 16P
   Wireless charging
V1.2 2017-03-29
logo
TDK Electronics
WR221230-36M8-G TDK-WR221230-36M8-G Datasheet
76Kb / 4P
   Wireless Charging
WTM505090-10K2-5V-G1 TDK-WTM505090-10K2-5V-G1 Datasheet
105Kb / 4P
   Wireless charging
WR222230-26M8-G TDK-WR222230-26M8-G Datasheet
72Kb / 4P
   Wireless Charging
logo
Fairchild Semiconductor
FAN4010 FAIRCHILD-FAN4010_08 Datasheet
453Kb / 9P
   High-Side Current Sensor
FAN4010 FAIRCHILD-FAN4010 Datasheet
246Kb / 10P
   High-Side Current Sensor
logo
ON Semiconductor
FAN4010 ONSEMI-FAN4010 Datasheet
192Kb / 9P
   High-Side Current Sensor
November-2017, Rev. 2
logo
Central Technologies
CTRX324517SF-140K CT-CTRX324517SF-140K Datasheet
175Kb / 1P
   Wireless Charging Coils
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com