Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA198AQDBVRQ1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # INA198AQDBVRQ1
Description  Current Shunt Monitors ??6-V to 80-V Common-Mode Range
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA198AQDBVRQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA198AQDBVRQ1 Datasheet HTML 4Page - Texas Instruments INA198AQDBVRQ1 Datasheet HTML 5Page - Texas Instruments INA198AQDBVRQ1 Datasheet HTML 6Page - Texas Instruments INA198AQDBVRQ1 Datasheet HTML 7Page - Texas Instruments INA198AQDBVRQ1 Datasheet HTML 8Page - Texas Instruments INA198AQDBVRQ1 Datasheet HTML 9Page - Texas Instruments INA198AQDBVRQ1 Datasheet HTML 10Page - Texas Instruments INA198AQDBVRQ1 Datasheet HTML 11Page - Texas Instruments INA198AQDBVRQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
875
775
675
575
475
375
275
175
–16 –12 –8 –4
0
4
8
12 16
20
V
(V)
CM
76 80
V = 12 V
S
...
V = 12 V
S
V = 2.7 V
S
V = 2.7 V
S
V
= 100 mV
SENSE
V
= 0 mV
SENSE
34
30
26
22
18
14
10
6
2.5 3.5
4.5
5.5 6.5
7.5
8.5
9.5 10.5
Supply Voltage (V)
11.5 17
18
–40°C
25°C
125°C
Common-Mode Voltage (V)
-20
-10
0
10
20
30
40
50
60
70
80
-12.5
-10
-7.5
-5
-2.5
0
2.5
5
7.5
10
12.5
15
IN-
IN+
D001
Common-Mode Voltage (V)
-20
-10
0
10
20
30
40
50
60
70
80
-12.5
-10
-7.5
-5
-2.5
0
2.5
5
7.5
10
12.5
15
D102
IN+
IN-
1000
900
800
700
600
500
400
300
200
100
0
0
1
2
3
4
5
6
7
Output Voltage (V)
8
9
10
12
11
10
9
8
7
6
5
4
3
2
1
0
0
5
10
15
20
Output Current (mA)
25
30
V = 12 V
Sourcing Current
S
25°C
–40°C
125°C
V = 3 V
Sourcing Current
S
Output stage is designed
to source current. Current
sinking capability is
approximately 400 µA.
125°C
25°C
–40°C
INA193A-Q1, INA194A-Q1, INA195A-Q1
INA196A-Q1, INA197A-Q1, INA198A-Q1
SBOS366D – AUGUST 2006 – REVISED JULY 2015
www.ti.com
Typical Characteristics (continued)
TA = 25°C, VS = 12 V, VIN+ = 12 V, and VSENSE = 100 mV (unless otherwise noted)
Figure 7. Positive Output Voltage Swing vs Output Current
Figure 8. Quiescent Current vs Output Voltage
Vs=5 V
Vs =12 V
Figure 9. Input Bias Current vs Common Mode Voltage
Figure 10. Input Bias Current vs Common Mode Voltage
Figure 12. Output Short Circuit Current vs Supply Voltage
Figure 11. Quiescent Current vs Common Mode Voltage
8
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: INA193A-Q1 INA194A-Q1 INA195A-Q1 INA196A-Q1 INA197A-Q1 INA198A-Q1


Similar Part No. - INA198AQDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA198AQDBVRQ1 TI1-INA198AQDBVRQ1 Datasheet
464Kb / 22P
[Old version datasheet]   CURRENT SHUNT MONITORS ??6-V to 80-V Common-Mode Range
More results

Similar Description - INA198AQDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA193A-Q1 TI1-INA193A-Q1 Datasheet
464Kb / 22P
[Old version datasheet]   CURRENT SHUNT MONITORS ??6-V to 80-V Common-Mode Range
INA193A-EP TI-INA193A-EP_15 Datasheet
918Kb / 23P
[Old version datasheet]   CURRENT SHUNT MONITORS ??6-V to 80-V COMMON MODE RANGE
INA193A-EP TI1-INA193A-EP Datasheet
465Kb / 20P
[Old version datasheet]   CURRENT SHUNT MONITORS??6 V to 80 V Common Mode Range
INA193A-Q1 TI-INA193A-Q1_15 Datasheet
945Kb / 30P
[Old version datasheet]   INA19xA-Q1 Current Shunt Monitors ??6-V to 80-V Common-Mode Range
INA193 TI1-INA193_17 Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA193 TI1-INA193_15 Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA195 TI-INA195_15 Datasheet
1Mb / 33P
[Old version datasheet]   INA19x Current Shunt Monitor ??6 V to 80 V Common-Mode Range
logo
ON Semiconductor
NCS21673 ONSEMI-NCS21673 Datasheet
873Kb / 16P
   Current-Shunt Monitors, 40 V Common Mode, Unidirectional, Single, Dual, Quad
August, 2021 ??Rev. 0
logo
Texas Instruments
INA193AIDBVRG4 TI1-INA193AIDBVRG4 Datasheet
627Kb / 24P
[Old version datasheet]   CURRENT SHUNT MONITOR ??6V to 80V Common-Mode Range
INA194AIDBVTG4 TI1-INA194AIDBVTG4 Datasheet
513Kb / 24P
[Old version datasheet]   CURRENT SHUNT MONITOR ??6V to 80V Common-Mode Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com