Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA220 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # INA220
Description  High- or Low-Side, Bidirectional Current and Power Monitor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA220 Datasheet(HTML) 5 Page - Texas Instruments

  INA220 Datasheet HTML 1Page - Texas Instruments INA220 Datasheet HTML 2Page - Texas Instruments INA220 Datasheet HTML 3Page - Texas Instruments INA220 Datasheet HTML 4Page - Texas Instruments INA220 Datasheet HTML 5Page - Texas Instruments INA220 Datasheet HTML 6Page - Texas Instruments INA220 Datasheet HTML 7Page - Texas Instruments INA220 Datasheet HTML 8Page - Texas Instruments INA220 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
5
INA220
www.ti.com
SBOS459E – JUNE 2009 – REVISED JANUARY 2016
Product Folder Links: INA220
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
(1)
BRNG is bit 13 of the Configuration Register 00h (see Figure 19).
(2)
This parameter only expresses the full-scale range of the ADC scaling. In no event should more than 26 V be applied to this device.
(3)
Referred-to-input (RTI)
(4)
Indicates improved specifications of the INA220B.
(5)
The input impedance of this pin may vary approximately ±15%.
(6)
Input leakage is positive (current flowing into the pin) for the conditions shown at the top of the table. Negative leakage currents can
occur under different input conditions.
(7)
SMBus timeout in the INA220 resets the interface any time SCL or SDA is low for more than 28 ms.
7.5 Electrical Characteristics
at TA = 25°C, VS = 3.3 V, VIN+ = 12 V, VSHUNT = (VIN+ – VIN–) = 32 mV, VVBUS = 12 V, PGA = /1, and BRNG
(1) = 1, unless
otherwise noted.
TEST CONDITIONS
INA220A
INA220B
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
INPUT
Full-scale current sense (input) voltage
range
VSHUNT
PGA = /1
0
±40
0
±40
mV
PGA = /2
0
±80
0
±80
mV
PGA = /4
0
±160
0
±160
mV
PGA = /8
0
±320
0
±320
mV
Bus voltage (input voltage)(2)
BRNG = 1
0
32
0
32
V
BRNG = 0
0
16
0
16
V
Common-mode rejection
VIN+ = 0 to 26 V
100
120
100
120
dB
Offset Voltage,
RTI(3)
VOS
PGA = /1
±10
±100
±10
±50(4)
μV
PGA = /2
±20
±125
±20
±75(4)
μV
PGA = /4
±30
±150
±30
±75(4)
μV
PGA = /8
±40
±200
±40
±100(4)
μV
TA = –40°C to 85°C
0.16
0.16
μV/°C
versus power
supply
PSRR
VS = 3 to 5.5 V
10
10
μV/V
Current sense gain error
±40
±40
m%
TA = –40°C to 85°C
1
1
m%/°C
IN+ pin input impedance
Active mode
20
20
μA
IN– pin input impedance
Active mode
20
20
μA
VBUS pin input impedance(5)
Active mode
320
320
k
IN+ pin input leakage(6)
Power-down mode
0.1
±0.5
0.1
±0.5
μA
IN– pin input leakage(6)
Power-down mode
0.1
±0.5
0.1
±0.5
μA
DC ACCURACY
ADC basic resolution
12
12
bits
Shunt voltage
1-LSB step size
10
10
μV
Bus voltage
1-LSB step size
4
4
mV
Current measurement error
±0.2%
±0.5%
±0.2%
±0.3%(4)
over Temperature
TA = –40°C to 85°C
±1%
±0.5%(4)
Bus voltage measurement error
VBUS = 12 V
±0.2%
±0.5%
±0.2%
±0.5%
over Temperature
TA = –40°C to 85°C
±1%
±1%
Differential nonlinearity
±0.1
±0.1
LSB
ADC TIMING
ADC conversion time
12-bit
532
586
532
586
μs
11-bit
276
304
276
304
μs
10-bit
148
163
148
163
μs
9-bit
84
93
84
93
μs
Minimum convert input low time
4
4
μs
SMBus
SMBus timeout(7)
28
35
28
35
ms


Similar Part No. - INA220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA220 TI-INA220 Datasheet
1Mb / 35P
[Old version datasheet]   High or Low Side, Bi-Directional CURRENT/POWER MONITOR with Two-Wire Interface
INA220 TI-INA220 Datasheet
961Kb / 33P
[Old version datasheet]   High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
INA220 TI1-INA220 Datasheet
1Mb / 39P
[Old version datasheet]   High or Low Side, Bi-Directional CURRENT/POWER MONITOR with Two-Wire Interface
INA220 TI1-INA220 Datasheet
924Kb / 37P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C Interface
INA220-Q1 TI1-INA220-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Automotive Grade, 26-V, Bi-Directional, Zero-Drift, Low- or High-Side, I2C-Compatible Current/Power Monitor
More results

Similar Description - INA220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA230 TI1-INA230_13 Datasheet
796Kb / 35P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C Interface
INA220B-Q1 TI1-INA220B-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   High- or Low-Side, Bidirectional Current Power Monitor with 2-Wire Interface
INA230 TI-INA230_15 Datasheet
734Kb / 36P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C??Interface
INA230 TI1-INA230_17 Datasheet
924Kb / 37P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C Interface
INA220B-Q1 TI-INA220B-Q1_15 Datasheet
1Mb / 40P
[Old version datasheet]   High- or Low-Side, Bidirectional Current Power Monitor with 2-Wire Interface
INA233 TI1-INA233 Datasheet
681Kb / 48P
[Old version datasheet]   High-Side or Low-Side Measurement, Bidirectional Current and Power Monitor With I2C-, SMBus-, and PMBus-Compatible Interface
INA231_017 TI1-INA231_017 Datasheet
1Mb / 44P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional Current and Power Monitor With 1.8-V I2C Interface
INA231 TI1-INA231_18 Datasheet
1Mb / 44P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional Current and Power Monitor With 1.8-V I2C Interface
INA231 TI-INA231 Datasheet
448Kb / 32P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C??Interface
INA231 TI-INA231_15 Datasheet
955Kb / 36P
[Old version datasheet]   High- or Low-Side Measurement,Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C??Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com