Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA220 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # INA220
Description  High- or Low-Side, Bidirectional Current and Power Monitor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA220 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA220 Datasheet HTML 2Page - Texas Instruments INA220 Datasheet HTML 3Page - Texas Instruments INA220 Datasheet HTML 4Page - Texas Instruments INA220 Datasheet HTML 5Page - Texas Instruments INA220 Datasheet HTML 6Page - Texas Instruments INA220 Datasheet HTML 7Page - Texas Instruments INA220 Datasheet HTML 8Page - Texas Instruments INA220 Datasheet HTML 9Page - Texas Instruments INA220 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
SCL
SDA
t
(LOW)
t
R
t
F
t
(HDSTA)
t
(HDSTA)
t
(HDDAT)
t
(BUF)
t
(SUDAT)
t
(HIGH)
t
(SUSTA)
t
(SUSTO)
P
S
S
P
6
INA220
SBOS459E – JUNE 2009 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: INA220
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
at TA = 25°C, VS = 3.3 V, VIN+ = 12 V, VSHUNT = (VIN+ – VIN–) = 32 mV, VVBUS = 12 V, PGA = /1, and BRNG
(1) = 1, unless
otherwise noted.
TEST CONDITIONS
INA220A
INA220B
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
DIGITAL INPUTS (SDA as Input, SCL, A0, A1)
Input capacitance
3
3
pF
Leakage input current
0
≤ VIN ≤ VS
0.1
1
0.1
1
μA
VIH input logic level
0.7 (VS)
6
0.7 (VS)
6
V
VIL input logic level
–0.3
0.3 (VS)
–0.3
0.3 (VS)
V
Hysteresis
500
500
mV
OPEN-DRAIN DIGITAL OUTPUTS (SDA)
Logic 0 output level
ISINK = 3 mA
0.15
0.4
0.15
0.4
V
High-level output leakage current
VOUT = VS
0.1
1
0.1
1
μA
POWER SUPPLY
Operating supply range
3
5.5
3
5.5
V
Quiescent current
0.7
1
0.7
1
mA
Quiescent current, power-down mode
6
15
6
15
μA
Power-on reset threshold
2
2
V
(1)
Values based on a statistical analysis of a one-time sample of devices. Minimum and maximum values are not ensured and not
production tested. Condition: A0=A1=0.
7.6 Bus Timing Diagram Definitions
(1)
FAST MODE
HIGH-SPEED MODE
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
ƒ(SCL)
SCL operating frequency
0.001
0.4
0.001
2.56
MHz
t(BUF)
Bus free time between STOP and START
condition
1300
160
ns
t(HDSTA)
Hold time after repeated START condition
After this period, the first clock is
generated.
600
160
ns
t(SUSTA)
Repeated START condition setup time
600
160
ns
t(SUSTO)
STOP condition setup time
600
160
ns
t(HDDAT)
Data hold time
0
900
0
90
ns
t(SUDAT)
Data setup time
100
10
ns
t(LOW)
SCL clock LOW period
1300
250
ns
t(HIGH)
SCL clock HIGH period
600
60
ns
tFDA
Data fall time
300
150
ns
tFCL
Clock fall time
300
40
ns
tRCL
Clock rise time
300
40
ns
tRCL
Clock rise time for SCLK
≤ 100 kHz
1000
ns
Figure 1. Bus Timing Diagram


Similar Part No. - INA220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA220 TI-INA220 Datasheet
1Mb / 35P
[Old version datasheet]   High or Low Side, Bi-Directional CURRENT/POWER MONITOR with Two-Wire Interface
INA220 TI-INA220 Datasheet
961Kb / 33P
[Old version datasheet]   High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
INA220 TI1-INA220 Datasheet
1Mb / 39P
[Old version datasheet]   High or Low Side, Bi-Directional CURRENT/POWER MONITOR with Two-Wire Interface
INA220 TI1-INA220 Datasheet
924Kb / 37P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C Interface
INA220-Q1 TI1-INA220-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Automotive Grade, 26-V, Bi-Directional, Zero-Drift, Low- or High-Side, I2C-Compatible Current/Power Monitor
More results

Similar Description - INA220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA230 TI1-INA230_13 Datasheet
796Kb / 35P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C Interface
INA220B-Q1 TI1-INA220B-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   High- or Low-Side, Bidirectional Current Power Monitor with 2-Wire Interface
INA230 TI-INA230_15 Datasheet
734Kb / 36P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C??Interface
INA230 TI1-INA230_17 Datasheet
924Kb / 37P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C Interface
INA220B-Q1 TI-INA220B-Q1_15 Datasheet
1Mb / 40P
[Old version datasheet]   High- or Low-Side, Bidirectional Current Power Monitor with 2-Wire Interface
INA233 TI1-INA233 Datasheet
681Kb / 48P
[Old version datasheet]   High-Side or Low-Side Measurement, Bidirectional Current and Power Monitor With I2C-, SMBus-, and PMBus-Compatible Interface
INA231_017 TI1-INA231_017 Datasheet
1Mb / 44P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional Current and Power Monitor With 1.8-V I2C Interface
INA231 TI1-INA231_18 Datasheet
1Mb / 44P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional Current and Power Monitor With 1.8-V I2C Interface
INA231 TI-INA231 Datasheet
448Kb / 32P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C??Interface
INA231 TI-INA231_15 Datasheet
955Kb / 36P
[Old version datasheet]   High- or Low-Side Measurement,Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C??Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com