Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA219BIDCNT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # INA219BIDCNT
Description  Bidirectional Current/Power Monitor With I2C Interface
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA219BIDCNT Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA219BIDCNT Datasheet HTML 3Page - Texas Instruments INA219BIDCNT Datasheet HTML 4Page - Texas Instruments INA219BIDCNT Datasheet HTML 5Page - Texas Instruments INA219BIDCNT Datasheet HTML 6Page - Texas Instruments INA219BIDCNT Datasheet HTML 7Page - Texas Instruments INA219BIDCNT Datasheet HTML 8Page - Texas Instruments INA219BIDCNT Datasheet HTML 9Page - Texas Instruments INA219BIDCNT Datasheet HTML 10Page - Texas Instruments INA219BIDCNT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
-40 -25
0
25
50
75
100
125
100
80
60
40
20
0
-20
-40
-60
-80
-100
Temperature( C)
°
32V
16V
20
15
10
5
0
-
5
-
10
-
15
-
20
-
0.4
-
0.3
-
0.2
-
0.1
0
0.1
0.2
0.3
InputVoltage(V)
0.4
100
80
60
40
20
0
-20
-40
-60
-80
-100
-40 -25
0
25
50
75
100
Temperature( C)
°
125
320mVRange
160mVRange
80mVRange 40mVRange
50
45
40
35
30
25
20
15
10
5
0
-40 -25
0
25
50
75
100
Temperature( C)
°
125
32VRange
16VRange
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
10
100
1k
10k
100k
1M
InputFrequency(Hz)
100
80
60
40
20
0
-
20
-
40
-
60
-
80
-
100
-
40 -25
0
25
50
75
100
Temperature( C)
°
125
160mVRange
320mVRange
80mVRange
40mVRange
INA219
www.ti.com
SBOS448G – AUGUST 2008 – REVISED DECEMBER 2015
7.7 Typical Characteristics
At TA = 25°C, VS = 3.3 V, VIN+ = 12 V, VSHUNT = (VIN+ – VIN–) = 32 mV, PGA = /1, and BRNG = 1, unless otherwise noted.
Figure 2. Frequency Response
Figure 3. ADC Shunt Offset vs Temperature
Figure 4. ADC Shunt Gain Error vs Temperature
Figure 5. ADC Bus Voltage Offset vs Temperature
Figure 7. Integral Nonlinearity vs Input Voltage
Figure 6. ADC Bus Gain Error vs Temperature
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: INA219


Similar Part No. - INA219BIDCNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA219BIDCNT TI1-INA219BIDCNT Datasheet
989Kb / 40P
[Old version datasheet]   Zer첩-Drift, Bi-Directional CURRENT/POWER MONITOR with I2C??Interface
INA219BIDCNT TI1-INA219BIDCNT Datasheet
1Mb / 37P
[Old version datasheet]   Bidirectional Current/Power Monitor With I2C Interface
More results

Similar Description - INA219BIDCNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA219 TI1-INA219_17 Datasheet
1Mb / 37P
[Old version datasheet]   Bidirectional Current/Power Monitor With I2C Interface
INA219 TI-INA219_15 Datasheet
1Mb / 37P
[Old version datasheet]   INA219 Zer첩-Drift, Bidirectional Current/Power Monitor With I2C Interface
INA230 TI-INA230_15 Datasheet
734Kb / 36P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C??Interface
INA230 TI1-INA230_17 Datasheet
924Kb / 37P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C Interface
INA230 TI1-INA230_13 Datasheet
796Kb / 35P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C Interface
INA231 TI-INA231_15 Datasheet
955Kb / 36P
[Old version datasheet]   High- or Low-Side Measurement,Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C??Interface
INA231 TI-INA231 Datasheet
448Kb / 32P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C??Interface
INA231 TI1-INA231_17 Datasheet
1,021Kb / 37P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C Interface
INA231 TI1-INA231_18 Datasheet
1Mb / 44P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional Current and Power Monitor With 1.8-V I2C Interface
INA231_017 TI1-INA231_017 Datasheet
1Mb / 44P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional Current and Power Monitor With 1.8-V I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com