Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA250A4PW Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # INA250A4PW
Description  Current-Shunt Monitor with Precision Integrated Shunt Resistor
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA250A4PW Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA250A4PW Datasheet HTML 2Page - Texas Instruments INA250A4PW Datasheet HTML 3Page - Texas Instruments INA250A4PW Datasheet HTML 4Page - Texas Instruments INA250A4PW Datasheet HTML 5Page - Texas Instruments INA250A4PW Datasheet HTML 6Page - Texas Instruments INA250A4PW Datasheet HTML 7Page - Texas Instruments INA250A4PW Datasheet HTML 8Page - Texas Instruments INA250A4PW Datasheet HTML 9Page - Texas Instruments INA250A4PW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
INA250A1, INA250A2, INA250A3, INA250A4
SBOS511B – APRIL 2015 – REVISED DECEMBER 2015
www.ti.com
Electrical Characteristics (continued)
At TA = 25°C, VS = 5 V, VIN+ = 12 V, VREF = 2.5 V, ISENSE = IN+ = 0 A, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
INA250A1
200
INA250A2
500
mV/A
G
Gain
INA250A3
800
INA250A4
2
V/A
ISENSE = –10 A to 10 A, TA = 25°C
±0.05%
±0.3%
ISENSE = –10 A to 10 A,
System gain error(6)
±0.75%
TA = –40°C to 125°C
TA = –40°C to 125°C
45
ppm/°C
Nonlinearity error
ISENSE = 0.5 A to 10 A
±0.03%
RO
Output impedance
1.5
Ω
Maximum capacitive load
No sustained oscillation
1
nF
VOLTAGE OUTPUT(7)
Swing to VS power-supply
RL = 10 kΩ to GND
(VS) – 0.1
(VS) – 0.2
V
rail
Swing to GND
RL = 10 kΩ to GND
(VGND) + 25 (VGND) + 50
mV
FREQUENCY RESPONSE
INA250A1, CL = 10 pF
50
INA250A2, CL = 10 pF
50
BW
Bandwidth
kHz
INA250A3, CL = 10 pF
35
INA250A4, CL = 10 pF
11
SR
Slew rate
CL = 10 pF
0.2
V/
μs
NOISE, RTI (1)
INA250A1
51
INA250A2
35
Voltage noise density
nV/
√Hz
INA250A3
37
INA250A4
27
POWER SUPPLY
VS
Operating voltage range
2.7
36
V
IQ
Quiescent current
TA = –40°C to 125°C
200
300
μA
TEMPERATURE RANGE
Specified range
–40
125
°C
(6)
System gain error includes amplifier gain error and the integrated sense resistor tolerance. System gain error does not include the stress
related characteristics of the integrated sense resistor. These characteristics are described in the Shunt Resistor section of the Electrical
Characteristics table.
(7)
See Typical Characteristics curve, Output Voltage Swing vs Output Current (Figure 19).
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: INA250A1 INA250A2 INA250A3 INA250A4


Similar Part No. - INA250A4PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA250A4 TI-INA250A4 Datasheet
1Mb / 33P
[Old version datasheet]   INA250 36-V, Low- or High-Side, Bidirectional, Zero-DriftCurrent-Shunt Monitor with Precision Integrated Shunt Resistor
INA250A4QPWRQ1 TI1-INA250A4QPWRQ1 Datasheet
125Kb / 8P
[Old version datasheet]   Current-Shunt Monitor with Precision Integrated Shunt Resistor
More results

Similar Description - INA250A4PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA250-Q1 TI1-INA250-Q1 Datasheet
125Kb / 8P
[Old version datasheet]   Current-Shunt Monitor with Precision Integrated Shunt Resistor
INA253 TI1-INA253_18 Datasheet
1Mb / 34P
[Old version datasheet]   High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor With Integrated, 2-m(ohm), Precision, Low Inductive Shunt Resistor
INA253 TI1-INA253 Datasheet
639Kb / 24P
[Old version datasheet]   High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor with Integrated 2-m廓 Precision Low Inductive Shunt Resistor
INA260 TI1-INA260 Datasheet
362Kb / 30P
[Old version datasheet]   Precision Digital Current and Power Monitor with Low-Drift, Precision Integrated Shunt
INA282-Q1 TI1-INA282-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   Current Shunt Monitor
INA199-Q1 TI1-INA199-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Current-Shunt Monitor
logo
Burr-Brown (TI)
INA193 BURR-BROWN-INA193 Datasheet
226Kb / 15P
   CURRENT SHUNT MONITOR
logo
Texas Instruments
INA250A1 TI-INA250A1_15 Datasheet
1Mb / 33P
[Old version datasheet]   INA250 36-V, Low- or High-Side, Bidirectional, Zero-DriftCurrent-Shunt Monitor with Precision Integrated Shunt Resistor
INA250A1 TI-INA250A1_15 Datasheet
1Mb / 32P
[Old version datasheet]   INA250 36-V, Low- or High-Side, Bidirectional, Zero-DriftCurrent-Shunt Monitor with Precision Integrated Shunt Resistor
INA254 TI-INA254 Datasheet
950Kb / 21P
[Old version datasheet]   INA254, 80V, High-Voltage, 짹 50A Integrated Precision Shunt, Bidirectional, Zero-Drift Current-Shunt Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com