Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP8601QMA Datasheet(PDF) 10 Page - Texas Instruments

Part # LMP8601QMA
Description  Common-Mode Bidirectional Precision Current-Sensing Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8601QMA Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMP8601QMA Datasheet HTML 6Page - Texas Instruments LMP8601QMA Datasheet HTML 7Page - Texas Instruments LMP8601QMA Datasheet HTML 8Page - Texas Instruments LMP8601QMA Datasheet HTML 9Page - Texas Instruments LMP8601QMA Datasheet HTML 10Page - Texas Instruments LMP8601QMA Datasheet HTML 11Page - Texas Instruments LMP8601QMA Datasheet HTML 12Page - Texas Instruments LMP8601QMA Datasheet HTML 13Page - Texas Instruments LMP8601QMA Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
TIME (5 s/DIV)
µ
VS = 5V
TIME (5 s/DIV)
µ
VS = 3.3V
TIME (5 s/DIV)
µ
VS = 3.3V
TIME (5 s/DIV)
µ
VS = 5V
TIME (20 s/DIV)
µ
RL = 10 k
VS = 5V
TIME (20 s/DIV)
µ
VS = 3.3V
RL = 10 k
LMP8601, LMP8601-Q1
SNOSAR2G – SEPTEMBER 2008 – REVISED JULY 2015
www.ti.com
Typical Characteristics (continued)
Unless otherwise specified, all limits ensured for at TA = 25°C, VS = 5 V, GND = 0 V, –22 ≤ VCM ≤ 60 V, and RL = ∞, Offset
(Pin 7) connected to VS, 10 nF between VS and GND.
Figure 13. Step Response at VS = 3.3 V
Figure 14. Step Response at VS = 5 V
Figure 15. Settling Time (Falling Edge) at VS = 3.3 V
Figure 16. Settling Time (Falling Edge) at VS = 5 V
Figure 17. Settling Time (Rising Edge) at VS = 3.3 V
Figure 18. Settling Time (Rising Edge) at VS = 5 V
10
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: LMP8601 LMP8601-Q1


Similar Part No. - LMP8601QMA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP8601QMA NSC-LMP8601QMA Datasheet
533Kb / 22P
   60V Common Mode, Bidirectional Precision Current Sensing Amplifier
logo
Texas Instruments
LMP8601QMA/NOPB TI1-LMP8601QMA/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   60-V Common-Mode Bidirectional Precision Current Sensing Amplifier
LMP8601QMA/NOPB TI1-LMP8601QMA/NOPB Datasheet
1Mb / 42P
[Old version datasheet]   Current-Sensing Amplifiers
LMP8601QMANOPB TI1-LMP8601QMANOPB Datasheet
1Mb / 29P
[Old version datasheet]   LMP8601/LMP8601Q 60V Common Mode, Bidirectional Precision Current Sensing Amplifier
logo
National Semiconductor ...
LMP8601QMAX NSC-LMP8601QMAX Datasheet
533Kb / 22P
   60V Common Mode, Bidirectional Precision Current Sensing Amplifier
More results

Similar Description - LMP8601QMA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP8601 NSC-LMP8601 Datasheet
533Kb / 22P
   60V Common Mode, Bidirectional Precision Current Sensing Amplifier
logo
Texas Instruments
LMP8601MAX-NOPB TI1-LMP8601MAX-NOPB Datasheet
1Mb / 29P
[Old version datasheet]   60-V Common-Mode Bidirectional Precision Current Sensing Amplifier
logo
National Semiconductor ...
LMP8602 NSC-LMP8602 Datasheet
597Kb / 24P
   60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
logo
Texas Instruments
LMP8602MM TI-LMP8602MM Datasheet
1Mb / 33P
[Old version datasheet]   60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
logo
National Semiconductor ...
LMP8602 NSC-LMP8602_10 Datasheet
604Kb / 24P
   60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
logo
Texas Instruments
LMP8601 TI1-LMP8601_14 Datasheet
1Mb / 29P
[Old version datasheet]   LMP8601/LMP8601Q 60V Common Mode, Bidirectional Precision Current Sensing Amplifier
LMP8602 TI-LMP8602_15 Datasheet
1Mb / 34P
[Old version datasheet]   60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
LMP8601 TI-LMP8601_15 Datasheet
1Mb / 33P
[Old version datasheet]   LMP8601, LMP8601-Q1 60-V Common-Mode Bidirectional Precision Current-Sensing Amplifier
LMP8278Q TI1-LMP8278Q Datasheet
392Kb / 17P
[Old version datasheet]   High Common Mode, 14 x Gain, Precision Current Sensing Amplifier
LMP8278 TI-LMP8278_15 Datasheet
952Kb / 23P
[Old version datasheet]   High Common Mode, 14 x Gain, Precision Current Sensing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com