Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA286AQDGKRQ1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # INA286AQDGKRQ1
Description  Current Shunt Monitor
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA286AQDGKRQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA286AQDGKRQ1 Datasheet HTML 3Page - Texas Instruments INA286AQDGKRQ1 Datasheet HTML 4Page - Texas Instruments INA286AQDGKRQ1 Datasheet HTML 5Page - Texas Instruments INA286AQDGKRQ1 Datasheet HTML 6Page - Texas Instruments INA286AQDGKRQ1 Datasheet HTML 7Page - Texas Instruments INA286AQDGKRQ1 Datasheet HTML 8Page - Texas Instruments INA286AQDGKRQ1 Datasheet HTML 9Page - Texas Instruments INA286AQDGKRQ1 Datasheet HTML 10Page - Texas Instruments INA286AQDGKRQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
0
3
6
9
12
15
18
V
(V)
OUT
0.06
0.04
0.02
0
0.02
0.04
0.06
-
-
-
V
= 50mVto+50mV
-
SENSE
V+=3.5V
V+=18V
1k
100
10
1
0.1
10
100
1k
10k
100k
1M
Frequency(Hz)
150
140
130
120
110
100
90
80
70
1
10
100
1k
10k
100k
Frequency(Hz)
1k
10k
100k
1M
V
SlewRate(V/sec)
CM
0.1
0.01
0.001
0.0001
0.00001
0.000001
100
1k
10k
100k
1M
Frequency(Hz)
120
110
100
90
80
70
60
50
40
30
20
60
50
40
30
20
10
0
-10
-20
10
100
1k
10k
100k
1M
Frequency (Hz)
INA282-Q1 (50V/V)
INA285-
(1kV/V)
INA284
(500V/V)
INA283
(200V/V)
INA286
(100V/V)
Q1
-Q1
-Q1
-Q1
INA282-Q1, INA283-Q1, INA284-Q1, INA285-Q1, INA286-Q1
www.ti.com
SBOS554B – MARCH 2012 – REVISED DECEMBER 2015
6.6 Typical Characteristics
At TA = 25°C, V+ = 5 V, V+IN = 12 V, VREF1 = VREF2 = 2.048 V referenced to GND, and VSENSE = V+IN – V–IN, unless otherwise
noted.
Figure 1. Gain vs Frequency
Figure 2. INA282-Q1 PSRR (RTI) vs Frequency
Figure 4. INA282-Q1 Common-Mode Slew Rate Induced
Figure 3. INA284-Q1 Common-Mode Rejection Ratio (RTI)
Offset
Figure 5. INA286-Q1 Output Impedance vs Frequency
Figure 6. INA282-Q1 Typical Nonlinearity vs Output Voltage
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: INA282-Q1 INA283-Q1 INA284-Q1 INA285-Q1 INA286-Q1


Similar Part No. - INA286AQDGKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA286AQDGKRQ1 TI1-INA286AQDGKRQ1 Datasheet
847Kb / 30P
[Old version datasheet]   High-Accuracy, Wide Common-Mode Range, Bi-Directional
More results

Similar Description - INA286AQDGKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA199-Q1 TI1-INA199-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Current-Shunt Monitor
logo
Burr-Brown (TI)
INA193 BURR-BROWN-INA193 Datasheet
226Kb / 15P
   CURRENT SHUNT MONITOR
logo
Analog Devices
AD8215 AD-AD8215_11 Datasheet
234Kb / 16P
   High Voltage, Current Shunt Monitor
REV. A
logo
Texas Instruments
INA199 TI1-INA199 Datasheet
1Mb / 34P
[Old version datasheet]   Voltage Output Current Shunt Monitor
INA301 TI1-INA301 Datasheet
153Kb / 7P
[Old version datasheet]   Current-Shunt Monitor Overcurrent Comparator
logo
Analog Devices
AD8212 AD-AD8212 Datasheet
178Kb / 8P
   High Voltage Current Shunt Monitor
Rev. PrA
AD8215 AD-AD8215_16 Datasheet
258Kb / 13P
   High Voltage, Current Shunt Monitor
AD8212WYRMZ AD-AD8212WYRMZ Datasheet
335Kb / 16P
   High Voltage Current Shunt Monitor
REV. B
AD8212 AD-AD8212_17 Datasheet
371Kb / 13P
   High Voltage Current Shunt Monitor
AD8211 AD-AD8211_15 Datasheet
309Kb / 16P
   High Voltage Current Shunt Monitor
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com