Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA205AIDR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # INA205AIDR
Description  Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA205AIDR Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA205AIDR Datasheet HTML 2Page - Texas Instruments INA205AIDR Datasheet HTML 3Page - Texas Instruments INA205AIDR Datasheet HTML 4Page - Texas Instruments INA205AIDR Datasheet HTML 5Page - Texas Instruments INA205AIDR Datasheet HTML 6Page - Texas Instruments INA205AIDR Datasheet HTML 7Page - Texas Instruments INA205AIDR Datasheet HTML 8Page - Texas Instruments INA205AIDR Datasheet HTML 9Page - Texas Instruments INA205AIDR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
INA203, INA204, INA205
SBOS393E – MARCH 2007 – REVISED NOVEMBER 2015
www.ti.com
7.5 Electrical Characteristics: Current-Shunt Monitor
At TA = 25°C, VS = 12 V, VCM = 12 V, VSENSE = 100 mV, RL = 10 kΩ to GND, Rpullup = 5.1 kΩ each connected from CMP1 OUT
and CMP2 OUT to VS, and CMP1 IN+ = 1 V and CMP2 IN– = GND, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
Full-Scale Sense Input
(VS
VSENSE
VSENSE = VIN+ – VIN–
0.15
V
Voltage
0.25)/Gain
Common-Mode Input
TA = –40°C to
VCM
–16
80
V
Range
125°C
Common-Mode Rejection
CMRR
VCM = –16 V to 80 V
80
100
dB
Ratio
TA = –40°C to
Over Temperature
VCM = 12 V to 80 V
100
123
dB
125°C
Offset Voltage, RTI (1)
VOS
±0.5
±2.5
mV
25°C to 125°C
±3
mV
–40°C to 25°C
±3.5
mV
TA = –40°C to
vs Temperature
dVOS/dT
TMIN to TMAX
5
μV/°C
125°C
VOUT = 2 V,
TA = –40°C to
vs Power Supply
PSR
2.5
100
μV/V
VCM = 18 V, 2.7 V
125°C
Input Bias Current,
TA = –40°C to
IB
±9
±16
μA
VIN– Pin
125°C
OUTPUT (VSENSE ≥ 20 mV)
Gain:
G
INA203
20
V/V
INA204
50
V/V
INA205
100
V/V
Gain
VSENSE = 20 mV to 100 mV
±0.2%
±1%
Error
VSENSE = 20 mV to
TA = –40°C to
Over Temperature
±2%
100 mV
125°C
VSENSE = 120 mV,
Total Output Error (2)
±0.75%
±2.2%
VS = 16 V
VSENSE = 120 mV,
TA = –40°C to
Over Temperature
±3.5%
VS = 16 V
125°C
Nonlinearity Error (3)
VSENSE = 20 mV to 100 mV
±0.002%
Output Impedance, Pin 2
RO
1.5
Maximum Capacitive Load
No Sustained Oscillation
10
nF
OUTPUT (VSENSE < 20 mV)
(4)
INA203, INA204, INA205
–16 V
≤ VCM < 0 V
300
mV
INA203
0 V
≤ VCM ≤ VS, VS = 5 V
0.4
V
INA204
0 V
≤ VCM ≤ VS, VS = 5 V
1
V
INA205
0 V
≤ VCM ≤ VS, VS = 5 V
2
V
INA203, INA204, INA205
VS < VCM ≤ 80 V
300
mV
VOLTAGE OUTPUT (5)
VIN– = 11 V,
TA = –40°C to
Output Swing to the Positive Rail
(Vs) – 0.15
(Vs) – 0.25
V
VIN+ = 12 V
125°C
VIN– = 0 V,
TA = –40°C to
Output Swing to GND (6)
(VGND) + 0.004
(VGND) + 0.05
V
VIN+ = –0.5 V
125°C
(1)
Offset is extrapolated from measurements of the output at 20 mV and 100 mV VSENSE.
(2)
Total output error includes effects of gain error and VOS.
(3)
Linearity is best fit to a straight line.
(4)
For details on this region of operation, see the Accuracy Variations as a Result Of VSENSE and Common-Mode Voltage section in the
Application and Implementation.
(5)
See Typical Characteristic curve Positive Output Voltage Swing vs Output Current (Figure 8).
(6)
Specified by design; not production tested.
6
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: INA203 INA204 INA205


Similar Part No. - INA205AIDR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA205AIDGSR BURR-BROWN-INA205AIDGSR Datasheet
775Kb / 25P
   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA205AIDGSRG4 BURR-BROWN-INA205AIDGSRG4 Datasheet
775Kb / 25P
   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA205AIDGST BURR-BROWN-INA205AIDGST Datasheet
775Kb / 25P
   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA205AIDGSTG4 BURR-BROWN-INA205AIDGSTG4 Datasheet
775Kb / 25P
   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
More results

Similar Description - INA205AIDR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA203 BURR-BROWN-INA203 Datasheet
775Kb / 25P
   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
logo
Texas Instruments
INA203-Q1 TI-INA203-Q1_15 Datasheet
647Kb / 24P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA206 TI1-INA206 Datasheet
1Mb / 39P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA203-Q1 TI1-INA203-Q1 Datasheet
701Kb / 23P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA206 TI-INA206_15 Datasheet
1Mb / 39P
[Old version datasheet]   INA20x Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA203 TI-INA203_15 Datasheet
1Mb / 37P
[Old version datasheet]   INA20x Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA270 TI1-INA270_14 Datasheet
816Kb / 26P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor
INA206 TI-INA206 Datasheet
433Kb / 23P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Dual Comparators
INA271-HT TI-INA271-HT Datasheet
335Kb / 18P
[Old version datasheet]   VOLTAGE OUTPUT, UNIDIRECTIONAL MEASUREMENT CURRENT-SHUNT MONITOR
logo
Burr-Brown (TI)
INA270 BURR-BROWN-INA270 Datasheet
295Kb / 13P
   Voltage Output, Unidirectional Measurement Current-Shunt Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com