Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0402C100J8GACTU Datasheet(PDF) 2 Page - Kemet Corporation

Part # C0402C100J8GACTU
Description  High ripple current capability
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0402C100J8GACTU Datasheet(HTML) 2 Page - Kemet Corporation

  C0402C100J8GACTU Datasheet HTML 1Page - Kemet Corporation C0402C100J8GACTU Datasheet HTML 2Page - Kemet Corporation C0402C100J8GACTU Datasheet HTML 3Page - Kemet Corporation C0402C100J8GACTU Datasheet HTML 4Page - Kemet Corporation C0402C100J8GACTU Datasheet HTML 5Page - Kemet Corporation C0402C100J8GACTU Datasheet HTML 6Page - Kemet Corporation C0402C100J8GACTU Datasheet HTML 7Page - Kemet Corporation C0402C100J8GACTU Datasheet HTML 8Page - Kemet Corporation C0402C100J8GACTU Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1003_C0G • 10/5/2015
2
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) – C0G Dielectric, 10 – 250 VDC (Commercial Grade)
Packaging C-Spec Ordering Options Table
Packaging Type1
Packaging/Grade
Ordering Code (C-Spec)
Bulk Bag / Unmarked
Not required (Blank)
7" Reel / Unmarked
TU
7" Reel / Unmarked / 2 mm pitch2
7081
13" Reel / Unmarked / 2 mm pitch2
7082
1
Default packaging is “Bulk Bag”. An ordering code C-Spec is not required for “Bulk Bag” packaging.
1
The terms “Marked” and “Unmarked” pertain to laser marking option of capacitors. All packaging options labeled as “Unmarked” will contain capacitors that have
not been laser marked. The option to laser mark is not available on these devices. For more information see “Capacitor Marking”.
2
The 2 mm pitch option allows for double the packaging quantity of capacitors on a given reel size. This option is limited to EIA 0603 (1608 metric) case size
devices. For more information regarding 2 mm pitch option see “Tape & Reel Packaging Information”.
Benefits cont'd
• Preferred capacitance solution at line frequencies and into the MHz range
• No capacitance change with respect to applied rated DC voltage
• Negligible capacitance change with respect to temperature from -55°C to +125°C
• No capacitance decay with time
• Non-polar device, minimizing installation concerns
• 100%puremattetin-platedterminationfinishallowingforexcellentsolderability
• SnPbplatedterminationfinishoptionavailableuponrequest(5%Pbminimum)
Applications
Typical applications include critical timing, tuning, circuits requiring low loss, circuits with pulse, high current, decoupling, bypass,
filtering,transientvoltagesuppression,blockingandenergystorage.
Qualification/Certification
CommercialGradeproductsaresubjecttointernalqualification.Detailsregardingtestmethodsandconditionsarereferencedin
Table 4, Performance and Reliability.
Environmental Compliance
Lead (Pb)-Free, RoHS, and REACH compliant without exemptions.


Similar Part No. - C0402C100J8GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C100J3GACAUTO KEMET-C0402C100J3GACAUTO Datasheet
60Kb / 1P
   SMD Auto C0G, Ceramic, 10 pF, 5%, 25 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 0402
C0402C100J3GACTU KEMET-C0402C100J3GACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 10 pF, 5%, 25 V, 0402, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0402C100J5GAC KEMET-C0402C100J5GAC Datasheet
795Kb / 18P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0402C100J5GACAUTO KEMET-C0402C100J5GACAUTO Datasheet
72Kb / 1P
   SMD Auto C0G, Ceramic, 10 pF, 5%, 50 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 0402
C0402C100J5GACTU KEMET-C0402C100J5GACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) C0G Dielectric, 10 ??200 VDC (Commercial Grade)
More results

Similar Description - C0402C100J8GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C519C5GACTU KEMET-C0402C519C5GACTU Datasheet
1Mb / 21P
   High ripple current capability
logo
Cornell Dubilier Electr...
381LR CDE-381LR Datasheet
214Kb / 3P
   Ultra-High-Ripple Snap-in More Ripple Current Capability
logo
List of Unclassifed Man...
APSGXXXEXXXXXMXXXS ETC2-APSGXXXEXXXXXMXXXS Datasheet
86Kb / 2P
   Super low ESR, high ripple current capability
logo
Nippon Precision Circui...
APSG250ELL331MJB5S NPC-APSG250ELL331MJB5S Datasheet
342Kb / 2P
   Super low ESR, high ripple current capability
logo
jb Capacitors Company
JNC JBCAPACITORS-JNC Datasheet
607Kb / 3P
   High ripple current
logo
World Produts Inc.
PCPW225 WPI-PCPW225 Datasheet
256Kb / 8P
   High ripple current
logo
Surge Components
SGV SURGE-SGV Datasheet
331Kb / 3P
   High ripple current
logo
jb Capacitors Company
JNK JBCAPACITORS-JNK Datasheet
499Kb / 1P
   High ripple current
JNE JBCAPACITORS-JNE Datasheet
500Kb / 3P
   High ripple current
JNJ JBCAPACITORS-JNJ Datasheet
594Kb / 4P
   High ripple current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com