Electronic Components Datasheet Search |
|
SN74HC86NSRG4 Datasheet(PDF) 1 Page - Texas Instruments |
|
|
SN74HC86NSRG4 Datasheet(HTML) 1 Page - Texas Instruments |
1 / 20 page SN54HC86, SN74HC86 QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES SCLS100E – DECEMBER 1982 – REVISED AUGUST 2003 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Wide Operating Voltage Range of 2 V to 6 V D Outputs Can Drive Up To 10 LSTTL Loads D Low Power Consumption, 20-µA Max ICC D Typical tpd = 10 ns D ±4-mA Output Drive at 5 V D Low Input Current of 1 µA Max D True Logic 1 2 3 4 5 6 7 14 13 12 11 10 9 8 1A 1B 1Y 2A 2B 2Y GND VCC 4B 4A 4Y 3B 3A 3Y SN54HC86 ...J OR W PACKAGE SN74HC86 . . . D, N, NS, OR PW PACKAGE (TOP VIEW) 32 1 20 19 910 11 1213 4 5 6 7 8 18 17 16 15 14 4A NC 4Y NC 3B 1Y NC 2A NC 2B SN54HC86 . . . FK PACKAGE (TOP VIEW) NC – No internal connection description/ordering information These devices contain four independent 2-input exclusive-OR gates. They perform the Boolean function Y = A B or Y = AB + AB in positive logic. A common application is as a true / complement element. If one of the inputs is low, the other input is reproduced in true form at the output. If one of the inputs is high, the signal on the other input is reproduced inverted at the output. ORDERING INFORMATION TA PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING –40 C to 85 C PDIP – N Tube of 25 SN74HC86N SN74HC86N –40 C to 85 C SOIC – D Tube of 50 SN74HC86D HC86 –40 C to 85 C SOIC – D Reel of 2500 SN74HC86DR HC86 –40 °C to 85°C Reel of 250 SN74HC86DT –40 °C to 85°C SOP – NS Reel of 2000 SN74HC86NSR HC86 TSSOP – PW Tube of 90 SN74HC86PW HC86 TSSOP – PW Reel of 2000 SN74HC86PWR HC86 Reel of 250 SN74HC86PWT –55 C to 125 C CDIP – J Tube of 25 SNJ54HC86J SNJ54HC86J –55 °C to 125°C CFP – W Tube of 150 SNJ54HC86W SNJ54HC86W LCCC – FK Tube of 55 SNJ54HC86FK SNJ54HC86FK † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. Copyright 2003, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. On products compliant to MIL-PRF-38535, all parameters are tested unless otherwise noted. On all other products, production processing does not necessarily include testing of all parameters. |
Similar Part No. - SN74HC86NSRG4 |
|
Similar Description - SN74HC86NSRG4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |