Electronic Components Datasheet Search |
|
KSM-601TN2 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP. |
|
KSM-601TN2 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP. |
1 / 2 page - 1- KSM-60 TN2・KSM-70 TN2 Optic receiver modules KODENSHI The KSM-60TN2 consist of a PIN Photodiode of high speed and a preamplifier IC in the package as an receiver for Infrared remote control systems FEATURES •One mold small package •5 Volt supply voltage, low power consumption •Shielded against electrical field disturbance •High immunity against ambient light •Easy interface with the main board •TTL and CMOS compatibility APPLICATIONS •TV, VTR, Acoustic Devices, Air Conditioners, Car Stereo Units, Computers, Interior controlling appliances, and all appliances that require remote controlling DIMENSIONS (Unit : mm) PIN configuration 60 TN2 70 TN2 ① Vout Vout ② GND Vcc ③ Vcc GND NOTE Note : *1. It specifies the maximum distance between emitter and detector that the output waveform satisfies the standard under the conditions below against the standard transmitter 1) Measuring place : Indoor without extreme reflection of light 2) Ambient light source : Detecting surface illumination shall be irradiate 200±50lx under ordinary white fluorescence lamp without high frequency lightning 3) Standard transmitter : Burst wave of standard transmitter shall be arranged to 50mVp-p under the measuring circuit Rating Symbol Parameter MAXIMUM RATINGS Supply Voltage Operating Temperature Storage Temperature Soldering Temperature VCC Topr. Tstg. Tsol. 5.5 -10~+60 -20~+75 260(Max 5 sec) V ℃ ℃ ℃ Unit (Ta=25℃ Unless otherwise noted) (Ta=25℃), Vcc=5.0V ELECTRO-OPTICAL CHARACTERISTICS Input Signal=0 0° ±30° 30cm over the ray axis Burst Wave=600μs Period=1.2㎳ Parameter Typ. 5.0 1.2 940 37.9 - - 5.0 0.1 600 600 Supply Voltage Current Consumption Peak Wavelength *1 B.P.F Center Frequency Transmission Distance *1 H Level Output Voltage *1 L Level Output Voltage *1 H Level Output Pulse Width *1 L Level Output Pulse Width *1 Output Form VCC ICC λp fo L VOH VOL TWH TWL 4.5 - - - 10 7 4.5 - 500 500 5.5 2.5 - - - - - 0.5 700 700 V mA nm kHz m m V V μs μs Symbol Conditions Min. Max. Unit. Active Low Output 200±50lx B.P.F CENTER FREQUENCY B.P.F Center Frequency(kHz) Model NO. 40.0 36.7 37.9 32.7 56.9 KSM-◯◯1 TN2 KSM-◯◯2 TN2 KSM-◯◯3 TN2 KSM-◯◯4 TN2 KSM-◯◯5 TN2 |
Similar Part No. - KSM-601TN2 |
|
Similar Description - KSM-601TN2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |