Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIC6B273DWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC6B273DWR
Description  Eight Power DMOS-Transistor Outputs of 150-mA Continuous Current
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC6B273DWR Datasheet(HTML) 2 Page - Texas Instruments

  TPIC6B273DWR Datasheet HTML 1Page - Texas Instruments TPIC6B273DWR Datasheet HTML 2Page - Texas Instruments TPIC6B273DWR Datasheet HTML 3Page - Texas Instruments TPIC6B273DWR Datasheet HTML 4Page - Texas Instruments TPIC6B273DWR Datasheet HTML 5Page - Texas Instruments TPIC6B273DWR Datasheet HTML 6Page - Texas Instruments TPIC6B273DWR Datasheet HTML 7Page - Texas Instruments TPIC6B273DWR Datasheet HTML 8Page - Texas Instruments TPIC6B273DWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TPIC6B273
POWER LOGIC OCTAL D-TYPE LATCH
SLIS031 – APRIL 1994 – REVISED JULY 1995
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic diagram (positive logic)
CLK
11
CLR
1
C1
CLR
1D
D1
2
DRAIN1
4
C1
CLR
1D
D2
3
DRAIN2
5
C1
CLR
1D
D3
8
DRAIN3
6
C1
CLR
1D
9
DRAIN4
7
C1
CLR
1D
D5
12
DRAIN5
14
C1
CLR
1D
D6
13
DRAIN6
15
C1
CLR
1D
D7
18
DRAIN7
16
C1
CLR
1D
D8
19
DRAIN8
17
D4
10
GND


Similar Part No. - TPIC6B273DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC6B273DW TI-TPIC6B273DW Datasheet
130Kb / 9P
[Old version datasheet]   POWER LOGIC OCTAL D-TYPE LATCH
More results

Similar Description - TPIC6B273DWR

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GPM55 SLPOWER-GPM55 Datasheet
91Kb / 2P
   55 Watts Maximum Continuous Power - Total of all Outputs.
logo
STMicroelectronics
LDLN015 STMICROELECTRONICS-LDLN015 Datasheet
1Mb / 18P
   150 mA guaranteed output current
January 2015 Rev 3
LD39115J STMICROELECTRONICS-LD39115J Datasheet
429Kb / 21P
   150 mA guaranteed output current
January 2014 Rev 6
logo
Infineon Technologies A...
TLE94108ES INFINEON-TLE94108ES Datasheet
1Mb / 76P
   Eight half bridge power outputs
Data Sheet 1.0 2020-09-29
logo
Texas Instruments
LP3996-Q1 TI1-LP3996-Q1_15 Datasheet
1Mb / 20P
[Old version datasheet]   Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
LP3996-Q1 TI1-LP3996-Q1 Datasheet
1Mb / 20P
[Old version datasheet]   Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
logo
List of Unclassifed Man...
SM6525 ETC1-SM6525 Datasheet
27Kb / 1P
   25 mA - 150 mA Forward Current 70 ns Recovery Time
logo
Texas Instruments
LP3996 TI-LP3996_15 Datasheet
1Mb / 22P
[Old version datasheet]   LP3996 Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
LP3996 TI1-LP3996 Datasheet
1Mb / 22P
[Old version datasheet]   LP3996 Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
logo
ON Semiconductor
NCP4684EMX33TCG ONSEMI-NCP4684EMX33TCG Datasheet
336Kb / 18P
   150 mA, Ultra Low Quiescent Current, Low
February, 2011 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com