Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3306-15QDRG4Q1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3306-15QDRG4Q1
Description  Qualified for Automotive Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3306-15QDRG4Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS3306-15QDRG4Q1 Datasheet HTML 4Page - Texas Instruments TPS3306-15QDRG4Q1 Datasheet HTML 5Page - Texas Instruments TPS3306-15QDRG4Q1 Datasheet HTML 6Page - Texas Instruments TPS3306-15QDRG4Q1 Datasheet HTML 7Page - Texas Instruments TPS3306-15QDRG4Q1 Datasheet HTML 8Page - Texas Instruments TPS3306-15QDRG4Q1 Datasheet HTML 9Page - Texas Instruments TPS3306-15QDRG4Q1 Datasheet HTML 10Page - Texas Instruments TPS3306-15QDRG4Q1 Datasheet HTML 11Page - Texas Instruments TPS3306-15QDRG4Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TPS330615Q1, TPS330618Q1, TPS330620Q1, TPS330625Q1, TPS330633Q1
DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
SGLS241B − MARCH 2004 − REVISED APRIL 2008
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics at VDD = 2.7 V to 6 V, RL = 1 MΩ, CL = 50 pF, TA = 25°C
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tt(out)
Watchdog time-out
VI(SENSEn) ≥ VIT + 0.2 V,
See timing diagram
0.5
0.8
1.2
s
td
Delay time
VI(SENSEn) ≥ VIT + 0.2 V,
See timing diagram
70
100
140
ms
tPHL
Propagation (delay) time,
high- to low-level output
SENSEn
RESET
VIH = VIT + 0.2 V,
VIL = VIT − 0.2 V
1
5
µs
tPHL
Propagation (delay) time,
high- to low-level output
PFI
PFO
0.5
1
s
tPLH
Propagation (delay) time,
low- to high-level output
PFI
PFO
0.5
1
µs
TYPICAL CHARACTERISTICS
Figure 2
1
0.999
0.997
0.995
−40
−15
10
35
1.002
1.003
NORMALIZED SENSE THRESHOLD VOLTAGE
vs
FREE-AIR TEMPERATURE AT VDD
1.005
60
85
VDD = 6 V
1.004
1.001
0.998
0.996
TA − Free-Air Temperature − °C
Figure 3
4
0
−6
−10
−0.5 0 0.5 1
2.5 3 3.5
8
14
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
18
45
6
7
16
12
10
6
2
−2
−4
−8
1.5 2
4.5
5.5
6.5
VDD − Supply Voltage − V
SENSEn = VDD
TA = 25°C
TPS3306-33


Similar Part No. - TPS3306-15QDRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3306-15QDRG4Q1 TI1-TPS3306-15QDRG4Q1 Datasheet
815Kb / 16P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
More results

Similar Description - TPS3306-15QDRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC225XA-Q1 TI1-TLC225XA-Q1 Datasheet
646Kb / 35P
[Old version datasheet]   Qualified for Automotive Applications
logo
PETERMANN-TECHNIK
SMD0507-4 PETERMANN-SMD0507-4_15 Datasheet
541Kb / 4P
   Qualified for automotive applications
SMD0503-2 PETERMANN-SMD0503-2_15 Datasheet
652Kb / 4P
   Qualified for automotive applications
SMD0503 PETERMANN-SMD0503_15 Datasheet
412Kb / 4P
   Qualified for automotive applications
SMD0603-4 PETERMANN-SMD0603-4_15 Datasheet
716Kb / 4P
   Qualified for automotive applications
logo
Texas Instruments
SN74LVC04A-Q1 TI1-SN74LVC04A-Q1_15 Datasheet
796Kb / 13P
[Old version datasheet]   Qualified for Automotive Applications
TUSB211 TI1-TUSB211 Datasheet
1Mb / 21P
[Old version datasheet]   Qualified for Automotive Applications
SN74AHC32Q-Q1 TI1-SN74AHC32Q-Q1 Datasheet
102Kb / 7P
[Old version datasheet]   Qualified for Automotive Applications
SN74LVC04AQPWRQ1 TI-SN74LVC04AQPWRQ1 Datasheet
760Kb / 12P
[Old version datasheet]   Qualified for Automotive Applications
logo
PETERMANN-TECHNIK
SMD0507-2 PETERMANN-SMD0507-2_15 Datasheet
518Kb / 4P
   Qualified for automotive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com