Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R82EC1330-5 Datasheet(PDF) 5 Page - Kemet Corporation

Part # R82EC1330-5
Description  METALL IZED POLYE STER FILM CAPACITOR D.C. MUL TIPURPOSE APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R82EC1330-5 Datasheet(HTML) 5 Page - Kemet Corporation

  R82EC1330-5 Datasheet HTML 1Page - Kemet Corporation R82EC1330-5 Datasheet HTML 2Page - Kemet Corporation R82EC1330-5 Datasheet HTML 3Page - Kemet Corporation R82EC1330-5 Datasheet HTML 4Page - Kemet Corporation R82EC1330-5 Datasheet HTML 5Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
R82
MKT Series
MeTAllIZeD POlyeSTeR FIlM CAPACITOR
D.C. MulTIPuRPOSe APPlICATIONS
p = 5 mm
PRoDUCT CoDe:
R82
MAX. CURReNT (Ir.m.s.) VeRSUS FReQUeNCY (sinusoidal wave-form / Th ≤ 40°C)
1
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute –
and we specifically disclaim – any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who
have the requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise
provided by us with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - R82EC1330-5

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R82EC1330AA50K KEMET-R82EC1330AA50K Datasheet
54Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, R82, 3300 pF, 10%, 100 V, 85C, Lead Spacing = 5mm
R82EC1330DQ50K KEMET-R82EC1330DQ50K Datasheet
59Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, R82, 3300 pF, 10%, 100 V, 85C, Lead Spacing = 5mm
R82EC1330Z350J KEMET-R82EC1330Z350J Datasheet
54Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, R82, 3300 pF, 5%, 100 V, 85C, Lead Spacing = 5mm
More results

Similar Description - R82EC1330-5

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
MKT KEMET-MKT Datasheet
423Kb / 5P
   METALL IZED POLYE STER FILM CAPACITOR
PHE840MB5470KB04R17 KEMET-PHE840MB5470KB04R17 Datasheet
37Kb / 1P
   Capacitor, film
PHE840MD6220KD13R06L2 KEMET-PHE840MD6220KD13R06L2 Datasheet
37Kb / 1P
   Capacitor, film
R46KI315000P0M KEMET-R46KI315000P0M Datasheet
37Kb / 1P
   Capacitor, film
PHE850EA4100MA01R17 KEMET-PHE850EA4100MA01R17 Datasheet
37Kb / 1P
   Capacitor, film
F840BE104K300A KEMET-F840BE104K300A Datasheet
37Kb / 1P
   Capacitor, film
PHE840MB6220KB12R17 KEMET-PHE840MB6220KB12R17 Datasheet
37Kb / 1P
   Capacitor, film
PHE840MB6150KB10R17 KEMET-PHE840MB6150KB10R17 Datasheet
37Kb / 1P
   Capacitor, film
R46KI322000P0M KEMET-R46KI322000P0M Datasheet
36Kb / 1P
   Capacitor, film
MMK15105J100B04L4BULK KEMET-MMK15105J100B04L4BULK Datasheet
37Kb / 1P
   Capacitor, film
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com