Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC27524DGNR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27524DGNR
Description  Industry-Standard Pinout
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27524DGNR Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCC27524DGNR Datasheet HTML 6Page - Texas Instruments UCC27524DGNR Datasheet HTML 7Page - Texas Instruments UCC27524DGNR Datasheet HTML 8Page - Texas Instruments UCC27524DGNR Datasheet HTML 9Page - Texas Instruments UCC27524DGNR Datasheet HTML 10Page - Texas Instruments UCC27524DGNR Datasheet HTML 11Page - Texas Instruments UCC27524DGNR Datasheet HTML 12Page - Texas Instruments UCC27524DGNR Datasheet HTML 13Page - Texas Instruments UCC27524DGNR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
8
10
12
14
16
18
−50
0
50
100
150
Temperature (°C)
Turn−on
Turn−off
VDD = 12 V
CLOAD = 1.8 nF
G010
8
10
12
14
16
18
−50
0
50
100
150
Temperature (°C)
EN to Output High
EN to Output Low
VDD = 12 V
CLOAD = 1.8 nF
G011
5
6
7
8
9
10
−50
0
50
100
150
Temperature (°C)
VDD = 12 V
CLOAD = 1.8 nF
G008
5
6
7
8
9
−50
0
50
100
150
Temperature (°C)
VDD = 12 V
CLOAD = 1.8 nF
G009
3
4
5
6
7
−50
0
50
100
150
Temperature (°C)
VDD = 12 V
IOUT = −10 mA
G006
0.2
0.4
0.6
0.8
1
−50
0
50
100
150
Temperature (°C)
VDD = 12 V
IOUT = 10 mA
G007
UCC27523, UCC27524, UCC27525, UCC27526
SLUSAQ3G – NOVEMBER 2011 – REVISED APRIL 2015
www.ti.com
Typical Characteristics (continued)
Figure 11. Output Pullup Resistance vs Temperature
Figure 12. Output Pulldown Resistance vs Temperature
Figure 13. Rise Time vs Temperature
Figure 14. Fall Time vs Temperature
Figure 15. Input to Output Propagation Delay vs
Figure 16. EN to Output Propagation Delay vs Temperature
Temperature
10
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: UCC27523 UCC27524 UCC27525 UCC27526


Similar Part No. - UCC27524DGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27524DGNR TI1-UCC27524DGNR Datasheet
1Mb / 41P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver
UCC27524DGNR TI1-UCC27524DGNR Datasheet
1Mb / 31P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver
JUNE2012
More results

Similar Description - UCC27524DGNR

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRLML0060TRPBF INFINEON-IRLML0060TRPBF Datasheet
297Kb / 10P
   Industry-Standard Pinout
2016-12-20
logo
Minmax Technology Co., ...
MA01-HI MINMAX-MA01-HI Datasheet
405Kb / 4P
   Industry Standard Pinout
logo
International Rectifier
IRLML0040PBF IRF-IRLML0040PBF_15 Datasheet
197Kb / 10P
   Industry-standard pinout
logo
XP Power Limited
ISQ XPPOWER-ISQ Datasheet
223Kb / 1P
   Industry Standard Pinout
logo
Recom International Pow...
ROL RECOM-ROL Datasheet
87Kb / 2P
   Industry Standard Pinout
logo
XP Power Limited
IST XPPOWER-IST Datasheet
210Kb / 1P
   Industry Standard Pinout
logo
International Rectifier
IRLML0060PBF IRF-IRLML0060PBF_15 Datasheet
205Kb / 10P
   Industry-standard pinout
logo
National Semiconductor ...
NMC6514 NSC-NMC6514 Datasheet
323Kb / 6P
   industry standard pinout
NMC6518 NSC-NMC6518 Datasheet
339Kb / 6P
   industry standard pinout
logo
Guangdong Youtai Semico...
IRLML9303 UMW-IRLML9303 Datasheet
470Kb / 8P
   Industry-standard pinout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com