Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSM-713SY Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # KSM-713SY
Description  Optic receiver modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KSM-713SY Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  KSM-713SY Datasheet HTML 1Page - KODENSHI_AUK CORP. KSM-713SY Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 2-
KSM-71
SY
Optic receiver modules
Relative reception distance Vs.
Frequency(37.9kHz)
Output Pulse Width
Standard Transmitter
Test Condition of Transmission Distance
Relative reception distance Vs.
Power supply voltage
Relative distance Vs.
Supply current
Radient pattern
Relative reception distance Vs.
Ambient temperature
MEASURING METHOD


Similar Part No. - KSM-713SY

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KSM-713LJ KODENSHI-KSM-713LJ Datasheet
210Kb / 2P
   Optic receiver modules
KSM-713TC5 KODENSHI-KSM-713TC5 Datasheet
206Kb / 2P
   Optic receiver modules
KSM-713TE2E KODENSHI-KSM-713TE2E Datasheet
191Kb / 2P
   Infrared receiver modules
KSM-713TE5 KODENSHI-KSM-713TE5 Datasheet
204Kb / 2P
   Optic receiver modules
KSM-713TH5 KODENSHI-KSM-713TH5 Datasheet
205Kb / 2P
   Optic receiver modules
More results

Similar Description - KSM-713SY

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KSM-711TC5 KODENSHI-KSM-711TC5 Datasheet
206Kb / 2P
   Optic receiver modules
KSM-601TH2 KODENSHI-KSM-601TH2 Datasheet
202Kb / 2P
   Optic receiver modules
KSM-601LF KODENSHI-KSM-601LF Datasheet
727Kb / 2P
   Optic receiver modules
KSM-601TN2 KODENSHI-KSM-601TN2 Datasheet
197Kb / 2P
   Optic receiver modules
KSM-601LO KODENSHI-KSM-601LO Datasheet
206Kb / 2P
   Optic receiver modules
KSM-601SM2 KODENSHI-KSM-601SM2 Datasheet
727Kb / 2P
   Optic receiver modules
KSM-711LJ KODENSHI-KSM-711LJ Datasheet
210Kb / 2P
   Optic receiver modules
PIC-3704 KODENSHI-PIC-3704 Datasheet
95Kb / 2P
   OPTIC RECEIVER MODULES
KSM-601LU KODENSHI-KSM-601LU Datasheet
209Kb / 2P
   Optic receiver modules
KSM-601SP KODENSHI-KSM-601SP Datasheet
205Kb / 2P
   Optic receiver modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com