Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMT1000 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FMT1000
Description  Motion Tracking Module with Output of Orientation, Inertial Motion Data and Magnetic Field
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMT1000 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FMT1000 Datasheet HTML 3Page - Fairchild Semiconductor FMT1000 Datasheet HTML 4Page - Fairchild Semiconductor FMT1000 Datasheet HTML 5Page - Fairchild Semiconductor FMT1000 Datasheet HTML 6Page - Fairchild Semiconductor FMT1000 Datasheet HTML 7Page - Fairchild Semiconductor FMT1000 Datasheet HTML 8Page - Fairchild Semiconductor FMT1000 Datasheet HTML 9Page - Fairchild Semiconductor FMT1000 Datasheet HTML 10Page - Fairchild Semiconductor FMT1000 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
© 2015 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMT1000-series
• Rev. 1.0
7
1.7
Peripheral Interface Selection
The FMT1000-series modules are designed to be used
as a peripheral device in embedded systems. The
module
supports
Universal
Asynchronous
Receiver/Transmitter (UART), inter-integrated circuit
(I
2C) and the Serial Peripheral Interface (SPI) protocols.
The
I
2C and SPI protocols are well suited for
communications between integrated circuits with on-
board peripherals. The FMT1000-series modules have
four modes of peripheral interfacing. Only one mode can
be used at a time and is determined by the state of
peripheral selection pins PSEL0 and PSEL1 at startup.
Table 1 specifies how the PSEL lines select the
peripheral interface. Note that the module has internal
pull-ups. Not connecting PSEL results in a value of 1,
connecting PSEL to a GND results in a value of 0.
Examples for communication on embedded systems are
available at https://developer.mbed.org/teams/Fairchild-
Semiconductor
Table 1.
Peripheral Interface Selection
Interface
PSEL0
PSEL1
I
2C
1
1
SPI
0
1
UART Half-Duplex
1
0
UART Full-Duplex
0
0
1.7.1
Peripheral Interface Architecture
At its core the module uses the proprietary Xbus
protocol. This protocol is available on all interfaces,
UART (asynchronous serial port interfaces) and I
2C and
SPI buses. The I
2C and SPI buses differ from UART in
that they are synchronous and have a master-slave
relation in which the slave cannot send data by itself.
This makes the Xbus protocol not directly transferable to
these buses. For this the MTSSP protocol is introduced
that provides a way to exchange standard Xbus protocol
messages over the I
2C and SPI buses.
Figure 5 shows how MTSSP is fitted in the module's
(simplified) communication architecture. The module
has generic Input- and Output-Queues for Xbus protocol
messages. For I
2C and SPI these messages are
translated
by
the
MTSSP
layer.
For
the
UART
connection these messages are transported as-is.
Figure 5.
FMT Module Architecture


Similar Part No. - FMT1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FMT1080 ETC2-FMT1080 Datasheet
170Kb / 1P
   Panel Mount Modular Coupler
FMT1081 ETC2-FMT1081 Datasheet
174Kb / 1P
   Panel Mount Modular Coupler Un-Shielded, RJ45 - Black
More results

Similar Description - FMT1000

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PMW3901MB-TXQT PIXART-PMW3901MB-TXQT Datasheet
1Mb / 11P
   Optical Motion Tracking Chip
logo
Freescale Semiconductor...
MMA7660FC FREESCALE-MMA7660FC_12 Datasheet
599Kb / 35P
   3-Axis Orientation/Motion Detection Sensor
logo
Microchip Technology
MCP7150 MICROCHIP-MCP7150_16 Datasheet
329Kb / 28P
   Motion Module
07/14/15
MD200C08D2 MICROCHIP-MD200C08D2 Datasheet
329Kb / 28P
   Motion Module
07/14/15
logo
Freescale Semiconductor...
MMA7660FC FREESCALE-MMA7660FC Datasheet
803Kb / 34P
   3-Axis Orientation/Motion Detection Sensor
logo
NXP Semiconductors
MMA7660FC NXP-MMA7660FC Datasheet
705Kb / 35P
   3-Axis Orientation/Motion Detection Sensor
Rev 8, 03/2012
logo
Broadcom Corporation.
AFBR-S50MV85G BOARDCOM-AFBR-S50MV85G Datasheet
1Mb / 19P
   Time-of-Flight Sensor Module for Distance and Motion Measurement
AFBR-S50LV85D BOARDCOM-AFBR-S50LV85D Datasheet
959Kb / 19P
   Time-of-Flight Sensor Module for Distance and Motion Measurement
December 12, 2022
logo
Telecommunication Elec...
TMSM100-1500 TELTRON-TMSM100-1500 Datasheet
750Kb / 2P
   microwave motion sensor module
TMSM200-100 TELTRON-TMSM200-100 Datasheet
700Kb / 2P
   microwave motion sensor module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com