Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WT2F-P270 Datasheet(PDF) 3 Page - SICK AG

Part # WT2F-P270
Description  Photoelectric proximity sensor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WT2F-P270 Datasheet(HTML) 3 Page - SICK AG

  WT2F-P270 Datasheet HTML 1Page - SICK AG WT2F-P270 Datasheet HTML 2Page - SICK AG WT2F-P270 Datasheet HTML 3Page - SICK AG WT2F-P270 Datasheet HTML 4Page - SICK AG WT2F-P270 Datasheet HTML 5Page - SICK AG WT2F-P270 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Photoelectric sensorsAAAAAAAAAAAAA© SICK AG. Subject to change without notice.AAAAAAAAAAAAA2/2/2016 2:01:38 AM
1) +- 10 % 2) May not exceed or fall below Uv tolerances 3) Signal transit time with resistive load 4) With light/dark ratio 1:1 5) Do not bend below 0 °C 6) A = VS
connections reverse-polarity protected 7) C = interference suppression 8) D = outputs overcurrent and short-circuit protected
Switching frequency:
1,000 Hz 4)
Connection type:
Cable with connector M8, 3-pin, 200 mm 5)
Cable material:
PVC
Cable diameter:
2.4 mm
Circuit protection:::
A, C, D 6) 7) 8)
Weight:
20 g
Polarisation filter:
-
Special device:
-
Reverse polarity protection:
ü
Short-circuit protection:
ü
Optics material:
PC
Enclosure rating:
IP 67
Ambient operating temperature:
-20 °C ... +55 °C
Ambient storage temperature:
-40 °C ... +75 °C
Signal voltage PNP HIGH/LOW:
Approx. VS - 1.8 V ∕ 0 V
Signal voltage NPN HIGH/LOW:
Approx. VS ∕ < 1.8 V
Housing material:
Plastic, PC
Dimensional drawing


Similar Part No. - WT2F-P270

ManufacturerPart #DatasheetDescription
logo
SICK AG
WT2F-P240 SICK-WT2F-P240 Datasheet
669Kb / 6P
   Photoelectric proximity sensor
WT2F-P250 SICK-WT2F-P250 Datasheet
670Kb / 6P
   Photoelectric proximity sensor
WT2F-P280 SICK-WT2F-P280 Datasheet
672Kb / 6P
   Photoelectric proximity sensor
More results

Similar Description - WT2F-P270

ManufacturerPart #DatasheetDescription
logo
SICK AG
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WT2F-P280 SICK-WT2F-P280 Datasheet
672Kb / 6P
   Photoelectric proximity sensor
WT100-2N3439 SICK-WT100-2N3439 Datasheet
831Kb / 7P
   Photoelectric proximity sensor
WT100-2P0409S45 SICK-WT100-2P0409S45 Datasheet
837Kb / 7P
   Photoelectric proximity sensor
WT100-2P4419 SICK-WT100-2P4419 Datasheet
825Kb / 7P
   Photoelectric proximity sensor
WTB4S-3N1132H SICK-WTB4S-3N1132H Datasheet
1Mb / 6P
   Photoelectric proximity sensor
WTB4S-3N1135H SICK-WTB4S-3N1135H Datasheet
1Mb / 6P
   Photoelectric proximity sensor
WTB4S-3P3204HS01 SICK-WTB4S-3P3204HS01 Datasheet
1Mb / 6P
   Photoelectric proximity sensor
WTB4S-3P3235H SICK-WTB4S-3P3235H Datasheet
1Mb / 6P
   Photoelectric proximity sensor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com