Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD0J152MNL1GS Datasheet(PDF) 1 Page - Nichicon corporation

Part # UCD0J152MNL1GS
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UCD0J152MNL1GS Datasheet(HTML) 1 Page - Nichicon corporation

  UCD0J152MNL1GS Datasheet HTML 1Page - Nichicon corporation UCD0J152MNL1GS Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
126
CAT.8100E
ALUMINUM ELECTROLYTIC CAPACITORS
U
U
U
U
(
φ4 to φ8 × φ6.2)
(
φ12.5 to φ18)
(
φ8 × 10, φ10)
0.3 MAX.
C ±0.2
H
H
0.3 MAX.
C±0.2
L±0.3
L±0.5
Series
Capacitance
Lot No.
Lot No.
Capacitance
Plastic platform
Plastic platform
Series
Trade mark
Voltage ( j : 6.3V )
Voltage ( E : 25V )
Negative
Positive
Negative
Positive
Trade mark
Pressure
relief vent
1
1: Size
φ8 × 6.2 only
2
2 : Except :
φ10 × 7.7L
Trade mark
Voltage
Series
Capacitance
Lot No.
L±1.0
C±0.2
H
Plastic platform
Pressure
relief vent
0.3 MAX.
Positive
Negative
φ8 × 10L, φ10 × 10L, φ12.5 × 13.5L, φ16 × 16.5L, φ18 × 16.5L :
The vibration structure-resistant product is also available upon request, please ask for details.
V
Code
6.3
j
10
A
16
C
25
E
35
V
50
H
63
J
80
K
100
2A
Voltage
U
1
C
2
D
3
1
4
C
5
1
6
0
7
1
8
M
9
C
10
L
11
1
12
G
13
S
14
φ D
4 to 6.3
8 (6.2L)
CL
CL
8(10L) •
10(10L,13.5L)
NL
10(7.7L)
CL
12.5 to 18
NQ
Configuration
Size code
Package code
Capacitance tolerance (±20%)
Rated capacitance (100
µF)
Rated voltage (16V)
Series name
Type
Code
A
B
C
E
L
H
4 × 5.8
1.8
4.3
4.3
1.0
5.8
0.5 to 0.8
5 × 5.8
2.1
5.3
5.3
1.3
5.8
0.5 to 0.8
6.3 × 5.8
2.4
6.6
6.6
2.2
5.8
0.5 to 0.8
6.3 × 7.7
2.4
6.6
6.6
2.2
7.7
0.5 to 0.8
(mm)
8 × 6.2
3.3
8.3
8.3
2.3
6.2
0.5 to 0.8
8 × 10
2.9
8.3
8.3
3.1
10
0.8 to 1.1
10 × 7.7
3.2
10.3
10.3
4.5
7.7
0.8 to 1.1
10 × 10
3.2
10.3
10.3
4.5
10
0.8 to 1.1
10 × 13.5
3.2
10.3
10.3
4.5
13.5
0.8 to 1.1
φ D × L
A
B
C
E
L
H
12.5 × 13.5
4.8
13.6
13.6
4.0
13.5
1.0 to 1.4
16 × 16.5
5.4
17.1
17.1
6.3
16.5
1.0 to 1.4
18 × 16.5
6.4
19.1
19.1
6.3
16.5
1.0 to 1.4
φ D × L
Taping
Taping
φ4 to 10
φ12.5 to 18
GS
MS
Tray
φ12.5 to 18
ZD
Code
Package
Size
Type numbering system (Example : 16V 100
µF)
Specifications
Item
Performance Characteristics
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
Stability at Low Temperature
Endurance
Shelf Life
Resistance to soldering
heat
Marking
– 55 to +105°C
6.3 to 100V
1 to 3300F
±20% at 120Hz, 20°C
After 2 minutes' application of rated voltage, leakage current is not more than 0.01 CV or 3 (
µA), whichever is greater.
After storing the capacitors under no load at 105°C for 1000 hours and then performing voltage treatment based on JIS C 5101-4 clause 4.1 at
20°C, they shall meet the specified values for the endurance characteristics listed above.
The capacitors are kept on a hot plate for 30 seconds, which is
maintained at 250°C. The capacitors shall meet the characteristic
requirements listed at right when they are removed from the
plate and restored to 20°C.
6.3
2
3
4
Z—25°C / Z+20°C
Z—40°C / Z+20°C
Z—55°C / Z+20°C
Measurement frequency : 120Hz
Measurement frequency : 120Hz at 20°C
For capacitance of more than 1000
µF, add 0.02 for every increase of 1000µF.
Black print on the case top.
Capacitance Change
tan
δ
Leakage current
Within ± 10% of the initial capacitance value
Less than or equal to the initial specified value
Less than or equal to the initial specified value
Capacitance Change
tan
δ
Leakage current
Within ± 30% of the initial capacitance value
200% or less than the initial specified value
300% or less than the initial specified value for 63V or more
Less than or equal to the initial specified value
Rated voltage (V)
tan
δ (MAX.)
Rated voltage (V)
Impecance ratio
ZT / Z20 (MAX.)
10
2
3
4
16
2
3
4
25
2
3
3
35
2
3
3
50
2
3
3
63
2
3
3
80
2
3
3
100
2
3
3
6.3
0.26
10
0.19
16
0.16
25
0.14
35
0.12
50
0.10
63
0.08
80
0.08
100
0.07
Tangent of loss angle (tan
δ)
The specifications listed at right shall be met when the
capacitors are restored to 20°C after the rated voltage is
applied for 5000 hours (2000 hours for L
10 mm: 50V
or less, and for L
10mm: 63V or more) at 105°C.
Dimension table in next page.


Similar Part No. - UCD0J152MNL1GS

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UCD1A101MCL NICHICON-UCD1A101MCL Datasheet
66Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A151MCL NICHICON-UCD1A151MCL Datasheet
66Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A151MCL1GS NICHICON-UCD1A151MCL1GS Datasheet
61Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A221MCL NICHICON-UCD1A221MCL Datasheet
66Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UCD0J152MNL1GS

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com