Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80033 Datasheet(PDF) 1 Page - Alpha Wire

Part # 80033
Description  3 Components Cabled
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

80033 Datasheet(HTML) 1 Page - Alpha Wire

  80033 Datasheet HTML 1Page - Alpha Wire 80033 Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ALPHA WIRE
CUSTOMER PRODUCT SPECIFICATION
Part Number: 80033
Issue:
1
Page 1 of 2 Pages
Issue Date:
3/24/2015
Effective Date:
5/19/2015
Although Alpha Wire Company ("Alpha") makes every reasonable effort to ensure their accuracy at the time of publication, information and specifications
described herein are subject to errors or omissions and to changes without notice, and the listing of such information and specifications does not ensure
product availability.
Alpha provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express, statutory or implied. In
no event will Alpha be liable for any damages (including consequential, indirect, incidental, special, punitive, or exemplary) whatsoever, even if Alpha has
been advised of the possibility of such damages, whether in an action under contract, negligence or any other theory, arising out of or in connection with the
use, or inability to use, the information or specifications described herein.
711 Lidgerwood Ave Elizabeth, NJ 07207-0711
Toll Free 1-800-52 ALPHA • T: 1-908-925-8000 • F: 908-925-5411 • Email: info@alphawire.com
www.alphawire.com
A.
Construction
Diameters (In)
1)
Component 1
3 X 1 COND
a)
Conductor
18 (41/34) AWG Tinned Copper
0.043
b)
Insulation
0.010" Wall, Nom. MPPE
0.063
(1) Print
ALPHANUMERIC NUMBERS - 1-ONE ALTERNATING AND
INVERTED
(2) Color Code
Alpha Wire Color Code KX
Cond
Color
Cond
Color
Cond
Color
1
GREEN/YELLOW
2
BLACK#1
3
BLACK#2
2)
Cable Assembly
3 Components Cabled
a)
Twists:
8.0 Twists/foot (min)
b)
Core Wrap
Nonwoven Polyester Tape, 25% Overlap, Min.
3)
Jacket
0.032" Wall, Nom.,Polyurethane, Zero Halogen (ZH)
0.204+/- 0.010
a)
Color(s)
SLATE
b)
Print
ALPHA WIRE-* P/N 80033 3C 18 AWG
RU AWM STYLE 21959 90C 600V SUN RES 60C OIL OR
CRU AWM I/II A/B 90C 600V FT2 --- IEC EN 60332-1/2
CE
ROHS
(SEQ FOOTAGE)
* = Factory Code
B.
Applicable Specifications
1)
UL
a)
Component 1
AWM/STYLE 11231
105°C / 600 VRMS
b)
Overall
AWM/STYLE 21959
90°C / 600 VRMS
60C OIL
SUN RES
2)
CSA International
C(RU) AWM I/II A/B
90°C / 600 VRMS
FT2
3)
IEC
a)
Component 1
EN 60228 Conductors, Class 6
b)
Overall
EN 60754-1 Acid Gas Generation
EN 60754-2 Acid Gas Generation
EN 60332-1 Flame Behavior
EN 60332-2 Flame Behavior
4)
CE:
EU Low Voltage Directive 2006/95/EC
C.
Environmental Compliance
1)
CE:
EU Directive 2011/65/EU(RoHS2):
This product complies with European Directive 2011/65/EU (RoHS Directive) of the
European Parliament and of the Council of 8 June 2011. No Exemptions are
required for RoHS Compliance on this item. Consult Alpha Wire's web site
for RoHS C of C.
2)
REACH Regulation (EC 1907/2006):
This product does not contain Substances of Very High Concern (SVHC) listed on
the European Union's REACH candidate list in excess of 0.1% mass of the item. For
up-to-date information, please see Alpha's REACH SVHC Declaration.
D.
Physical & Mechanical Properties
1)
Temperature Range
-50 to 90°C(static), -40 to 80°C (dynamic)
2)
Bend Radius
4X Cable Diameter(static), 6X Cable Diameter(dynamic)
3)
Pull Tension
38 Lbs, Maximum
4)
Sunlight Resistance
Yes
E.
Electrical Properties
(For Engineering purposes only)
1)
Voltage Rating
600 VRMS
2)
Capacitance
18.7 pf/ft @1 kHz, Nominal Conductor to Conductor


Similar Part No. - 80033

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8003345 FESTO-8003345 Datasheet
101Kb / 2P
   Pressure sensor
8003346 FESTO-8003346 Datasheet
101Kb / 2P
   Pressure sensor
8003347 FESTO-8003347 Datasheet
100Kb / 2P
   Pressure sensor
8003348 FESTO-8003348 Datasheet
100Kb / 2P
   Pressure sensor
8003349 FESTO-8003349 Datasheet
100Kb / 2P
   Pressure sensor
More results

Similar Description - 80033

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
80009 ALPHAWIRE-80009 Datasheet
42Kb / 2P
   3 Components Cabled
80052 ALPHAWIRE-80052 Datasheet
42Kb / 2P
   3 Components Cabled
45463 ALPHAWIRE-45463 Datasheet
66Kb / 2P
   3 Components Cabled
45383 ALPHAWIRE-45383 Datasheet
65Kb / 2P
   3 Components Cabled
80142 ALPHAWIRE-80142 Datasheet
42Kb / 2P
   3 Components Cabled
45103 ALPHAWIRE-45103 Datasheet
65Kb / 2P
   3 Components Cabled
45113 ALPHAWIRE-45113 Datasheet
65Kb / 2P
   3 Components Cabled
45153 ALPHAWIRE-45153 Datasheet
65Kb / 2P
   3 Components Cabled
45163 ALPHAWIRE-45163 Datasheet
65Kb / 2P
   3 Components Cabled
45193 ALPHAWIRE-45193 Datasheet
65Kb / 2P
   3 Components Cabled
80042 ALPHAWIRE-80042 Datasheet
42Kb / 2P
   3 Components Cabled
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com