Electronic Components Datasheet Search |
|
5707.0101.112 Datasheet(PDF) 1 Page - Schurter Inc. |
|
5707.0101.112 Datasheet(HTML) 1 Page - Schurter Inc. |
1 / 7 page 1 Power Entry Modules with Line Filter 5707 www.schurter.com/PG06 EMC Products IEC Appliance Inlet C14 or C18 with Filter, Protection Degree IP65 into the Appliance, Fuseholder 1- or 2-pole, Front or Rear Mounting 5707.xxxx.xx2 Mounting from front side 5707.xxxx.xxx.22 with IP 54 V-Lock cord con- nection 5707 with IP 54 Inlet Gasket Medical fuse drawer C14 70° C C18 70° C Description - Panel Mount: Screw-on version from front or rear side, Screws with sealing are inclu- ded - 4 Functions: Appliance Inlet protection class I or II, Line filter in standard and medi- cal version, Fuseholder for fuse-links 5 x 20 mm, IP 65 protection into the appliance - For front side mounting versions a sealing kit IP 54 for the power sup- ply connection is available as an accessory: 4700.0021 - Option suffix ".22" offers IP54 for the power input in combination with V-Lock cordsets - Quick connect terminals 6.3 x 0.8 mm Approvals - VDE Certificate Number: 40016382 - UL File Number: E72928 Characteristics - Extreme robust design - All single elements are already wired - Screw type fuse carrier, slotted - With EMC-shield - Especially for applications in rough environments - Suitable for use in equipment according to IEC/UL 60950 Suitable for use in medical equipment according to IEC/UL 60601-1 Other versions on request - With solder terminals - Class X1- and Y1-capacitors for enhanced withstand voltage - Medical version M80 - Additional factory-mounted sealing (IP54) of power input - Version with current rating 3 A Weblinks pdf-datasheet, html-datasheet, General Product Information, Approvals, CE declaration of conformity, RoHS, CHINA-RoHS, REACH, Mating Connectors, e-Shop, SCHURTER-Stock-Check, Distributor-Stock- Check, CAD-Drawings, Accessories, Wire Harnessing, Detailed request for product Newly available variants corresponding to V-Lock mating cordset. The connector is equipped with a notch intended for use with the latching cordset. The cord latching system prevents against accidental removal of the cordset. Newly available variants corresponding to V-Lock mating cordset. The connector is equipped with a notch intended for use with the latching cordset. The cord latching system prevents against accidental removal of the cordset. Technical Data Ratings IEC 1 - 8 A @ Ta 40 °C / 250 VAC; 50 Hz Ratings UL/CSA 1 - 8 A @ Ta 40 °C / 125 VAC; 60 Hz Leakage Current standard < 0.5 mA (250 V / 60 Hz) medical < 5 µA (250 V / 60 Hz) Dielectric Strength > 1.7 kVDC between L-N > 2.7 kVDC between L/N-PE Test voltage (2 sec) Allowable Operation Temp. -25 °C to 85 °C Climatic Category 25/085/21 acc. to IEC 60068-1 Degree of Protection from front side IP 65 acc. to IEC 60529 from rear-side IP 65 acc. to IEC 60529 Protection Class Suitable for appliances with protection class I or II acc. to IEC 61140 Terminal Quick connect terminals 6.3 x 0.8 mm Panel Thickness s Screw, max 3 mm Mounting screw torque max 0.8 Nm 2 screws M3 with sealing are provided Material: Housing black / white / metallic, UL 94V-0 Appliance-Inlet/-Outlet C14 / C18 acc. to IEC 60320-1 UL 498, CSA C22.2 no. 42 (for cold conditions) pin-temperature 70 °C, 8 A, Protection Class I or II Fuseholder 1 or 2 pole, Shocksafe category PC2 acc. to IEC 60127-6, for fuse-links 5 x 20 mm Rated Power Acceptance @ Ta 23 °C 5 x 20: 1.6 W 1-pole/ 1,2 W 2-pole per pole Power Acceptance @ Ta > 23°C Admissible power acceptance at higher ambient temperature see derating cur- ves Line Filter Standard and Medical Version, IEC 60939, UL 1283, CSA C22.2 no. 8 Technical Details MTBF > 2'800'000 h acc. to MIL-HB-217 F |
Similar Part No. - 5707.0101.112 |
|
Similar Description - 5707.0101.112 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |