Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATV212H075N4 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ATV212H075N4
Description  variable speed drive ATV212
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATV212H075N4 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ATV212H075N4 Datasheet HTML 1Page - List of Unclassifed Manufacturers ATV212H075N4 Datasheet HTML 2Page - List of Unclassifed Manufacturers ATV212H075N4 Datasheet HTML 3Page - List of Unclassifed Manufacturers ATV212H075N4 Datasheet HTML 4Page - List of Unclassifed Manufacturers ATV212H075N4 Datasheet HTML 5Page - List of Unclassifed Manufacturers ATV212H075N4 Datasheet HTML 6Page - List of Unclassifed Manufacturers ATV212H075N4 Datasheet HTML 7Page - List of Unclassifed Manufacturers ATV212H075N4 Datasheet HTML 8Page - List of Unclassifed Manufacturers ATV212H075N4 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Sep 19, 2011
1
Product data sheet
Characteristics
ATV212H075N4
variable speed drive ATV212 - 0.75kW - 1hp -
480V - 3ph - EMC - IP21
Main
Range of product
Altivar 212
Product or component
type
Variable speed drive
Device short name
ATV212
Product destination
Asynchronous motors
Product specific appli-
cation
Pumps and fans in HVAC
Assembly style
With heat sink
Network number of
phases
3 phases
Motor power kW
0.75 kW
Motor power hp
1 hp
Power supply voltage
380...480 V (- 15...10 %)
Power supply voltage
limits
323...528 V
Supply frequency
50...60 Hz (- 5...5 %)
Network frequency
47.5...63 Hz
EMC filter
Class C2 EMC filter integrated
Line current
1.4 A for 480 V
1.7 A for 380 V
Complementary
Apparent power
1.6 kVA for 380 V
Prospective line Isc
5 kA
Continuous output current
2.2 A at 380/460 V
Maximum transient current
2.4 A for 60 s
Speed drive output frequency
0.5...200 Hz
Nominal switching frequency
12 kHz
Switching frequency
6...16 kHz adjustable
12...16 kHz with derating factor
Speed range
1...10
Speed accuracy
+/- 10 % of nominal slip for 0.2 Tn to Tn torque variation
Torque accuracy
+/- 15 %
Transient overtorque
120 % of nominal motor torque for 60 s
Asynchronous motor control profile
Voltage/Frequency ratio, 2 points
Voltage/Frequency ratio, 5 points
Flux vector control without sensor, standard
Voltage/Frequency ratio - Energy Saving, quadratic U/f
Voltage/Frequency ratio, automatic IR compensation (U/f + automatic Uo)
Regulation loop
Adjustable PI regulator
Motor slip compensation
Adjustable
Automatic whatever the load
Not available in voltage/frequency ratio motor control
Local signalling
1 LED - red - DC bus energized
Output voltage
<= power supply voltage
Isolation
Electrical between power and control
Type of cable for external connection
IEC cable without mounting kit: 1 wire(s) - 45 °C, copper 90 °C / XLPE/EPR
IEC cable without mounting kit: 1 wire(s) - 45 °C, copper 70 °C / PVC
UL 508 cable with UL Type 1 kit: 3 wire(s) - 40 °C, copper 75 °C / PVC
Electrical connection
Terminal 2.5 mm² / AWG 14 (VIA, VIB, FM, FLA, FLB, FLC, RY, RC, F, R, RES)
Terminal 6 mm² / AWG 10 (L1/R, L2/S, L3/T)


Similar Part No. - ATV212H075N4

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ATV212H075N4 SCHNEIDER-ATV212H075N4 Datasheet
222Kb / 12P
   variable speed drive ATV212 - 0.75kW - 1hp - 480V - 3ph - EMC - IP21
Jan 12, 2022
ATV212H075N4 SCHNEIDER-ATV212H075N4_V01 Datasheet
222Kb / 12P
   variable speed drive ATV212 - 0.75kW - 1hp - 480V - 3ph - EMC - IP21
Jan 12, 2022
More results

Similar Description - ATV212H075N4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATV212HU15N4 ETC2-ATV212HU15N4 Datasheet
187Kb / 11P
   variable speed drive ATV212
ATV212HU75N4 ETC2-ATV212HU75N4 Datasheet
177Kb / 11P
   variable speed drive ATV212
ATV212HU15M3X ETC2-ATV212HU15M3X Datasheet
174Kb / 11P
   variable speed drive ATV212
ATV212HU22N4 ETC2-ATV212HU22N4 Datasheet
176Kb / 11P
   variable speed drive ATV212
ATV212H075M3X ETC2-ATV212H075M3X Datasheet
186Kb / 11P
   variable speed drive ATV212
ATV212HD15N4 ETC2-ATV212HD15N4 Datasheet
180Kb / 11P
   variable speed drive ATV212
ATV212HD11N4 ETC2-ATV212HD11N4 Datasheet
165Kb / 11P
   variable speed drive ATV212
ATV212HU40N4 ETC2-ATV212HU40N4 Datasheet
183Kb / 11P
   variable speed drive ATV212
ATV212HU55N4 ETC2-ATV212HU55N4 Datasheet
173Kb / 11P
   variable speed drive ATV212
ATV212HD18N4 ETC2-ATV212HD18N4 Datasheet
166Kb / 11P
   variable speed drive ATV212
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com