Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATV212HU55N4 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ATV212HU55N4
Description  variable speed drive ATV212
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATV212HU55N4 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ATV212HU55N4 Datasheet HTML 1Page - List of Unclassifed Manufacturers ATV212HU55N4 Datasheet HTML 2Page - List of Unclassifed Manufacturers ATV212HU55N4 Datasheet HTML 3Page - List of Unclassifed Manufacturers ATV212HU55N4 Datasheet HTML 4Page - List of Unclassifed Manufacturers ATV212HU55N4 Datasheet HTML 5Page - List of Unclassifed Manufacturers ATV212HU55N4 Datasheet HTML 6Page - List of Unclassifed Manufacturers ATV212HU55N4 Datasheet HTML 7Page - List of Unclassifed Manufacturers ATV212HU55N4 Datasheet HTML 8Page - List of Unclassifed Manufacturers ATV212HU55N4 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Tightening torque
0.6 N.m (VIA, VIB, FM, FLA, FLB, FLC, RY, RC, F, R, RES)
1.3 N.m - 11.5 lb.in (L1/R, L2/S, L3/T)
Supply
Internal supply for reference potentiometer (1 to 10 kOhm): 10.5 V DC, +/- 5 % -
<= 10 A with overload and short-circuit protection
Internal supply: 24 V (21...27 V) DC - <= 200 A with overload and short-circuit
protection
Analogue input number
2
Analogue input type
Configurable PTC probe: (VIB) 0...6 probes - 1500 Ohm
Switch-configurable voltage: (VIA) 0...10 V DC - 24 V max - 30000 Ohm -
resolution: 10 bits
Switch-configurable current: (VIA) 0...20 mA - 250 Ohm - resolution: 10 bits
Configurable voltage: (VIB) 0...10 V DC - 24 V max - 30000 Ohm - resolution: 10
bits
Sampling duration
2 ms +/- 0.5 ms (F) - discrete input(s)
2 ms +/- 0.5 ms (R) - discrete input(s)
2 ms +/- 0.5 ms (RES) - discrete input(s)
3.5 ms +/- 0.5 ms (VIA) - analog input(s)
22 ms +/- 0.5 ms (VIB) - analog input(s)
Response time
2 ms +/- 0.5 ms (FM) - analog output(s)
7 ms +/- 0.5 ms (FLA, FLC) - discrete output(s)
7 ms +/- 0.5 ms (FLB, FLC) - discrete output(s)
7 ms +/- 0.5 ms (RY, RC) - discrete output(s)
Accuracy
+/- 0.6 % (VIA) for a temperature variation 60 °C
+/- 0.6 % (VIB) for a temperature variation 60 °C
+/- 1 % (FM) for a temperature variation 60 °C
Linearity error
+/- 0.15 % of maximum value for input (VIA)
+/- 0.15 % of maximum value for input (VIB)
+/- 0.2 % for output (FM)
Analogue output number
1
Analogue output type
Switch-configurable voltage: (FM) 0...10 V DC - 7620 Ohm - resolution: 10 bits
Switch-configurable current: (FM) 0...20 mA - 970 Ohm - resolution: 10 bits
Discrete output number
2
Discrete output type
Configurable relay logic: (FLA, FLC) NO - 100000 cycles
Configurable relay logic: (FLB, FLC) NC - 100000 cycles
Configurable relay logic: (RY, RC) NO - 100000 cycles
Minimum switching current
3 mA at 24 V DC (configurable relay logic)
Maximum switching current
5 A at 250 V AC on resistive load - cos phi = 1 - L/R = 0 ms (FL, R)
5 A at 30 V DC on resistive load - cos phi = 1 - L/R = 0 ms (FL, R)
2 A at 250 V AC on inductive load - cos phi = 0.4 - L/R = 7 ms (FL, R)
2 A at 30 V DC on inductive load - cos phi = 0.4 - L/R = 7 ms (FL, R)
Discrete input type
Programmable (F) 24 V DC, with level 1 PLC - 4700 Ohm
Programmable (R) 24 V DC, with level 1 PLC - 4700 Ohm
Programmable (RES) 24 V DC, with level 1 PLC - 4700 Ohm
Discrete input logic
Positive logic (source) (F, R, RES), <= 5 V (state 0), >= 11 V (state 1)
Negative logic (sink) (F, R, RES), >= 16 V (state 0), <= 10 V (state 1)
Acceleration and deceleration ramps
Automatic based on the load
Linear adjustable separately from 0.01 to 3200 s
Braking to standstill
By DC injection
Protection type
Overheating protection for drive
Thermal power stage for drive
Short-circuit between motor phases for drive
Input phase breaks for drive
Overcurrent between output phases and earth for drive
Overvoltages on the DC bus for drive
Break on the control circuit for drive
Against exceeding limit speed for drive
Line supply overvoltage and undervoltage for drive
Line supply undervoltage for drive
Against input phase loss for drive
Thermal protection for motor
Motor phase break for motor
With PTC probes for motor
Dielectric strength
3535 V DC between earth and power terminals
5092 V DC between control and power terminals
Insulation resistance
>= 1 MOhm at 500 V DC for 1 minute
Frequency resolution
0.1 Hz for display unit
0.024/50 Hz for analog input


Similar Part No. - ATV212HU55N4

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ATV212HU55N4 SCHNEIDER-ATV212HU55N4 Datasheet
213Kb / 12P
   variable speed drive ATV212 - 5.5kW - 7.5hp - 480V - 3ph - EMC - IP21
Jan 22, 2022
ATV212HU55N4 SCHNEIDER-ATV212HU55N4_V01 Datasheet
213Kb / 12P
   variable speed drive ATV212 - 5.5kW - 7.5hp - 480V - 3ph - EMC - IP21
Jan 22, 2022
More results

Similar Description - ATV212HU55N4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATV212H075N4 ETC2-ATV212H075N4 Datasheet
170Kb / 11P
   variable speed drive ATV212
ATV212HU15N4 ETC2-ATV212HU15N4 Datasheet
187Kb / 11P
   variable speed drive ATV212
ATV212HU75N4 ETC2-ATV212HU75N4 Datasheet
177Kb / 11P
   variable speed drive ATV212
ATV212HU15M3X ETC2-ATV212HU15M3X Datasheet
174Kb / 11P
   variable speed drive ATV212
ATV212HU22N4 ETC2-ATV212HU22N4 Datasheet
176Kb / 11P
   variable speed drive ATV212
ATV212H075M3X ETC2-ATV212H075M3X Datasheet
186Kb / 11P
   variable speed drive ATV212
ATV212HD15N4 ETC2-ATV212HD15N4 Datasheet
180Kb / 11P
   variable speed drive ATV212
ATV212HD11N4 ETC2-ATV212HD11N4 Datasheet
165Kb / 11P
   variable speed drive ATV212
ATV212HU40N4 ETC2-ATV212HU40N4 Datasheet
183Kb / 11P
   variable speed drive ATV212
ATV212HD18N4 ETC2-ATV212HD18N4 Datasheet
166Kb / 11P
   variable speed drive ATV212
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com