Electronic Components Datasheet Search |
|
5707.0103.313 Datasheet(PDF) 6 Page - Schurter Inc. |
|
5707.0103.313 Datasheet(HTML) 6 Page - Schurter Inc. |
6 / 7 page 6 Power Entry Modules with Line Filter 5707 www.schurter.com/PG06 EMC Products Rated Cur- rent [A] Filter-Type Mounting side Protection Class Fuseholder Color Order Number █ Most Popular. Availability for all products can be searched real-time:http://www.schurter.com/Stock-Check/Stock-Check-SCHURTER IIn addition to the IP 65 sealing to the appliance (standard version), the power input can be protected from ingressing fluids and dust with IP 54. This option is for V-Lock cordsets with suffix ".22" or for a cord with a retaining set with suffix ".01" available. The variant for IP54 with V-Lock cordsets is for front and rear side mounting versions available (5707.xxxx.xxx.22). The variant for IP54 with cord retaining set is only for front mounting versions available (5707.xxxx.xxx.01). A cord retaining set is available for fixing the cord connector: 4700.0021 (sample 4700.0021.H) Suffix ".21" corresponds to the version with V-Lock mating cordset. The connector is equipped with a notch intended for use with the latching cordset. The cord latching system prevents against accidental removal of the cordset. Packaging unit 10 Pcs Accessories Description Wire Harness Wire harness for SCHURTER products Assorted Covers Rear Cover 0859.0047 Mating Outlets/Connectors Category / Description Connector Overview complete 4782 Mounting: Power Cord, 3 x 1 mm² / 3 x 18 AWG, Cable, Connector: IEC C13 4782 4022 Mounting: Power Supply Cord, 3 x 1.5 mm², Screw clamps, Connector: IEC C13 4022 4785 Mounting: Power Cord, 3 x 1 mm² / 3 x 18 AWG, Cable, Connector: IEC C13 4785 4300-06 Mounting: Power Cord, 3 x 1 mm² / 3 x 18 AWG, Cable, Connector: IEC C13 4300-06 4012 Mounting: Power Supply Cord, 3 x 1.5 mm², Screw clamps, Connector: IEC C13 4012 Connector further types to 5707 ... Interconnection Cord Overview complete Cord Sets 10 A, Interconnection, 1.0 m, Connector IEC C13, cord end: 6007.0212 Cord Sets 10 A, Interconnection, 2.0 m, Connector IEC C13, cord end: 6007.0214 Interconnection Cord further types to 5707 |
Similar Part No. - 5707.0103.313 |
|
Similar Description - 5707.0103.313 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |